Part Number Hot Search : 
04304 1215Z 51163 SBT6045 10B08 BT4401 216GA60 WR303
Product Description
Full Text Search
 

To Download AT24C21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? 2-wire serial interface  schmitt trigger, filtered inputs for noise suppression  ddc1?/ ddc2? interface compliant for monitor identification  low-voltage operation ? 2.5 (v cc = 2.5v to 5.5v)  internally organized 128 x 8  100 khz (2.5v) compatibility  8-byte page write mode  write protection available  self-timed write cycle (10 ms max)  high reliability ? endurance: 1 million write cycles ? data retention: 100 years  8-lead pdip and 8-lead jedec soic packages description the AT24C21 provides 1024 bits of serial electrically erasable and programmable read only memory (eeprom) organized as 128 words of 8 bits each. the device is optimized for use in applications requiring data storage and serial transmission of con- figuration and control information. the AT24C21 features two modes of operation: transmit-only mode and bidirectional mode. upon power-up, the AT24C21 will be in the transmit-only mode, sending a serial-bit stream of the entire memory contents, clocked via the vclk pin. the bidirectional mode is selected by a valid high-to-low transition on the scl pin and offers byte selectable read/write capability of the entire memory array. the AT24C21 is available in space saving 8-lead pdip and 8-lead jedec soic packages. 2-wire serial eeprom 1k (128 x 8) AT24C21 not recommended for new designs rev. 0405i?seepr?7/03 2-wire, 1k serial eeprom pin configurations pin name function nc no connect sda serial data scl serial clock input (bidirectional mode) vclk serial clock input (transmit-only mode) 8-lead pdip 1 2 3 4 8 7 6 5 nc nc nc gne vcc vclk scl sda 8-lead soic 1 2 3 4 8 7 6 5 nc nc nc gnd vcc vclk scl sda
2 AT24C21 0405i?seepr?7/03 block diagram absolute maximum ratings* operating temperature ................................. -55 c to +125 c *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature .................................... -65 c to +150 c voltage on any pin with respect to ground .....................................-1.0v to +7.0v maximum operating voltage .......................................... 6.25v dc output current........................................................ 5.0 ma
3 AT24C21 0405i?seepr?7/03 pin description serial clock (scl): the scl input is used to positive edge clock data into each eeprom device and n egative edge clock data out of each device. serial data (sda): the sda pin is bidirectional for serial data transfer. this pin is open-drain driven and may be wire-ored with any number of other open drain or open collector devices. serial clock (vclk): upon power-up, the device is in the transmit-only mode and will transmit the entire memory contents vi a the sda pin with positive signals on the vclk pin. memory organization AT24C21, 1k serial eeprom: internally organized with 128 pages of one byte each. the 1k requires a 7-bit data word address for random word addressing. note: 1. v il min and v ih max are for reference only and not tested. note: 1. this parameter is characterized and is not 100% tested. dc characteristics applicable over recommended operating range from: t ai = -40 c to +85 c, t ac = 0 c to +70 c, v cc = +2.5v to +5.5v (unless otherwise noted). symbol parameter test condition min typ max units v cc supply voltage 2.5 5.5 v i cc supply current v cc = 5.0v read at 100 khz 0.4 1.0 ma i cc supply current v cc = 5.0v write at 100 khz 2.0 3.0 ma i sb standby current v cc = 2.5v v cc = 5.0v v in = v cc or v ss v in = v cc or v ss 3.0 12.0 4.0 30.0 a a i li input leakage current v in = v cc or v ss 0.10 1.0 a i lo output leakage current v out = v cc or v ss 0.05 1.0 a v il input low level (1) scl, sda pin input low level vclk pin v cc 2.7v v cc < 2.7v -0.6 v cc 0.3 0.8 0.2 v cc v v v v ih input high level (1) scl, sda pin input high level vclk pin v cc 0.7 2.0 v cc + 0.5 v v v ol output low level v cc = 3.0v i ol = 2.1 ma 0.40 v pin capacitance (1) applicable over recommended operating range from t a = 25 c, f = 1.0 mhz, v cc = +1.8v. symbol test condition max units conditions c i/o input/output capacitance (sda) 8 pf v i/o = 0v c in input capacitance (a 0 , a 1 , a 2 , scl, vclk) 6 pf v in = 0v
4 AT24C21 0405i?seepr?7/03 note: 1. this parameter is characterized and is not 100% tested. transmit-only mode symbol parameter 2.5-volt units min max t va a output valid from vclk 500 ns t vhigh vclk high-time 4.0 s t vlow vclk low-time 4.7 s t vhz mode transition time 500 ns t vpu transmit-only power-up time 0 ns ac characteristics applicable over recommended operating range from t a = -40 c to +85 c, v cc = +2.5v to +5.5v c l = 1 ttl gate and 100 pf (unless otherwise noted). symbol parameter 2.5-volt units min max f scl clock frequency, scl 0 100 khz t low clock pulse width low 4.7 s t high clock pulse width high 4.0 s t i noise suppression time (1) (sda and scl pins) na ns t aa clock low to data out valid 0.1 3.5 s t buf time the bus must be free before a new transmission can start 4.7 s t hd.sta start hold time 4.0 s t su.sta start set-up time 4.7 s t hd.dat data in hold time 0 s t su.dat data in set-up time 250 ns t r inputs rise time (1) 1.0 s t f inputs fall time (1) 300 ns t su.sto stop set-up time 4.0 s t dh data out hold time 100 ns t wr write cycle time 10 ms endurance (1) 5.0v, 25c, page mode 1m write cycles
5 AT24C21 0405i?seepr?7/03 functional description the AT24C21 has two modes of operation: the transmit-only mode and the bidirec- tional mode. there is a separate 2-wire protocol to support each mode, each having a separate clock input (scl and vclk) and both modes sharing a common bidirectional data line (sda). the AT24C21 enters the transmit-only mode upon powering up the device. in this mode, the device transmits data on the sda pin upon a clock signal on the vclk pin. the device will remain in the transmit-only mode until a valid high-to-low transition takes place on the scl pin. the dev ice will switch into the bidirectional mode when a valid transition on the scl pin is recognized. once the device has transitioned to the bidirectional mode, there is no way to return to the transmit-only mode, except to power down (reset) the device. transmit-only mode (ddc1) the AT24C21 will power up in the transmit-only mode. in this mode, the device will out- put one bit of data on the sda pin on each rising edge on the vclk pin. data is transmitted in 8 bit words with the most significant bit first. each word is followed by a 9th ?don't care? bit which will be in high impedance state (refer to figure 1). the AT24C21 will continuously cycl e through the entire memory array in incremental sequence as long a vclk is present and no falling edges on scl are received. when the maximum address (7fh) is reached, the output will wrap around to the zero location (00h) and continue. the bidirectional mode clock (scl) pin must be held high for the device to remain in the transmit-only mode. upon power-up, the AT24C21 will not output valid data until it has been initialized. dur- ing initialization, data will not be available until after the first nine clocks are sent to the device (refer to figure 2). the starting address for the transmit-only mode can be deter- mined during initialization. if the sda pin is held high during the first eight clocks (refer to figure 2), the starting address will be 7fh. if the sda pin is low during the first eight clocks, the starting address will be 00h. during the ninth clock, sda should be in high impedance.
6 AT24C21 0405i?seepr?7/03 figure 1. transmit-only mode figure 2. device initialization for transmit-only mode
7 AT24C21 0405i?seepr?7/03 bidirectional mode (ddc2) this mode supports a 2-wire, bidirectional data transmission protocol. the AT24C21 can be switched into the bidirectional mode by issuing a valid high to low transition on the scl pin (refer to figure 3). after the device is in the bidirectional mode, all inputs to the vclk pin are ignored, except when a logic high is required to enable write capabil- ity. all byte and page writes and byte and sequential reads are supported in this mode. bidirectional mode operation clock and data transitions: the sda pin is normally pulled high with an exter- nal device. data on the sda pin may change only during scl low time periods (refer to data validity timing diagram). data changes during scl high periods will indicate a start or stop condition as defined below. start condition: a high-to-low transition of sda with scl high is a start condition which must precede any other command (refer to start and stop definition timing diagram). stop condition: a low-to-high transition of sda with scl high is a stop condition. after a read or write sequence, the stop command will place the eeprom in a standby power mode (refer to start and stop definition timing diagram). acknowledge: all addresses and data words are serially transmitted to and from the eeprom in 8-bit words. the eeprom sends a zero to acknowledge that it has received each word. this happe ns during the ninth clock cycle. device addressing the AT24C21 requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (refer to figure 4). the device address word consists of a mandatory one, zero sequence for the first four most significant bits as shown. this is common to all the eeprom devices. the next three bits are don?t care for the AT24C21. the eighth bit of the device address is the read/write operation select bit. a read opera- tion is initiated if this bit is high and a write operation is initiated if this bit is low. upon a compare of the device address, the eeprom will output a ze ro. if a compare is not made, the chip will re turn to a standby state. standby mode: the AT24C21 features a low power standby mode which is enabled: (a) upon power-up and (b) after the receipt of the stop bit and the completion of any internal operations. memory reset: after an interruption in protocol, power loss or system reset, any 2- wire part can be reset by following these steps: (a) clock up to 9 cycles, (b) look for sda high in each cycle while scl is high and then (c) create a start condition as sda is high.
8 AT24C21 0405i?seepr?7/03 figure 3. mode transition bus timing scl: serial clock, sda: serial data i/o write cycle timing scl: serial clock, sda: serial data i/o note: the write cycle time t wr is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle. t wr (1) stop condition start condition wordn ack 8th bit scl sda
9 AT24C21 0405i?seepr?7/03 data validity start and stop definition output acknowledge
10 AT24C21 0405i?seepr?7/03 write operations byte write: a write operation requires an 8-bit data word addresses following the device address word and acknowledgment. upon receipt of this address, the eeprom will again respond with a zero and then clock in the first 8-bit data word. following receipt of the 8-bit data word, the eeprom will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condi- tion. at this time the eeprom enters an internally-timed write cycle , t wr , to the nonvolatile memory. all inputs are disabled during this write cycle and the eeprom will not respond until the write is complete (refer to figure 5). it is required that vclk be held at a high logic level in order to program the device. this applies to byte write and page write operation. note that vclk can go low while the device is in its self-timed program operation and not affect programming. page write: the AT24C21 is capable of an 8-byte page write. a page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. instead, after the eeprom acknowledges receipt of the first data word, the microcontroller can transmit up to seven more data words. the eeprom will respond with a zero after each data word received. the microcontroller must terminate the page write sequence with a stop condition (refer to figure 6). the data word address lower three bits are internally incremented following the receipt of each data word. the higher data word address bits are not incremented, retaining the memory page row location. when the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. if more than eight data words are transmitted to the eeprom, the data word address will ?roll over? and previous data will be overwritten. the address ?roll over? during write is from the last byte of the current page to the first byte of the same page. it is required that vclk be held at a high logic level in order to program the device. this applies to byte write and page write operation. note that vclk can go low while the device is in its self-timed program operation and not affect programming. acknowledge polling: once the internally-timed write cycle has started and the eeprom i nputs are disabled, acknowl edge polling can be initiated. this involves send- ing a start condition followed by the device address word. the read/write bit is representative of the operation desired. only if the internal write cycle has completed will the eeprom respond with a zero allowing the read or write sequence to continue. write protection: when vclk pin is connected to gnd and in the bidirectional mode, the entire memory is protected and becomes rom only. this protects the device memory from any inadvertent write operations. noise protection: special internal circuitry placed on the sda and scl pins pre- vent small noise spikes from activating the device. furthermore, the AT24C21 employs a low v cc detector circuit which disables the erase\write logic whenever v cc falls below 1.5 volts.
11 AT24C21 0405i?seepr?7/03 read operations read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. there are three read operations: current address read, random address read and sequential read. current address read: the internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. this address stays valid between operations as long as the chip power is maintained. the address ?roll over? during read is from the last byte of the last memory page to the first byte of the first page. once the device address with the read/write select bit set to one is clocked in and acknowledged by the eeprom, the current address data word is serially clocked out. the microcontroller does not respond with an input zero but does generate a following stop condition (refer to figure 7). random read: a random read requires a ?dummy? byte write sequence to load in the data word address. once the device address word and data word address are clocked in and acknowledged by the eeprom, the microcontroller must generate another start condition. the microcontroller now initiates a current address read by sending a device address with the read/write select bit high. the eeprom acknowledges the device address and serially clocks out the data word. the microcontroller does not respond with a zero but does generate a following stop condition (refer to figure 8). sequential read: sequential reads are initiated by either a current address read or a random address read. after the microcontroller receives a data word, it responds with an acknowledge. as long as the eeprom receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. when the memory address limit is reached, the data word address will ?roll over? and the sequen- tial read will conti nue. the sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condi- tion (refer to figure 9).
12 AT24C21 0405i?seepr?7/03 figure 4. device address figure 5. byte write figure 6. page write (*=don?t care bits)
13 AT24C21 0405i?seepr?7/03 figure 7. current address read figure 8. random read figure 9. sequential read (*=don?t care bits)
14 AT24C21 0405i?seepr?7/03 ordering information ordering code package operation range AT24C21-10pi-2.5 AT24C21-10si-2.5 8p3 8s1 industrial (-40 c to 85 c) package type 8p3 8-lead, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) options -2.5 low voltage (2.5v to 5.5v)
15 AT24C21 0405i?seepr?7/03 packaging information 8p3 ? pdip 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8p3 , 8-lead, 0.300" wide body, plastic dual in-line package (pdip) 01/09/02 8p3 b d d1 e e1 e l b2 b a2 a 1 n ea c b3 4 plcs top view side view end view common dimensions (unit of measure = inches) symbol min nom max note notes: 1. this drawing is for general information only; refer to jedec drawing ms-001, variation ba for additional information. 2. dimensions a and l are measured with the package seated in jedec seating plane gauge gs-3. 3. d, d1 and e1 dimensions do not include mold flash or protrusions. mold flash or protrusions shall not exceed 0.010 inch. 4. e and ea measured with the leads constrained to be perpendicular to datum. 5. pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include dambar protrusions. dambar protrusions shall not exceed 0.010 (0.25 mm). a 0.210 2 a2 0.115 0.130 0.195 b 0.014 0.018 0.022 5 b2 0.045 0.060 0.070 6 b3 0.030 0.039 0.045 6 c 0.008 0.010 0.014 d 0.355 0.365 0.400 3 d1 0.005 3 e 0.300 0.310 0.325 4 e1 0.240 0.250 0.280 3 e 0.100 bsc ea 0.300 bsc 4 l 0.115 0.130 0.150 2
16 AT24C21 0405i?seepr?7/03 8s1 ? jedec soic 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. note: 10/10/01 8s1 , 8-lead (0.150" wide body), plastic gull wing small outline (jedec soic) 8s1 a h 1 2 n 3 top view c e end view a b l a2 e d side view common dimensions (unit of measure = mm) symbol min nom max note this drawing is for general information only. refer to jedec drawing ms-012 for proper dimensions, tolerances, datums, etc. a ? ? 1.75 b ? ? 0.51 c ? ? 0.25 d ? ? 5.00 e ? ? 4.00 e 1.27 bsc h ? ? 6.20 l ? ? 1.27
printed on recycled paper. 0405i?seepr?7/03 xm disclaimer: atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company?s standar d warranty which is detailed in atmel?s terms and conditions located on the company?s web site. the company assumes no responsibi lity for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time wi thout notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel?s products are not aut horized for use as critical components in life support devices or systems. atmel corporation atmel operations usa 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 literature requests www.atmel.com/literature ? atmel corporation 2003 . all rights reserved. atmel ? and combinations thereof, are the registered trademarks of atmel corporation or its subsidiaries. other terms and product names may be the trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT24C21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X