Part Number Hot Search : 
DTA143T 23001 BLY89C ISL4485E P87C591 LR3114 TIC225N SC3004
Product Description
Full Text Search
 

To Download 85056-0062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850560062 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612/iec 603-2 mixed layout connector, female style m inverse, 78 circuits, lead free documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85056 application daughtercard component type pcb receptacle overview din_41612 product name iec 603-2/din 41612 style m physical circuits (loaded) 78 circuits (maximum) 80 circuits detail standard contacts at a:a4-a29; b:b4-b29; c:c4-c29 durability (mating cycles max) 400 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes material - plating mating gold material - plating termination tin number of columns 26 number of pairs open pin field number of rows 3 orientation right angle pc tail length (in) 0.110 in pc tail length (mm) 2.80 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in, 0.126 in pcb thickness recommended (mm) 1.60 mm, 3.20 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 24 plating min: mating (m) 0.60 polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -55c to +125c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85056 series mates with din 41612/eic 603-2 mixed layout connectors 85009 , 85017 use with 85022
electrical current - maximum per contact 2.5a data rate 622.0 mbps real signals (per 25mm) 30 voltage - maximum 250v ac (rms) material info reference - drawing numbers sales drawing sd-85056-0001, sd-85056-0062 this document was generated on 05/17/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 85056-0062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X