this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0678008045 status: active overview: serial_ata_products description: 1.27mm (.050") pitch serial ata high speed header, vertical, through hole, with locking latch, 7 circuits, 0.38m (15") gold (au) selective plating, for 1.60mm (.063") pcb, white, footprint a, with pcb locator tabs, lead-free documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr 19980 ul e29179 general product family pcb headers series 67800 application board-to-board, wire-to-board comments in-line solder pin|footprint a overview serial_ata_products product name serial ata physical breakaway no circuits (loaded) 7 circuits (maximum) 7 color - resin white durability (mating cycles max) 50 first mate / last break yes flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part yes material - metal brass material - plating mating gold material - plating termination tin number of rows 1 orientation vertical pc tail length (in) 0.096 in pc tail length (mm) 2.45 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm polarized to mating part yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -55c to +85c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 67800 series
termination interface: style through hole electrical current - maximum per contact 1.5a voltage - maximum 15v solder process data lead-free process capability wave capable (th only) material info reference - drawing numbers packaging specification pk-67800-001 sales drawing sd-67800-008 this document was generated on 05/26/2010 please check www.molex.com for latest part information
|