Part Number Hot Search : 
HCT04 1060CT 11QMQ 200K6TR MC1488M HXXDC1 SG308 TLP862
Product Description
Full Text Search
 

To Download 533-102-63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  533 series ? ?12.7mm mounting ? product will operate over a wide voltage range ? robust bright nickel plated brass housing ? 180o viewing angle with a colour diffused lens ? fully internally potted to resist shock and vibration ? sealed to ip67 ? true bi-polar product ? pack quantity = 10 pieces part number colour voltage vac/dc current dc (ma) luminous intensity (mcd) wave length (nm) operating temp. (c) storage temp. (c) de-rating graphs 533-105-63 red 12-28 6-16 95 625 -40 - +85 -40 - +85 b 533-102-63 red 12-28 6-16 500 660 -40 - +85 -40 - +85 b 533-111-63 yellow 12-28 6-16 45 590 -40 - +85 -40 - +85 b 533-114-63 green 12-28 6-16 45 565 -40 - +85 -40 - +85 c 533-105-75 red 110 vac 6 95 625 -40 - +85 -40 - +85 b 533-102-75 red 110 vac 6 500 660 -40 - +85 -40 - +85 b 533-111-75 yellow 110 vac 6 45 590 -40 - +85 -40 - +85 b 533-114-75 green 110 vac 6 45 565 -40 - +85 -40 - +85 c - products must be de-rated according to the de-rating information. each de-rating graph refers to specific leds. please refer to graphs on page 3. - luminous intensity is measured at 20ma on a discrete led unless otherwise stated. to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 533 - version 2012-12-06-113832 page 1 of 4 industrial panel lamps features specifications to order typical characteristics (ta = 25c) bs en iso 9001:2008 approved manufacturer technical data dimensions in mm (typical) not to scale technical characteristics series max. power dissipation max. reverse voltage panel cutout nut mounting torque min. mounting centres max. panel thickness units mw vdc mm nm mm mm to order * = current version ^ = voltage version bs en iso 9001:2008 approved manufacturer 8.50 23 5 10 17 12.70 + 0.1 0 17 10 8.50 23 6 2.8 below 50vac/dc above 50vac/dc mounting hole mounting hole to be clean and burr free. housing material body nut panel seal push on connectors header termination lens encapsulation lock washer to order de-rating information bs en iso 9001:2008 approved manufacturer 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph b 10 20 30 40 50 8 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph c 10 20 30 40 50 design considerations to order electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling pr oducts. the range of possible situations is very diverse but voltage lev els as high as several thousand volts can and do ar ise in many individual situations. when an operator charged up to these le vels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were neve r considered to be static sensitive devices, change s in manufacturing technology and materials used to produce higher int ensity products over a large range of the wavelengt h spectrum have changed this. marl has an approved system of esd co ntrol from goods in, through production and into fi nal packing and despatch. marl recommend all users of led based pro ducts follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dep endant upon the ambient temperature of the environm ent in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, dep ending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is t ermed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with te mperature, please refer to the de-rating graphs for correct operation. marl accept no liability for any product that is operat ed higher than the stated voltage. bs en iso 9001:2008 approved manufacturer
533 series 925-000-00 is brass tin plated - for use with 533 series lamps dimensions in mm (typical). not to scale. nickel plated brass to bs 2874 cz121 stainless steel grade 303 viton copper with silver flash finish polycarbonate pc5430 zinc plated steel nylon 6 a82 533 825 n/a 12.7 1.0 19.5 1.5 - 8.0 to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 533 - version 2012-12-06-113832 page 2 of 4 industrial panel lamps features specifications to order typical characteristics (ta = 25c) bs en iso 9001:2008 approved manufacturer technical data dimensions in mm (typical) not to scale technical characteristics series max. power dissipation max. reverse voltage panel cutout nut mounting torque min. mounting centres max. panel thickness units mw vdc mm nm mm mm to order * = current version ^ = voltage version bs en iso 9001:2008 approved manufacturer 8.50 23 5 10 17 12.70 + 0.1 0 17 10 8.50 23 6 2.8 below 50vac/dc above 50vac/dc mounting hole mounting hole to be clean and burr free. housing material body nut panel seal push on connectors header termination lens encapsulation lock washer to order de-rating information bs en iso 9001:2008 approved manufacturer 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph b 10 20 30 40 50 8 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph c 10 20 30 40 50 design considerations to order electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling pr oducts. the range of possible situations is very diverse but voltage lev els as high as several thousand volts can and do ar ise in many individual situations. when an operator charged up to these le vels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were neve r considered to be static sensitive devices, change s in manufacturing technology and materials used to produce higher int ensity products over a large range of the wavelengt h spectrum have changed this. marl has an approved system of esd co ntrol from goods in, through production and into fi nal packing and despatch. marl recommend all users of led based pro ducts follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dep endant upon the ambient temperature of the environm ent in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, dep ending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is t ermed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with te mperature, please refer to the de-rating graphs for correct operation. marl accept no liability for any product that is operat ed higher than the stated voltage. bs en iso 9001:2008 approved manufacturer
533 series to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 533 - version 2012-12-06-113832 page 3 of 4 industrial panel lamps features specifications to order typical characteristics (ta = 25c) bs en iso 9001:2008 approved manufacturer technical data dimensions in mm (typical) not to scale technical characteristics series max. power dissipation max. reverse voltage panel cutout nut mounting torque min. mounting centres max. panel thickness units mw vdc mm nm mm mm to order * = current version ^ = voltage version bs en iso 9001:2008 approved manufacturer 8.50 23 5 10 17 12.70 + 0.1 0 17 10 8.50 23 6 2.8 below 50vac/dc above 50vac/dc mounting hole mounting hole to be clean and burr free. housing material body nut panel seal push on connectors header termination lens encapsulation lock washer to order de-rating information bs en iso 9001:2008 approved manufacturer 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph b 10 20 30 40 50 8 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph c 10 20 30 40 50 design considerations to order electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling pr oducts. the range of possible situations is very diverse but voltage lev els as high as several thousand volts can and do ar ise in many individual situations. when an operator charged up to these le vels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were neve r considered to be static sensitive devices, change s in manufacturing technology and materials used to produce higher int ensity products over a large range of the wavelengt h spectrum have changed this. marl has an approved system of esd co ntrol from goods in, through production and into fi nal packing and despatch. marl recommend all users of led based pro ducts follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dep endant upon the ambient temperature of the environm ent in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, dep ending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is t ermed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with te mperature, please refer to the de-rating graphs for correct operation. marl accept no liability for any product that is operat ed higher than the stated voltage. bs en iso 9001:2008 approved manufacturer
533 series to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 533 - version 2012-12-06-113832 page 4 of 4 industrial panel lamps features specifications to order typical characteristics (ta = 25c) bs en iso 9001:2008 approved manufacturer technical data dimensions in mm (typical) not to scale technical characteristics series max. power dissipation max. reverse voltage panel cutout nut mounting torque min. mounting centres max. panel thickness units mw vdc mm nm mm mm to order * = current version ^ = voltage version bs en iso 9001:2008 approved manufacturer 8.50 23 5 10 17 12.70 + 0.1 0 17 10 8.50 23 6 2.8 below 50vac/dc above 50vac/dc mounting hole mounting hole to be clean and burr free. housing material body nut panel seal push on connectors header termination lens encapsulation lock washer to order de-rating information bs en iso 9001:2008 approved manufacturer 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph b 10 20 30 40 50 8 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph c 10 20 30 40 50 design considerations to order electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling pr oducts. the range of possible situations is very diverse but voltage lev els as high as several thousand volts can and do ar ise in many individual situations. when an operator charged up to these le vels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were neve r considered to be static sensitive devices, change s in manufacturing technology and materials used to produce higher int ensity products over a large range of the wavelengt h spectrum have changed this. marl has an approved system of esd co ntrol from goods in, through production and into fi nal packing and despatch. marl recommend all users of led based pro ducts follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dep endant upon the ambient temperature of the environm ent in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, dep ending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is t ermed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with te mperature, please refer to the de-rating graphs for correct operation. marl accept no liability for any product that is operat ed higher than the stated voltage. bs en iso 9001:2008 approved manufacturer


▲Up To Search▲   

 
Price & Availability of 533-102-63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X