Part Number Hot Search : 
120EI NJM2533 50110 B3EZ6 2SK2601 16LT1 SMAJ85 SW12280E
Product Description
Full Text Search
 

To Download 47272-1004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0472721004 status: active overview: displayport description: 0.50mm (.020") pitch displayport* male receptacle, right angle, smt, 0.76m (30") gold (au) plating, 20 circuits, without cover or mylar; with flange, latch holes, peg and solder tab of shell, leadfree documents: drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 47272 application wire-to-board comments through hole peg of shell component type receptacle overview displayport product name displayport* type n/a physical boot color n/a circuits (loaded) 20 circuits (maximum) 20 color - resin black gender male keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin-bismuth material - resin high temperature thermoplastic number of rows 2 orientation right angle pcb locator yes pcb retention yes packaging type embossed tape on reel panel mount with flange pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 0.50 mm pitch - term. interface (in) 0.039 in pitch - term. interface (mm) 0.50 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part yes polarized to pcb yes ports 1 temperature range - operating -20c to +85c termination interface: style surface mount waterproof / dustproof no electrical current - maximum per contact 0.5a grounding to panel yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47272 series mates with 47271 plug sub-assemblies, 68783 cable series
shielded yes voltage - maximum 40v ac material info reference - drawing numbers packaging specification pk-47272-003 * displayport is a trademark of vesa this document was generated on 05/19/2010 please check www.molex.com for latest part information








▲Up To Search▲   

 
Price & Availability of 47272-1004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X