Part Number Hot Search : 
110ZA1T BSP130 1N493 R2231225 BSP130 MJE1300 1N4933 P115A
Product Description
Full Text Search
 

To Download 2SA1037AKXLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general purpose t ransistors pnp silicon maximum r atings rating symbol value unit collector?emitter voltage v ceo ?50 v collector?base voltage v cbo ?60 v emitter?base voltage v ebo ?6.0 v collector current ? continuous i c ?150 madc collector power dissipation p c 0.2 w junction temperature t j 150 c storage temperature t stg -55 ~ +150 c device marking 2sa1037akql t1 =fq 2sa1037akslt1 =g3f 2sa1037akrlt1 =fr electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min typ max unit collector?emitter breakdown voltage v (br)ceo ? 50 ? ? v (i c = ?1 ma) emitter?base breakdown voltage v (br)ebo ? 6 ? ? v (i e = ? 50 a) collector?base breakdown voltage v (br)cbo ? 60 ? ? v (i c = ? 50 a) collector cutoff current i cbo ? ? ? 0.1 a (v cb = ? 60 v) emitter cutoff current i ebo ? ? ? 0.1 a (v eb = ? 6 v) collector-emitter saturation voltage v ce(sat) ? ? -0.5 v (i c / i b = ? 50 ma / ? 5m a) dc current transfer ratio h fe 120 ?? 560 ?? (v ce = ? 6 v, i c = ?1ma) transition frequency f t ? 140 ?? mhz (v ce = ? 12 v, i e = 2ma, f=30mhz ) output capacitance c ob ? 4.0 5.0 pf (v cb = ? 12 v, i e = 0a, f =1mhz ) h fe values are classified as follows: qrs hfe 120~270 180~390 270~560 sotC 23 2 emitter 3 collector 1 base * featrues z ordering information device package shipping 2SA1037AKXLT1 3000/tape & reel sot-23 we declare that the material of product compliance with rohs requirements. 2012- willas electronic corp. 2SA1037AKXLT1
?0.2 ?0.4 ?0.6 ?0.8 ?1.0 ?1.2 ?1.4 ?1.6 t a = 100c 25c ? 40c ?50 ?20 ?10 ?50 ?2 ?1 ?0.5 ?0.2 ?0.1 0 ?0.4 ?0.8 ?1.2 ?1.6 ?2.0 t a = 25c ?10 ?8 ?6 ?4 ?2 0 i c , collector current (ma) fig.1 grounded emitter propagation characteristics fig.2 grounded emitter output characteristics( ) fig.3 grounded emitter output characteristics( ) fig.4 dc current gain vs. collector current ( ) fig.5 dc current gain vs. collector current ( ) fig.6 collector-emitter saturation voltage vs. collector current ( ) v ce = ?10 v v be , base to emitter voltage(v) i c , collector current (ma) v ce , collector to emitter voltage (v) ?35.0 ?31.5 ?28.0 ?24.5 ?21.0 ?17.5 ?14.0 ?10.5 ?7.0 ?3.5 a i b =0 0 ? 1? 2 ? 3 ? 4? 5 t a = 25c ?100 ?80 ?60 ?40 ?20 0 i c , collector current (ma) v ce , collector to emitter voltage (v) ?250 ?200 ?150 500 450 400 350 300 ?100 ?50 a i b =0 t a = 25c 500 200 100 50 h fe , dc current gain v ce = ?5 v ?3v ?1v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ? 5 ?10 ?20 ?50 ?100 t a = 100c 500 200 100 50 h fe , dc current gain v ce = ? 6v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ? 5 ?10 ?20 ?50 ?100 25c ?40c ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ? 5 ?10 ?20 ?50 ?100 t a = 25c i c /i b = 50 20 10 2012- willas electronic corp. general purpose transistors 2SA1037AKXLT1
fig.7 collector-emitter saturation voltage vs. collector current ( ) ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 100c 25c ?40c i c /i b = 10 fig.8 gain bandwidth product vs. emitter current 1000 500 200 100 50 f r , transition frequency(mhz) i e , emitter current (ma) ?0.2 ?0.5 ?1 ?2 ? 5 ?10 ?20 ?50 ?100 t a = 25c v ce = ?12v fig.9 collector output capacitance vs.collector-base voltage emitter inputcapacitance vs. emitter-base voltage 20 10 5 2 c ob , collector output capacitance( pf) c ib , emitter input capacitance (pf) v cb , collector to base voltage (v) v eb , emitter to base voltage (v) ?0.5 ?1 ?2 ?5 ?10 ?20 t a = 25c f =1mhz i e = 0a i c = 0a c ib c ob 2012- willas electronic corp. general purpose transistors 2SA1037AKXLT1
sot - 23 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 2012- willas electronic corp. general purpose transistors 2SA1037AKXLT1 dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)


▲Up To Search▲   

 
Price & Availability of 2SA1037AKXLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X