Part Number Hot Search : 
AZ4100 FAN4274 KMR233G YG802C04 1766136 1205D LM334 83120
Product Description
Full Text Search
 

To Download 2087-180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features mini-compact size: 4 mm diameter, 4.2 mm length surface mount device high voltage range high insulation resistance rohs compliant* ul recognized applications industrial equipment/electronics telecommunications electronics consumer electronics characteristics 2087 series high voltage mini-2-electrode gas discharge tube *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. test methods per itu-t (ccitt) k.12 and iec 61643-311. characteristic model no. 2087-80 2087-100 2087-120 2087-150 2087-180 2087-200 dc sparkover ?0 % @ 100 v/s 800 v 1000 v 1200 v 1500 v 1800 v 2000 v impulse sparkover 100 v/? 1000 v/? < 1300 v < 1400 v < 1500 v < 1600 v < 1700 v < 1800 v < 2000 v < 2100 v < 2500 v < 2600 v < 2700 v < 2800 v insulation resistance (ir) 1 ............................. 250/500 vdc ......................................................> 1 g glow voltage ................................................... 10 ma ......................................................... .......~ 60 v arc voltage ...................................................... 1 a ......................................................... ............~ 15 v glow-arc transition current ................................................................................................... ....< 1 a capacitance..................................................... 1 mhz ......................................................... ......< 0.5 pf impulse discharge current .............................. 3,000 a, 8/20 ? ................................................ 1 ope ration 2,000 a, 8/20 ? ................................................ 10 operations alternating discharge current 2 arms, 50 hz, 1 second ................................... 1 operation min. 4 arms, 50 hz, 9 cycles .................................... 1 operation min. impulse life ..................................................... 100 a, 10/1000 ? ........................................... ..> 100 operations operating temperature ............................................................................................................... -30 to +85 ? storage temperature ........................................................................................................... ....... -40 to +115 ? climatic category (iec 60068-1)................................................................................................ 40 / 90 / 21 notes: 1 insulation resistance measured at 500 v for gdts with >1000 v dcbd. ? ul recognized component: ul file e135337. ? at delivery aql 0.65 level ii, din iso 2859. *rohs compliant asia-paci c: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 2087 series high voltage mini-2-electrode gas discharge tube surge protector rev. a 0 6/12 product dimensions how to order 2087 - xxx - sm - rp lf model number designator voltage (divided by 10) 80 = 800 v 100 = 1000 v 120 = 1200 v 150 = 1500 v 180 = 1800 v 200 = 2000 v surface mount packaging rp = reelpack (900 pcs./13 ? reel) rohs compliancy lf = rohs compliant product recommended pad layout packaging speci cations the model 2087-xxx-sm ships standard reelpack (-rp), 900 pieces per reel, 2,700 pieces per box. reel is 13 inches in diameter. 0.5 ?0.1 (.020 ?.004) 4.0 ?0.2 (.157 ?.008) 4.0 ?0.2 (.157 ?.008) 4.0 ?0.2 (.157 ?.008) 1.3 (.051) 5.0 (.197) 3.5 (.138) dia. 1.55 ?0.05 (.061 ?.002) 4.0 ?0.1 (.157 ?.004) 4.6 ?0.1 (.181 ?.004) 0.5 ?0.05 (.020 ?.002) 12.0 ?0.1 (.472 ?.004) 16.0 ?0.3 (.630 ?.012) 7.5 ?0.1 (.295 ?.004) 1.75 ?0.1 (.069 ?.004) dimensions: mm (inches) dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of 2087-180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X