Part Number Hot Search : 
RFG35 B1213 20MU11 SL221R02 STD5KA40 76000 A1108 LB1806
Product Description
Full Text Search
 

To Download 1SS400G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1SS400G ?_?c?i?[?h 1/2 ?????x?x?c?b?`???o?_?c?i?[?h 1SS400G z ?p?r ?????x?x?c?b?`???o?p z ?? 1) ????^???[???h?^?c?v??????b ?i vmd2 ?j 2) ???m????????b z ?\? ?v???r???g?s?^?l?v?????v???[?i?^ z ?o?`???@?} ?i units : mm ?j rohm : vmd2 eiaj : - jedec : - 3 0.6 0.05 cathode mark 0.27 0.03 0.13 0.03 0.5 0.05 1.0 0.05 1.4 0.05 z ?a????????i ?i ta = 2 5 c ?j parameter symbol limits unit
? ?om2 ?y v rm v vom2 ?y v r 90 v 80
? ? qm2 ?v i fm 225 ma 
tv ?v i o 100 ma ? ?v? s  i surge 500 ma
? ?9 s tj 150 c - 9 s c? tstg c ? 55 ~ + 150 z ?d?c?i??? ?i ta = 2 5 c ?j ? parameter symbol min. typ. max. unit conditions qm2 ?y v f ?? 1.2 v i f = 100ma om2 ?v i r na v r = 80v ? 100 z?0? ?? 3.0 pf v r = 0.5v , f = 1mhz os ? t rr ?? 4.0 ns v r = 6v , i f = 10ma , r l = 100 ? c t
1SS400G ?_?c?i?[?h 2/2 z ?d?c?i????? ?i ta = 2 5 c ?j 0 100 1 10 0.1 0.01 0.001 forward current : i f (a) forward voltage : v f (v) fig.1 qm2 ?
q?? ta =? 25 c ta = 25 c ta = 1 25 c ta = 75 c 200 400 600 800 1000 0 ta = 125 c ta = 75 c ta = 25 c 10 100 1 0.1 0.01 0.001 20 40 80 60 100 reverse current : i r (a) reverse voltage : v r (v) fig.2 om2 ?
q 05 1.0 10 0.1 10 15 20 25 30 35 capacitance : ct (pf) reverse voltage : v r (v) fig.3 z?0?


▲Up To Search▲   

 
Price & Availability of 1SS400G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X