Part Number Hot Search : 
74240 100K8 78S24 LM324N M040100 74240 SFV80 NS1N54
Product Description
Full Text Search
 

To Download 0526102672 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/05/2010 please check www.molex.com for latest part information part number: 0526102672 status: active overview: description: 1.00mm (.039") pitch ffc/fpc connector, smt, vertical, zif, gold (au) contact plating, 26 circuits, lead-free, high barrier packaging agency certification csa lr19980 ul e29179 general product family ffc/fpc connectors series 52610 overview ffc_fpc_smt product name n/a physical circuits (loaded) 26 contact position n/a durability (mating cycles max) 30 entry angle vertical flammability 94v-0 mated height (in) 0.226 in mated height (mm) 5.75 mm material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin nylon number of rows 1 orientation vertical pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm polarized to pcb no stackable no temperature range - operating -40c to +85c termination interface: style surface mount wire/cable type ffc/fpc electrical current - maximum per contact 1a voltage - maximum 125v ac (rms)/dc material info reference - drawing numbers packaging specification spk-52610-001, spk-52610-003 product specification ps-52610-007, rps-52610-052, rps-52610-053, rps-52610-058, rps-52610-061 sales drawing sd-52610-036, sd-52610-037 eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52610 series this document was generated on 06/05/2010 please check www.molex.com for latest part information








▲Up To Search▲   

 
Price & Availability of 0526102672

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X