Part Number Hot Search : 
SB05W05 SB05W05 1N2973 V10E140P FX203LG DMD1006 SMBJ10CA LTC3520
Product Description
Full Text Search
 

To Download XB1008-QT10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10.0-21.0 ghz gaas mmic buffer amplifier, qfn excellent transmit lo/output buffer stage 3x3mm, qfn 17.0 db small signal gain +20.0 dbm psat +32 dbm output ip3 4.5 db noise figure variable gain with adjustable bias 100% rf, dc and output power testing features absolute maximum ratings supply voltage (vd) supply current (id1) gate bias voltage (vg) input power (pin) storage temperature (tstg) operating temperature (ta) channel temperature (tch) esd min. - machine model (mm) esd min. - human body model (hbm) msl level +4.3 vdc 180 ma 0v +20.0 dbm -65 to +165 oc -55 to +85 oc 150 oc class a class 1a msl1 page 1 of 6 channel temperature affects a device's mttf. it is recommended to keep channel temperature as low as possible for maximum life. electrical characteristics (ambient temperature t = 25 o c) parameter frequency range (f ) input return loss (s11) output return loss (s22) small signal gain (s21) gain flatness ( s21) reverse isolation (s12) noise figure output power for 1db compression (p1db) saturated output power (psat) output third order intercept drain bias voltage (vd) gate bias voltage (vg) supply current (id) (vd=4.0v, vg2=-0.5v typical) units ghz db db db db db db dbm dbm dbm vdc vdc ma min. 10.0 - - - - - - - - - - -1.0 - typ. - 12.0 12.0 17.0 +/-2.0 65.0 4.5 +18.0 +20.0 +32.0 +4.0 -0.23 100 max. 21.0 - - - - - - - - - +4.0 -0.1 130 b1008-qt mimix broadbands two stage 10.0-21.0 ghz gaas mmic buffer amplifier has a small signal gain of 17.0 db with a +18.0 dbm p1db output compression point. the device also provides variable gain regulation with adjustable bias. the device is ideally suited as an lo or rf buffer stage with broadband performance at a very low cost. the device comes in an rohs compliant 3x3mm qfn surface mount package offering excellent rf and thermal properties. this device is well suited for microwave and millimeter-wave point-to-point radio, lmds, satcom and vsat applications. general description mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2010 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. march 2010 - rev 13-mar-10
buffer amplifier measurements page 2 of 6 b1008-qt 10.0-21.0 ghz gaas mmic buffer amplifier, qfn mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2010 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. march 2010 - rev 13-mar-10 xb1008-qt, vd = 4v, id = 100 ma: input return loss vs frequency -2 0 -1 8 -1 6 -1 4 -1 2 -1 0 - 8 - 6 - 4 - 2 0 5 7 9 1 1 1 3 1 5 1 7 1 9 2 1 2 3 2 5 f r e q ue nc y (gh z ) s11 (db) xb1008-qt, vd = 4v, id = 100 ma: small signal gain vs frequency 0 2 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 5 7 9 1 1 1 3 1 5 1 7 1 9 2 1 2 3 2 5 f r e q ue nc y (g h z ) s21 (db) xb1008-qt, vd = 4v, id = 100 ma: output return loss vs frequency -2 5 -2 0 -1 5 -1 0 - 5 0 5 7 9 1 1 1 3 1 5 1 7 1 9 2 1 2 3 2 5 f r e q ue nc y (gh z ) s22 (db) xb1008-qt: oip3 vs frequency. 4v, 90 ma, pin = -15dbm 10 15 20 25 30 35 10 11 12 1 3 14 15 16 17 1 8 19 20 21 frequency (g hz) o ip 3 ( dbm) xb1008-qt: oip3 vs frequency. 4v, 20 - 100ma, pin = -15dbm 0 5 10 15 20 25 30 35 1 0 1 1 12 13 1 4 1 5 16 17 1 8 1 9 20 21 fre quency (g hz ) oi p3 ( d bm ) i d av ( m a) =20 i d av ( m a) =30 i d av ( m a) =40 i d av ( m a) =50 i d av ( m a) =60 i d av ( m a) =70 i d av ( m a) =80 i d av ( m a) =90 i d av ( m a) =100 xb1008-qt: output power. vd = 4v, id = 100ma 0 2 4 6 8 10 12 14 16 18 20 22 - 14 - 12 - 1 0 - 8 - 6 - 4 - 2 0 2 4 6 8 10 12 14 pin (db m) po wer out ( dbm) 11 g h z 12 g h z 13 g h z 14 g h z 15 g h z 16 g h z 17 g h z 18 g h z 19 g h z 20 g h z 21 g h z
buffer amplifier measurements (cont.) page 3 of 6 b1008-qt 10.0-21.0 ghz gaas mmic buffer amplifier, qfn mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2010 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. march 2010 - rev 13-mar-10 xb1008-qt: power out vs frequency. vd = 4v and id = 100ma 0 2 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 2 2 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 freq (g hz) p ow e r ou t ( d b m ) pin = - 10 db m pin = -8 db m pin = -6 db m pin = -4 db m pin = -2 db m pin = 0 dbm pin = 2 dbm pin = 4 dbm pin = 6 dbm pin = 8 dbm pin = 10 db m
b1008-qt page 4 of 6 package dimensions / layout functional block diagram pin designations note: all unused gnd pins should be tied to center ground on application board for best thermal conductivity. pin number 1-2 3 4 5 6-9 10 11-12 13 14-16 pin name gnd rf in gnd vg gnd rf out gnd vd gnd pin function ground rf input ground gate bias ground rf output ground drain bias ground nominal value -0.5v 4.5v, 130 ma 10.0-21.0 ghz gaas mmic buffer amplifier, qfn mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2010 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. march 2010 - rev 13-mar-10 1 2 3 4 1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 5 6 7 8 rf i n v g gn d rf out gn d gn d gn d g n d gn d gn d gn d gn d g n d gn d v d gn d
b1008-qt page 5 of 6 app note [1] biasing - the device provides variable gain with adjustable bias regulation. for optimum linearity performance, it is recommended to bias this device at vd=4v with id=90 ma. it is also recommended to use active biasing to control the drain currents because this gives the most reproducible results over temperature or rf level variations. depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. the gate of the phemt is controlled to maintain correct drain current and thus drain voltage. the typical gate voltage needed to do this is -0.5v. typically the gate is protected with silicon diodes to limit the applied voltage. also, make sure to sequence the applied voltage to ensure negative gate bias is available before applying the positive drain supply. mttf graphs these numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry. 10.0-21.0 ghz gaas mmic buffer amplifier, qfn xb1008-qt-0g00: mttf hours vs. package base temperature 1 . 0 e + 0 3 1 . 0 e + 0 4 1 . 0 e + 0 5 1 . 0 e + 0 6 1 . 0 e + 0 7 1 . 0 e + 0 8 1 . 0 e + 0 9 1 . 0 e + 1 0 1 . 0 e + 1 1 1 . 0 e + 1 2 1 . 0 e + 1 3 1 . 0 e + 1 4 1 . 0 e + 1 5 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 10 0 11 0 1 2 0 package base temp (oc) mttf (hours) v d d = 4 v , i d d = 100 m a v d d = 4 v , i d d = 130 m a xb1008-qt-0g00: tch (max) vs. package base temperature 6 0 8 0 10 0 12 0 14 0 16 0 18 0 20 0 22 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 1 1 0 1 2 0 package base temp (oc) tch_max (oc) v d d = 4 v , i dd = 1 0 0 m a v d d = 4 v , i dd = 1 3 0 m a mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2010 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. march 2010 - rev 13-mar-10
b1008-qt page 6 of 6 10.0-21.0 ghz gaas mmic buffer amplifier, qfn life support policy - mimix broadband's products are not authorized for use as critical components in life support devices or systems without the express written approval of the president and general counsel of mimix broadband. as used herein: (1) life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. package attachment - this packaged product from mimix broadband is provided as a rugged surface mount package compatible with high volume solder installation. vacuum tools or other suitable pick and place equipment may be used to pick and place this part. care should be taken to ensure that there are no voids or gaps in the solder connection so that good rf, dc and ground connections are maintained. voids or gaps can eventually lead not only to rf performance degradation, but reduced reliability and life of the product due to thermal stress. mimix lead-free rohs compliant program - mimix has an active program in place to meet customer and governmental requirements for eliminating lead (pb) and other environmentally hazardous materials from our products. all mimix rohs compliant components are form, fit and functional replacements for their non-rohs equivalents. lead plating of our rohs compliant parts is 100% matte tin (sn) over copper alloy and is backwards compatible with current standard snpb low-temperature reflow processes as well as higher temperature (260c reflow) pb free processes. part number for ordering description xb1008-qt-0g00 matte tin plated rohs compliant 3x3 16l qfn surface mount package in bulk quantity xb1008-qt-0g0t matte tin plated rohs compliant 3x3 16l qfn surface mount package in tape and reel xb1008-qt-ev1 xb1008-qt evaluation board handling and assembly information caution! - mimix broadband mmic products contain gallium arsenide (gaas) which can be hazardous to the human body and the environment. for safety, observe the following procedures: ? do not ingest. ? do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by- products are dangerous to the human body if inhaled, ingested, or swallowed. ? observe government laws and company regulations when discarding this product. this product must be discarded in accordance with methods specified by applicable hazardous waste procedures. typical reflow profiles reflow profile ramp up rate activation time and temperature time above melting point max peak temperature time within 5 oc of peak ramp down rate snpb 3-4 oc/sec 60-120 sec @ 140-160 oc 60-150 sec 240 oc 10-20 sec 4-6 oc/sec pb free 3-4 oc/sec 60-180 sec @ 170-200 oc 60-150 sec 265 oc 10-20 sec 4-6 oc/sec factory automation and identification mimix designator -qt package type qfn (3x3mm) p 1 component pitch 8mm p 0 hole pitch 4mm w tape width 12mm number of leads offered 16 reel diameter 329mm (13in) units per reel 2000 component orientation: parts are to be oriented with the pin 1 closest to the tape's r ound sprocket holes on the tapes trailing edge. note: tape and reel packaging is ordered with a -000t suffix. package is available in 500 unit reels through designated sales channels. minimum order quantities should be discussed with your local sales representative. ordering information c a u t i o n : e s d s e n s i t i ve appropriate precautions in handling, packaging and testing devices must be observed. proper esd procedures should be followed when handling this device. mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2010 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. march 2010 - rev 13-mar-10


▲Up To Search▲   

 
Price & Availability of XB1008-QT10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X