Part Number Hot Search : 
S1206H7 R1100 TN80510 ZL10320 LPRAG30L DTA115 1N5366B NCP500D
Product Description
Full Text Search
 

To Download UDN2987LWTR-6-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  out1 in4 in5 in6 in7 in8 fault in3 2987 out2 out3 out4 out5 out6 out7 out8 in2 in1 4.75 to 35 v 1 to 8 load components cpu gnd vs oe/r description providing overcurrent protection for each of its eight sourcing outputs, the udn2987lw-6 driver is used as an interface between standard low-level logic and relays, motors, solenoids, leds, and incandescent lamps. this device includes thermal shutdown and output transient protection/clamp diodes for use with sustaining voltages to 35 v. in this driver, each channel includes a latch to turn off that channel if the maximum channel current is exceeded. all channels are disabled if the thermal shutdown is activated. a common fault output is used to indicate either chip thermal shutdown or any overcurrent condition. all outputs are enabled by pulling the common oe/r input high. when oe/r is low, all outputs are inhibited and the eight latches are reset. the oe/r function can be especially important during power-up, in preventing floating inputs from turning on the outputs. under normal operating conditions, each of eight outputs will source in excess of 100 ma continuously at an ambient temperature of 25c and a supply of 35 v. the overcurrent fault circuit will protect the device from short-circuits to ground with supply voltages of up to 30 v. 29876-ds, rev. 6 features and benefits ? 4.75 to 35 v driver supply voltage ? output enable-disable (oe/r) ? 350 ma output source current ? overcurrent protected ? internal ground clamp diodes ? output breakdown voltage 35 v minimum ? ttl, dtl, pmos, or cmos compatible inputs ? internal thermal shutdown (tsd) dabic - 5 8-channel source driver with overcurrent protection continued on the next page? package: 20-pin soicw (suffix lw) typical application not to scale udn2987 x -6
dabic - 5 8-channel source driver with overcurrent protection udn2987 x -6 2 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com parameter symbol notes rating units supply voltage v s 35 v continuous output current* i out outputs are disabled at approximately ?500 ma ?500 ma fault output voltage v ce 35 v fault output current i c 30 ma input voltage v in ?0.3 to 14 v junction temperature t j 150 c storage temperature range t s range n ?55 to 150 c operating temperature range t a ?20 to 85 c *for input and output current specifications, negative current is defined as coming out of (sourcing) the specified device pin. selection guide absolute maximum ratings part number packing package UDN2987LWTR-6-T 1000 pieces/13-in. reel 20-pin soic, wide body the inputs are compatible with 5 and 12 v logic systems: ttl, schottky ttl, dtl, pmos, and cmos. in all cases, the output is switched on by an active high input level. compared to predecessor devices, the udn2987lw-6 has a significantly faster t phl (200 ns typical) and a lower driver supply voltage rating (4.75 v), which allows the use of 5 v logic. the udn2987lw-6 is supplied in a 20-lead small-outline (soic-w) plastic package. all packages are lead (pb) free, with 100% matte- tin leadframe plating. description (continued)
dabic - 5 8-channel source driver with overcurrent protection udn2987 x -6 3 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com functional block diagram pin-out diagram terminal list table number name description 1 in1 logic input 1 2 in2 logic input 2 3 in3 logic input 3 4 in4 logic input 4 5 in5 logic input 5 6 in6 logic input 6 7 in7 logic input 7 8 in8 logic input 8 9 fault fault output 10 oe/ r logic input for output enable and reset 11 vs supply voltage 12 gnd supply ground 13 out8 output 8 to load 14 out7 output 7 to load 15 out6 output 6 to load 16 out5 output 5 to load 17 out4 output 4 to load 18 out3 output 3 to load 19 out2 output 2 to load 20 out1 output 1 to load dwg. pp-067 1 2 3 4 5 6 7 8 14 15 16 17 18 19 20 9 10 11 12 13 oe n oe sense n ff x8 in1 in2 in3 in4 in5 in6 in7 in8 fault oe/r out1 out2 out3 out4 out5 out6 out7 out8 gnd vs in1 gnd vs <1 out1 in8 out8 fault driver 1 of 8 drivers oe/r + ? q rs thermal shut down
dabic - 5 8-channel source driver with overcurrent protection udn2987 x -6 4 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com electrical characteristics , valid at t a = 25c, v oer = 2.4 v, v s = 35 v, unless otherwise noted characteristic symbol test conditions min. typ. 1 max. units supply voltage functional range v s 4.75 ? 35 v output leakage current 2 i outcex v in = 0.4 v, all inputs simultaneously ? 200 dabic - 5 8-channel source driver with overcurrent protection udn2987 x -6 5 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com thermal characteristics characteristics symbol test conditions rating unit package thermal resistance * r ja package lw, on 4-layer board based on jedec standard 48 c/w * additional thermal information is available on the allegro web site. t a (c) p d (w) 0 0.5 1.5 2.0 2.5 3.0 3.5 4.0 1.0 25 50 75 100 125 150 power dissipation versus ambient temperature (r q ja = 48 oc/w) package lw
dabic - 5 8-channel source driver with overcurrent protection udn2987 x -6 6 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com characteristic performance allowable output current as a function of duty cycle (multiply by 78% for udn2987lw-6) t a = 25c, v s = 35 v t a = 50c, v s = 35 v 0 10 20 30 40 50 60 70 80 90 100 400 350 300 250 200 150 100 50 0 duty cycle (%) collector current (ma) 87 6 5 4 3 quantity of outputs conducting simultaneously output current waveshapes 0 10 20 30 40 50 60 70 80 90 100 400 350 300 250 200 150 100 50 0 duty cycle (%) collector current (ma) 876 5 4 3 2 quantity of outputs conducting simultaneously v in(a) = v in(b) i sh i out(a) i out(b) i m t blank t rtb t plh t phl oe/r ? output (a) shorted momentary fault or capacitive charging (<1 s)
dabic - 5 8-channel source driver with overcurrent protection udn2987 x -6 7 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com applications information and circuit description as with all power integrated circuits, the udn2987lw-6 has a maximum allowable output current rating. the 500 ma rating does not imply that operation at that value is permitted or even obtainable. the channel output current trip point is specified as ?370 ma, minimum; therefore, attempted operation at current levels greater than ?370 ma may cause a fault indication and channel shutdown. the device is tested at a maximum of ?350 ma and that is the recommended maximum output current per driver. it pro- vides protection for current overloads or shorted loads up to 30 v. all outputs are enabled by pulling the oe/r input high. when oe/r is low or allowed to float (internal pull-down), all outputs are inhibited and the latches are reset. note that the reset pulse duration (oe/r low) should be at least 1 s. this will ensure safe operation under attempted reset condi- tions with a shorted load. the latches are also reset during power-up, regardless of the state of the oe/r input. the load current causes a small voltage drop across the internal low-value sense resistor. this voltage is com- pared to the voltage drop across a reference resistor with a constant current. the two resistors are matched to eliminate errors due to manufacturing tolerances or tem- perature effects. each channel includes a comparator and its own latch. an overcurrent fault (v sense > v ref ) will set the affected latch and shut down only that channel. all other channels will continue to operate normally. the latch includes a 1 s blanking delay, t blank , to prevent unwanted triggering due to crossover currents generated when switching inductive loads. for an abrupt short circuit, the blanking and output switching times will allow a brief, permissible current in excess of the trip current before the output driver is turned off. a common thermal shutdown disables all outputs if the chip temperature exceeds 165c. at thermal shutdown, all latches are reset. the outputs are disabled until the chip cools down to approximately 150c (thermal hysteresis). in the event of an overcurrent condition on any channel, or chip thermal shutdown, the fault open-collector output is pulled low (turned on). overcurrent fault sense circuit + ? + ? + ? v s v ref v sense i load i ref sense to fault latch matched ref
dabic - 5 8-channel source driver with overcurrent protection udn2987 x -6 8 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com package lw, 20-pin soic-w 2 1 20 2 1 20 a 2.65 max c seating plane c 0.10 20x a terminal #1 mark area gauge plane seating plane b 2.25 0.65 9.50 1.27 pcb layout reference view for reference only dimensions in millimeters (reference jedec ms-013 ac) dimensions exclusive of mold flash, gate burrs, and dambar protrusions exact case and lead configuration at supplier discretion within limits shown b reference pad layout (reference ipc soic127p1030x265-20m) all pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary to meet application process requirements and pcb layout tolerances 1.27 0.25 0.20 0.10 0.41 0.10 12.800.20 10.300.33 7.500.10 4 4 0.27 +0.07 ?0.06 0.84 +0.44 ?0.43
dabic - 5 8-channel source driver with overcurrent protection udn2987 x -6 9 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com for the latest version of this document, visit our website: www.allegromicro.com copyright ?2006-2012, allegro microsystems, inc. allegro microsystems, inc. reserves the right to make, from time to time, such de par tures from the detail spec i fi ca tions as may be required to per- mit improvements in the per for mance, reliability, or manufacturability of its products. before placing an order, the user is cautioned to verify that the information being relied upon is current. allegro?s products are not to be used in life support devices or systems, if a failure of an allegro product can reasonably be expected to cause the failure of that life support device or system, or to affect the safety or effectiveness of that device or system. the in for ma tion in clud ed herein is believed to be ac cu rate and reliable. how ev er, allegro microsystems, inc. assumes no re spon si bil i ty for its use; nor for any in fringe ment of patents or other rights of third parties which may result from its use. revision history revision revision date description of revision rev. 6 april 30, 2012 update product availability


▲Up To Search▲   

 
Price & Availability of UDN2987LWTR-6-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X