Part Number Hot Search : 
2N1893 SR106 MX7572T SST25VF PTXA1FH PS0021 C1000 FPD6836
Product Description
Full Text Search
 

To Download TMB300A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  topstek current transducer tmb100a..tmb1000a - 82 - www.topstek.com tmb v080201 7/1/2008 tmb 100a~1000a features  highly reliable hall effect device  compact and light weight  fast response time  excellent linearity of the output voltage over a wide input range  excellent frequency response (> 50 khz)  low power consumption (12 ma nominal)  capable of measuring both dc and ac, both pulsed and mixed  high isolation voltage between the measuring circuit and the current-carrying conductor (ac2.5kv)  extended operating temperature range  flame-retardant plastic case and silicone encapsulate, using ul classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range applications  ups systems  industrial robots  nc tooling machines  elevator controllers  process control devices  ac and dc servo systems  motor speed controller  electrical vehicle controllers  inverter-controlled welding machines  general and special purpose inverters  power supply for laser processing machines  controller for traction equipment e.g. electric trains  other automatic control systems specifications parameter symbol unit tmb 100a tmb 200a tmb 300a tmb 400a tmb 500a tmb 600a tmb 800a tmb 1000a nominal input current i fn a dc 100 200 300 400 500 600 800 1000 linear range i fs a dc 300 600 900 1 200 1500 1800 2000 2000 nominal output voltage v hn v 4.0 v1% at if=i fn ( r l =10k) offset voltage v os mv within 40 mv @ i f =0, t a =25c output resistance r out <100 hysteresis error v oh mv within 20 mv @ i f =i fn 0 supply voltage v cc /v ee v 15v 5% linearity % within 1% of i fn consumption current i cc ma 15 ma max response time (90%v hn ) t r  sec 5  sec @ d i f / dt = i fn /  sec frequency bandwidth (-3db) f bw hz dc to 50khz thermal drift of output - %/c within 0.1 %/c @ i fn thermal drift of zero current offset - mv/c < 1.0 mv/c dielectric strength - v ac2.5kv x 60 sec isolation resistance @ 1000 vdc r is m >1000 m operating temperature t a c -15c to 80c storage temperature t s c -20c to 85c mass w g 250 g
topstek current transducer tmb100a..tmb1000a - 83 - www.topstek.com tmb v080201 7/1/2008 appearance, dimensions and pin identification all dimensions in mm 0.5, holes C0, +0.5 except otherwise noted.


▲Up To Search▲   

 
Price & Availability of TMB300A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X