Part Number Hot Search : 
TPW4671 E13003 MAX16903 GLFR1608 SR220 TC7MA B8247 KBK25M
Product Description
Full Text Search
 

To Download SW61050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r 4 4.50 4.20 3.90 4.90 2 1 5.10 5.40 5.70 6.00 6.30 6.60 6.90 10 (min) 6 8 40 20 60 (h) 4 2 6 10 8 20 40 105a 222a 21a 10.5a 52.5a nominal voltage rated capacity (10 hour rate) total height height length width dimensions capacity affected by t emperature (10hour rate) terminal cycle float weight approx 6v 105 ah 203 mm ( 7.99 inches) 203 mm (7.99 inches) 280 mm ( 11.02 inches) 128mm (5.03 inches) 18.5kg (40.88 lbs) capacity 25 (77 ) internal resistance charge (constantvoltage) 10 hour rate (10.5 a) 5 hour rate (16.8 a) 1 hour rate (63 a) 105 ah 84 ah63 ah full charged battery at 25 (77 ) approx 2.1 m 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) 102% 100% 85%65% capacity a fter 3 mon th storage capacity a fter 6 mon th storage capacity a fter 12 mo nth storage 91% 82%64% t16 initial charging current less than 42 a voltage 7.05-7.2v voltage 6.75-6.90v self-discharge at 25 (77 ) specifications characteristics outer dimensions (mm) discharge curves 25 (77 ) r shenzhen sunnyw a y ba ttery tech co.,l td. 128 2 8 0 2 0 3 14 5 m6 16 terminal type (mm) SW61050(6v 105ah) a w a w a w a w a w time constant current(amp) and constant power(watt) discharge table at 25 (77 ) 5min 1h 2h 3h 4h 5h 8h 10h 20h 10min 15min 30min 4.80v 5.10v 5.25v 5.40v 5.55v SW61050 (6v105ah) SW61050(6v105ah)


▲Up To Search▲   

 
Price & Availability of SW61050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X