Part Number Hot Search : 
MSM63182 VNQ810M 8DQ60 SL37N5 SR310 C6802 68000 150UR80
Product Description
Full Text Search
 

To Download SPS-440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SPS-440 series no.6047 1/5 ordering number : enn6047 SPS-440 series receiver pre-amp module for infrared remote control d2099 gi, ( mi ) features this is an unified module consisting of a pin photodiode and receiver pre-amp ic. it is a compact type, not necessary to mount outer part, and provides low voltage and low power consumption. it also puts a measure to inverter fluorescent lamp with a high frequency trap circuit for band-pass filter. it has leads at the both sides, so it is easy to put it on pcb. absolute maximum ratings at ta=25 c (as per jis c 7032) parameter symbol rating unit line voltage v cc 0 to +6.3 v power dissipation p d 100 mw operating temperature topr --10 to +60 c storage temperature tstg --20 to +70 c soldering temperature tsol +260 * 1 c recommended operating condition at ta=25 c parameter symbol opr. condition unit line voltage v cc +4.7 to +5.3 v we recommend the signal format with leader code (for example ; nec format or home electrical appliances society format in japan) for the remote control transmitter. electrical / optical characteristics at ta=25 c, v cc =5.0v d.c. parameter symbol condition min. typ. max. unit consumption current i cc non-signal input -- 1.4 2.2 ma * 2 on axis 7.5 10.0 -- m * 2 form device cone with its limit controlling distance l inclined at 30 deg to axis 5.0 -- -- m cone with its limit inclined at 40 deg to axis 3.0 -- -- m low-level output voltage v l * 2 at the point of 30cm on axis -- -- 0 . 5 v high-level output voltage v h * 2 at the point of 30cm on axis 4.5 -- -- v * 2 specified by t wl time low-level pulse width t wl interval of output at the 300 610 900 m s point of 30cm and 7.5m on axis * 2 specified by t wh time high-level pulse width t wh interval of output at the 300 590 900 m s point of 30cm and 7.5m on axis carrier wave frequency f o -- -- * 3 -- khz * 1 soldering time : with in 3sec and clearance of 1mm from lead stopper. * 2 as shown in fig.1, burst wave shall be transmitted by our transmitter in item 7. detector face illuminance : ee < 10 lx * 3 carrier wave frequency (fo) differs every a type. refer to the following list. sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan
SPS-440 series no.6047 2/5 type no. carrier wave frequency (fo) SPS-440-e 40 khz SPS-440-1-e 38 khz SPS-440-2-e 36.7 khz SPS-440-3-e 33.3 khz SPS-440-4-e 36 khz SPS-440-6-e 56.8 khz precautions of use precautions (1) care must be taken to avoid bending leads. (2) do not apply any force or mechanical stress onto the leads or plastic part during soldering. (3) confirm reliability in terms of devices, because it sometimes acts be wrong by the ingredient of the ripple noise of the power supply lines. please design the ripple voltage of the power supply line below 1mvp-p. please attach the rc filter (r=100 w , c=22 m f) for the power supply lines. pulse waveform transmitter the transmitter shall be defined by adjusting the output of transmitter to make vo=400mvp-p according to the burst wave shown in fig. 1 and measurement condition shown in fig.2. in addition infrared led used in the transmitter is set to l peak=945nm, dl= 45nm, and photodiode used in the receiver is set to 32na / ix (v r =5.0v). leader pulse fo khz 9ms 4.5ms 600 m s 600 m s 600 m s t wl t wl t wh 50% 50% burst wavefom of transmitter output waveform fig.1 pulse waveform 20cm 10k w 100k w 10k w + -- 10 m f 12 0.1v output transmitter oscilloscorpe gnd fig.2 the output adjustment of transmitter
SPS-440 series no.6047 3/5 measurement condition block diagram note 1. vout : active low output 2. r l =15k w to 51k w 3. the power supply filter is not being attached. . . gnd v cc v out fig.4 block diagram r l bpf + trap ablc amp. limiter detector waveform shaper controlling distance l dut transmitter dut : device under test fig.3 measurement condition
SPS-440 series no.6047 4/5 10 1.65 (3.8) photo diode chip 0.4 (a side) 1 gnd 2 v out 3 v cc (4 gnd) (5 gnd) 6.9 note 1) pin4, pin5 has been connected to pin1 (gnd) in a product. 2) the photo diode ohip is located in 3.8mm distance from top of lense. 3) *1 indicates root dimensions of leads. 4) the width and the position of the leads of " * " marke may be changed. tolerance : 0.3 unit : mm SPS-440 series package dimensions and pinconnection *1 2.54 *1 2.54 3.6 0.5 1.4 1.2 1.5 0.8 0.5 f 5.4 11.4 3 2.7 *** * * * * *1 5.08 lead stopper part (3.9) 1.5 (a side) * * * * * * * * 2.54 2.54 7.62 5.08 5- f 0.83 (punch hole) < recommended mounting drawing from soldering side > *1 7.62 0.5 12 3 45
SPS-440 series no.6047 5/5 caution 1. no products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster / crime-prevention equipment or the like, and the failure of which may directly or indirectly cause injury, death or property loss. 2. anyone purchasing any products described or contained herein for an above-mentioned use shall: 1) accept full responsibility and indemnify and defend sanyo electric co.,ltd., its affiliates, subsidiaries and distributors or any of their officers and employees, jointly and severally, against any and all claims and litigation and all damages, costs and expenses associated with such use. 2) not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on sanyo electric co., ltd., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. 3. information (including circuit diagrams and circuit parameters) disclosed herein is for example only; it is not guaranteed for mass production, sanyo believes the information disclosed herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. precautionary instructions in handling gallium arsenic products special precautions must be taken in handling this product because it contains, gallium arsenic, which is designated as a toxic substance by law. be sure to adhere strictly to all applicable laws and regulations enacted for this substance, particularly when it comes to disposal. manufactured by ; tottori sanyo electric co., ltd. led division 5-318, tachikawa-cho, tottori city, 680-8634 japan tel: +81-857-21-2137 fax: +81-857-21-2161 ps


▲Up To Search▲   

 
Price & Availability of SPS-440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X