Part Number Hot Search : 
Z2010U QB5E13Y LA9230 22V10 1100P ADG70 1008G 471KD14
Product Description
Full Text Search
 

To Download SPB46N03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 1 05.99 sipmos power transistor product summary drain source voltage 30 v ds v drain-source on-state resistance w 0.012 r ds(on) i d continuous drain current 46 a features n channel enhancement mode avalanche rated logic level d v /d t rated 175?c operating temperature pin 1 pin 2 pin 3 g d s packaging type package ordering code spp46n03l tube p-to220-3-1 q67040-s4147-a2 SPB46N03L tape and reel q67040-s4743-a2 p-to263-3-2 maximum ratings , at t j = 25 ?c, unless otherwise specified parameter symbol unit value continuous drain current t c = 25 ?c, limited by bond wire t c = 100 ?c 46 44 i d a pulsed drain current t c = 25 ?c i dpulse 184 avalanche energy, single pulse i d = 46 a, v dd = 25 v, r gs = 25 w mj e as 250 avalanche energy, periodic limited by t j max 12 e ar reverse diode d v /d t i s = 46 a, v ds = 24 v, d i /d t = 200 a/s, t jmax = 175 ?c d v /d t 6 kv/s gate source voltage v gs 20 v power dissipation t c = 25 ?c p tot 120 w operating and storage temperature t j , t st g ?c -55... +175 55/175/56 iec climatic category; din iec 68-1 spp 46n03l
spp 46n03l data sheet 2 05.99 thermal characteristics parameter values symbol unit typ. max. min. characteristics r thjc - - 1.25 k/w thermal resistance, junction - case - thermal resistance, junction - ambient, leded r thja - 62 - - - - 62 40 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 1) r thja electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol unit values min. max. typ. static characteristics drain- source breakdown voltage v gs = 0 v, i d = 0.25 ma - v (br)dss 30 - v gate threshold voltage, v gs = v ds i d = 80 a v gs(th) 2 1.6 1.2 zero gate voltage drain current v ds = 30 v, v gs = 0 v, t j = 25 ?c v ds = 30 v, v gs = 0 v, t j = 150 ?c - i dss a 1 100 0.1 - gate-source leakage current v gs = 20 v, v ds = 0 v i gss - 10 na 100 drain-source on-state resistance v gs = 4.5 v, i d = 44 a v gs = 10 v, i d = 44 a r ds(on) - - 0.014 0.008 0.018 0.012 w 1 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air.
spp 46n03l data sheet 3 05.99 electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics transconductance v ds 3 2* i d * r ds(on)max , i d = 46 a g fs 20 49 - s input capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c iss - 1640 2100 pf output capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c oss - 650 820 reverse transfer capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c rss - 280 350 turn-on delay time v dd = 15 v, v gs = 4.5 v, i d = 46 a, r g = 3.6 w t d(on) - 16 24 ns rise time v dd = 15 v, v gs = 4.5 v, i d = 46 a, r g = 3.6 w t r - 30 45 turn-off delay time v dd = 15 v, v gs = 4.5 v, i d = 46 a, r g = 3.6 w t d(off) - 20 30 fall time v dd = 15 v, v gs = 4.5 v, i d = 46 a, r g = 3.6 w t f - 25 38
spp 46n03l data sheet 4 05.99 electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics gate to source charge v dd = 24 v, i d = 46 a 9 nc 6 q gs - - 21 q gd gate to drain charge v dd = 24 v, i d = 46 a 31.5 gate charge total v dd = 24 v, i d = 46 a, v gs = 0 to 10 v - 54 80 q g gate plateau voltage v dd = 24 v, i d = 46 a v (plateau) 3.83 - v - reverse diode inverse diode continuous forward current t c = 25 ?c i s - - 46 a inverse diode direct current,pulsed t c = 25 ?c i sm - - 184 inverse diode forward voltage v gs = 0 v, i f = 92 a v sd - 1.1 v 1.7 reverse recovery time v r = 15 v, i f = i s , d i f /d t = 100 a/s t rr - 50 ns 75 reverse recovery charge v r = 15 v, i f = l s , d i f /d t = 100 a/s q rr - c 0.06 0.09
spp 46n03l data sheet 5 05.99 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 140 160 ?c 190 t c 0 10 20 30 40 50 60 70 80 90 100 110 w 130 spp46n03l p tot drain current i d = f ( t c ) parameter: v gs 3 10 v 0 20 40 60 80 100 120 140 160 ?c 190 t c 0 5 10 15 20 25 30 35 40 45 a 55 spp46n03l i d transient thermal impedance z thjc = f ( t p ) parameter : d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 k/w spp46n03l z thjc single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50 safe operating area i d = f ( v ds ) parameter : d = 0 , t c = 25 ?c 10 -1 10 0 10 1 10 2 v v ds 0 10 1 10 2 10 3 10 a spp46n03l i d r ds(on) = v ds / i d dc 10 ms 1 ms 100 s t p = 41.0 s
spp 46n03l data sheet 6 05.99 typ. output characteristics i d = f ( v ds ) parameter: t p = 80 s 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v 5.0 v ds 0 10 20 30 40 50 60 70 80 90 100 a 120 spp46n03l i d v gs [v] a a 2.5 b b 3.0 c c 3.5 d d 4.0 e e 4.5 f f 5.0 g g 5.5 h h 6.0 i i 6.5 j j 7.0 k k 8.0 l p tot = 120 w l 10.0 typ. drain-source-on-resistance r ds(on) = f ( i d ) parameter: v gs 0 20 40 60 80 a 110 i d 0.000 0.005 0.010 0.015 0.020 0.025 0.030 0.035 0.040 0.045 0.050 w 0.060 spp46n03l r ds(on) v gs [v] = b b 3.0 c c 3.5 d d 4.0 e e 4.5 f f 5.0 g g 5.5 h h 6.0 i i 6.5 j j 7.0 k k 8.0 l l 10.0 typ. transfer characteristics i d = f ( v gs ) parameter: t p = 80 s v ds 3 2 x i d x r ds(on)max 0 1 2 3 v 5 v gs 0 20 40 60 a 100 i d typ. forward transconductance g fs = f ( i d ); t j = 25?c parameter: g fs 0 10 20 30 40 50 a 70 i d 0 5 10 15 20 25 30 35 40 45 50 s 60 g fs
spp 46n03l data sheet 7 05.99 drain-source on-resistance r ds(on) = f ( t j ) parameter : i d = 44 a, v gs = 4.5 v -60 -20 20 60 100 140 ?c 200 t j 0.000 0.005 0.010 0.015 0.020 0.025 0.030 0.035 0.040 w 0.050 spp46n03l r ds(on) typ 98% gate threshold voltage v gs(th) = f ( t j ) parameter : v gs = v ds , i d = 80 a -60 -20 20 60 100 140 ?c 200 t j 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 v 3.0 v gs(th) min typ max typ. capacitances c = f (v ds ) parameter: v gs = 0 v, f = 1 mhz 0 5 10 15 20 25 30 v 40 v ds 2 10 3 10 4 10 pf c c iss c oss c rss forward characteristics of reverse diode i f = f (v sd ) parameter: t j , t p = 80 s 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v 3.0 v sd 0 10 1 10 2 10 3 10 a spp46n03l i f t j = 25 ?c typ t j = 25 ?c (98%) t j = 175 ?c typ t j = 175 ?c (98%)
spp 46n03l data sheet 8 05.99 typ. gate charge v gs = f ( q gate ) parameter: i d puls = 46 a 0 10 20 30 40 50 60 70 nc 85 q gate 0 2 4 6 8 10 12 v 16 spp46n03l v gs ds max v 0,8 ds max v 0,2 avalanche energy e as = f ( t j ) parameter: i d = 46 a, v dd = 25 v r gs = 25 w 20 40 60 80 100 120 140 ?c 180 t j 0 50 100 150 mj 250 e as drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 140 ?c 200 t j 27 28 29 30 31 32 33 34 35 v 37 spp46n03l v (br)dss


▲Up To Search▲   

 
Price & Availability of SPB46N03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X