Part Number Hot Search : 
000MT RT1N432C 040010 040010 UPD6122 02000 D52LC 7474E3
Product Description
Full Text Search
 

To Download SMCJ75CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  case: jedec do-201 molded plastic. terminals: axial leads, solderable per mil-std-750, method 2026. polarity: color and denotes sc t hode except bipolar. mounting position: any. p eak pulse power dissipation on 10/1000  s waveform . (note 1 , note 2, fig. 1) p ppm minimum 1,500 watts peak pulse current on 10/1000  s waveform. (note 1 , fig. 3) i ppm se e table a mps steady state power dissipation at t l =75   lead length .375 (9.5mm). (note 2, fig. 5) p m(av) 6.5 watts peak forward surge current  8.3ms single half sine-wave superimposed on rated load . ( jedec method) (note 3, fig. 6) i fsm 200 amps operating junction and storage temperature range . t j ,t stg -6 5 to +150  f eatures m echanical d ata d evices f or b ipolar a pplication m aximum r atings c haracteristics for surface mounted applications in order to optimize board space. low profile package. built-in strain relief. glass passivated junction. low inductance. excellent clamping capability. repetition rate (duty cycle): 0.05%. fast response time: typically less than 1.0ps from 0 v olt to bv min. typical i r less than 1a above 10v. high temperature soldering: 260c/10 seconds at terminals. plastic package has underwriters laboratory flammability 94v-o. m smc/do-214ab case: jedec do -214ab . molded plastic over glass passivated junction. terminal: solder plated, solderable per mil-std-750, method 2026. polarity: color band denote s cathode e xcept bidirectional. standard packaging: 12mm tape (eia std rs-481). weight: 0.00 7 ounce, 0. 2 1 grams. for b idirectional use c or ca suffix for type sm c j5.0 thr ough type sm c j440 (e.g. smc j5.0ca, smcj440ca); e lectrical characteristics apply in both directions. ratings at 25  ambient temperature unless otherwise specified. n 2 . ul e223045 transient 9rowdjh6xssuhvvruv smcj series meritek rating symbol value unit notes:  1. non-repetitive current pulse, per fig. 3 and derated above ta = 25  per fig. 2. 2. mounted on 0.8 mm x 0.8 mm copper pads to each terminal . 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycl e=4pu lses per minute maximum. all specifications are subject to change without notice. 1 rev 7
transient 9rowdjh6xssuhvvruv smcj series meritek t s t1 d t d1 d l cathode band smc/do-214ab p ackage d imensions item min. max. min. max. l 6.60 7.11 0.260 0.280 d 5.59 6.22 0.220 0.245 d1 2.90 3.20 0.114 0.126 t 7.75 8.13 0.305 0.320 t1 0.76 1.52 0.030 0.060 d - 0.203 - 0.008 s 2.06 2.62 0.079 0.103 t 0.152 0.305 0.006 0.012 millimeters inches s pecifications part number device marking code reverse s tand-of f voltage breakdown voltage @i t breakdown voltage @i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm uni-polar bi-polar uni bi v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) smcj5.0a smcj5.0ca gde bde 5.0 6.40 7.00 10 9.2 163.0 800 smcj6.0a smcj6.0ca gdg bdg 6.0 6.67 7.37 10 10.3 145.7 800 smcj6.5a smcj6.5ca gdk bdk 6.5 7.22 7.98 10 11.2 134.0 500 smcj7.0a smcj7.0ca gdm bdm 7.0 7.78 8.60 10 12.0 125.0 200 smcj7.5a smcj7.5ca gdp bdp 7.5 8.33 9.21 1 12.9 116.3 100 smcj8.0a smcj8.0ca gdr bdr 8.0 8.89 9.83 1 13.6 110.3 50 smcj8.5a smcj8.5ca gdt bdt 8.5 9.44 10.40 1 14.4 104.2 20 smcj9.0a smcj9.0ca gdv bdv 9.0 10.00 11.10 1 15.4 97.4 10 smcj10a smcj10ca gdx bdx 10.0 11.10 12.30 1 17.0 88.3 5 smcj11a smcj11ca gdz bdz 11.0 12.20 13.50 1 18.2 82.5 1 smcj12a smcj12ca gee bee 12.0 13.30 14.70 1 19.9 75.4 1 smcj13a smcj13ca geg beg 13.0 14.40 15.90 1 21.5 69.8 1 smcj14a smcj14ca gek bek 14.0 15.60 17.20 1 23.2 64.7 1 smcj15a smcj15ca gem bem 15.0 16.70 18.50 1 24.4 61.5 1 smcj16a smcj16ca gep bep 16.0 17.80 19.70 1 26.0 57.7 1 smcj17a smcj17ca ger ber 17.0 18.90 20.90 1 27.6 54.4 1 smcj18a smcj18ca get bet 18.0 20.00 22.10 1 29.2 51.4 1 smcj20a smcj20ca gev bev 20.0 22.20 24.50 1 32.4 46.3 1 110.3 50 13.6 1 2 rev 7
transient 9rowdjh6xssuhvvruv smcj series meritek part number device marking code reverse s tand-of f voltage breakdown voltage @i t breakdown voltage @i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm uni-polar bi-polar uni bi v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) 22.0 24.40 26.90 1 35.5 42.3 1 smcj24a smcj24ca gez bez 24.0 26.70 29.50 1 38.9 38.6 1 smcj26a smcj26ca gfe bfe 26.0 28.90 31.90 1 42.1 35.7 1 smcj28a smcj28ca gfg bfg 28.0 31.10 34.40 1 45.4 33.1 1 smcj30a smcj30ca gfk bfk 30.0 33.30 36.80 1 48.4 31.0 1 smcj33a smcj33ca gfm bfm 33.0 36.70 40.60 1 53.3 28.2 1 smcj36a smcj36ca gfp bfp 36.0 40.00 44.20 1 58.1 25.9 1 smcj40a smcj40ca gfr bfr 40.0 44.40 49.10 1 64.5 23.3 1 smcj43a smcj43ca gft bft 43.0 47.80 52.80 1 69.4 21.7 1 smcj45a smcj45ca gfv bfv 45.0 50.00 55.30 1 72.7 20.6 1 smcj48a smcj48ca gfx bfx 48.0 53.30 58.90 1 77.4 19.4 1 smcj51a smcj51ca gfz bfz 51.0 56.70 62.70 1 82.4 18.2 1 smcj54a smcj54ca gge bge 54.0 60.00 66.30 1 87.1 17.3 1 smcj58a smcj58ca ggg bgg 58.0 64.40 71.20 1 93.6 16.1 1 smcj60a smcj60ca ggk bgk 60.0 66.70 73.70 1 96.8 15.5 1 smcj64a smcj64ca ggm bgm 64.0 71.10 78.60 1 103.0 14.6 1 smcj70a smcj70ca ggp bgp 70.0 77.80 86.00 1 113.0 13.3 1 smcj75a SMCJ75CA ggr bgr 75.0 83.30 92.10 1 121.0 12.4 1 smcj78a smcj78ca ggt bgt 78.0 86.70 95.80 1 126.0 11.9 1 smcj85a smcj85ca ggv bgv 85.0 94.40 104.00 1 137.0 11.0 1 smcj90a smcj90ca ggx bgx 90.0 100.00 111.00 1 146.0 10.3 1 smcj100a smcj100ca ggz bgz 100.0 111.00 123.00 1 162.0 9.3 1 smcj110a smcj110ca ghe bhe 110.0 122.00 135.00 1 177.0 8.5 1 smcj120a smcj120ca ghg bhg 120.0 133.00 147.00 1 193.0 7.8 1 smcj130a smcj130ca ghk bhk 130.0 144.00 159.00 1 209.0 7.2 1 smcj150a smcj150ca ghm bhm 150.0 167.00 185.00 1 243.0 6.2 1 smcj160a smcj160ca ghp bhp 160.0 178.00 197.00 1 259.0 5.8 1 smcj170a smcj170ca ghr bhr 170.0 189.00 209.00 1 275.0 5.5 1 smcj180a smcj180ca ght bht 180.0 201.00 222.00 1 292.0 5.1 1 smcj190a smcj190ca ghu bhu 190.0 209.00 243.20 1 308.0 4.8 1 smcj200a smcj200ca ghv bhv 200.0 224.00 247.00 1 324.0 4.6 1 smcj210a smcj210ca ghw bhw 210.0 231.00 268.80 1 340.0 4.4 1 smcj220a smcj220ca ghx bhx 220.0 246.00 272.00 1 356.0 4.2 1 smcj250a smcj250ca ghz bhz 250.0 279.00 309.00 1 405.0 3.7 1 smcj300a smcj300ca gje bje 300.0 335.00 371.00 1 486.0 3.1 1 smcj350a smcj350ca gjg bjg 350.0 391.00 432.00 1 567.0 2.6 1 smcj400a smcj400ca gjk bjk 400.0 447.00 494.00 1 648.0 2.3 1 smcj440a smcj440ca gjm bjm 440.0 492.00 543.00 1 713.0 2.1 1 n smcj22a smcj22ca gex bex note: for bidirectional type having vrwm of 10 volts and less,the ir limit doubles. 3 rev 7
figure 1 - peak pulse power rating curve figure 2 - pulse derating curve figure 3 - pulse waveform figure 4 - typical junction capacitance figure 5 - steady state power dissipation derating curve figure 6 - maximum non-repetitive forward surge current uni-directional only r ating and c haracteristic c urves (t a : 25c unless otherwise specified) transient 9rowdjh6xssuhvvruv smcj series meritek 1 10 100 0.000001 0.00001 0.0001 0.001 t d -pulse width (sec.) p ppm -peak pulse power (kw) i ppm - peak pulse current, % i rsm 0 0 50 100 150 1.0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =25c pulse width(td) is de?ned as the point where the peak current decays to 50% of i ppm 10/1000sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) 1 10 100 1000 10000 100000 1.0 10.0 100.0 1000.0 cj (pf) tj=25c f=1.0mhz vsig=50mvp-p uni-directional v=0v bi-directional v=0v v br - reverse breakdown voltage (v) bi-directional @v r uni-directional @v r 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 0 25 50 75 100 125 150 175 p m(av) , steady sate power dissipation (w) t a - ambient temperature (oc) 0 20 40 60 80 100 120 140 160 180 200 1 10 100 number of cycles at 60 hz i fsm - peak forward surge current (a) 0 20 40 60 80 100 0 25 50 75 100 125 150 175 peak pulse po wer (p pp ) or current (i pp ) derating in percentage % t a - ambient temperature (oc) 4 rev 7


▲Up To Search▲   

 
Price & Availability of SMCJ75CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X