Part Number Hot Search : 
LTC1929 Q208I LC863220 L6450 GC4022M5 2SD2220 D6412 G79LXX
Product Description
Full Text Search
 

To Download RC1140-RC232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 1 of 24 radiocrafts embedded wireless solutions low cost multi-channel rf transceiver module product description the rc11xxrc232 rf transceiver modules are compact surfacemounted high performance modules for fsk operation with embedded protocol. t he modules are completely shielded and precertified for operation under the european radi o regulations for licensefree use. rc1170 and rc1190rc232 conforms with regulations for operation under fcc (usa and canada) and under the directives given by g.s.r. (i ndia) respectively. applications ? wireless sensor networks ? automatic meter reading ? alarm and security systems ? pointofsales terminals ? bar code scanners ? telemetry stations ? fleet management features ? small size (12.7 x 25.4 x 3.3 mm), shielded and op timized for smd mounting ? low sleep current consumption, well suited for bat tery operated equipment ? embedded rc232? protocol with addressing and error check ? up to 1018 byte data buffer ? twowire uart interface for easy rs232/422/485 wir e replacement (handshake optional) ? no external components ? no configuration required for singlechannel use ? easy to use data interface ? wide supply voltage range, 2.0 C 3.9 v ? rc1140/80rc232 conforms with eu r&tte directive ( en 300 220, en 301 489, en 60950) ? rc1190rc232 conforms with regulations for operati on under fcc cfr 47 part 15 ? rc1170rc232 complies with g.s.r.564(e) (g.s.r.168 (e)). quick reference data parameter rc1140 - rc232 rc1170 - rc232 rc1180 - rc232 rc1 190 - rc232 unit frequency bands 433.05 C 433.79 865.0 C 867.0 868.0 C 870.0 902 C 915 mhz number of channels 17 15 16 50 data rate 1.2 100 1.2 100 1.2 100 1.2 100 k bit/s max output power 10 10 10 1 dbm sensitivity 110 110 110 110 dbm supply voltage 2.0 C 3.9 2.0 C 3.9 2.0 C 3.9 2.0 C 3.9 volt current consumption, rx / tx 24 / 35 24 / 35 24 / 37 24 / 37 ma current consumption, sleep typ. 0.3 typ. 0.3 typ 0.3 typ 0.3 ua temperature range 40 to +85 40 to +85 40 to +85 40 to +85 c www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 2 of 24 radiocrafts embedded wireless solutions typical application circuit see page 19 for additional schematic information re garding recommended reset and power supply filtering, and how to include a firmware upg rade connector. quick product introduction how do i transmit data? send your data to the rxd pin on the module. use th e uart format with settings (19200, 8, 1, n, no flow control). up to 1018 of payload bytes ar e buffered in the module (total of 1024 including header bytes). the module will transmit t he data when ? the max packet length is reached ? the unique end character is sent ? the modem timeout limit is reached the packet length, end character and timeout limit are configurable incircuit. how do i receive data? any received data packet with correct address and c heck sum will be sent on the txd pin using the same uart format as for transmit. what about the antenna? in most cases a simple quarter wavelength wire or a pcb track will do. connect a piece of wire to the rf pin with length corresponding to the quarter of a wavelength. for space limited products, contact radiocrafts and we will recommend the best antenna solution for your application. how do i change the rf channel or any other paramet er? to change configurable parameters, assert the confi g pin, and send the command string using the same serial interface as for transmitting data. parameters can be changed permanently and stored in nonvolatile memory in the module. rctools rctools is a powerful and easy to use pc suite that helps you during test, development and deployment of the rc11xxrc232. visit www.radiocrafts.com for a free download and full documentation. gnd cts rts config txd rxd gnd gnd vcc reset nc gnd rf gnd vcc antenna { to host meter or rs232/422/485 driver nc optional www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 3 of 24 radiocrafts embedded wireless solutions pin assignment pin description pin no pin name pin type description equivalent circuit 1 gnd system ground 2 cts/rxtx output uart clear to send or uart rxtx 3 rts/sleep input uart request to send. set low to enter sleep mode if rts handshake is not in use. (see note 2) 4 config input configuration enable. active low. should normally be set high. (see note 2) 5 txd output uart tx data 6 rxd input uart rx data. use external max 8k2 kohm pullup resistor if connected to an open collector output from a host mcu or other high impedance circuitry like level shifters. (see note 1) 7 gnd system ground 8 gnd system ground gnd gnd vcc output: 20k input: gnd cts/rxtx rts/sleep config txd rxd gnd gnd vcc reset nc gnd rf gnd 1 2 3 4 5 6 7 14 13 12 11 10 9 8 15 16 17 18 19 20 21 22 30 29 28 27 26 25 24 23 vcc www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 4 of 24 radiocrafts embedded wireless solutions 9 rf rf i/o connection to antenna 10 gnd system ground 11 nc not connected 12 reset input main reset (active low). should normally be left open. internal 12 k pull up resistor. 13 vcc supply voltage input. internally regulated. 14 gnd system ground 1522 reserved test pins or pins reserved for future use. do not connect! 2330 reserved test pins or pins reserved for future use. do not connect! note 1: for uart communication the txd and rxd are used for serial data, and cts and rts for flow cont rol (optional). rxd must be high when not sending data to the module and when module is in sleep mode. note 2: the internal pullups on config and rts/sle ep pin are disabled in sleep mode to minimise the s leep current. gnd gnd 1.8 v vreg vreg 2u2 vcc vcc reset 12k 10k rf www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 5 of 24 radiocrafts embedded wireless solutions block diagram circuit description the module contains a communication controller with embedded rc232? protocol software, a high performance rf transceiver and an internal vol tage regulator. the communication controller handles the radio pack et protocol, the uart interface and controls the rf transceiver. data to be sent by the host is received at the rxd pin and buffered in the communication controller. the data packet is then a ssembled with preamble, startofframe delimiter (sof), address information and crc check sum before it is transmitted on rf. the preamble and sof is always used. the address and cr c are optional. the rf transceiver modulates the data to be transmi tted on rf frequency, and demodulates data that are received. received data are checked for correct address and c rc by the communication controller. if the address matches the modules own address, and no crc errors were detected, the data packet is sent to the host on the txd line after removing the header. the asynchronous uart interface consists of rxd and txd. optionally cts, rts can be used for hardware handshake flow control. rxtx can be us ed to control the direction of an rs485 driver circuit. when the config pin is asserted the communication c ontroller interprets data received on the rxd pin as configuration commands. there are comman ds to change the radio channel, the output power, the destination address etc. permanen t changes of the configuration is also possible and are then stored in internal nonvolati le memory. the rf protocol and the configuration commands are described in detail in the rc232? user manual. the supply voltage is connected to the vcc pin. the module contains an internal voltage regulator and can therefore operate over a wide sup ply voltage range. gnd cts rts config txd rxd gnd communication controller gnd vcc reset nc gnd rf gnd voltage regulator rf transceiver www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 6 of 24 radiocrafts embedded wireless solutions rc232? embedded protocol the module offers a buffered packet radio in the rc 232? embedded protocol. using the buffered packet radio mode, all data to be sent is stored in the module before they are transmitted by the rf circuitry. likewise, when data is receive d they are stored in the module before they are sent to the host. this allows the communication con troller to add address information and to do error check of the data. in buffered mode the uart interface is used to communicate with the host. the embedded protocol, configuration commands and c onfiguration memory is described in the rc232? user manual. this protocol is used in a wide range of rf modules available from radiocrafts. please refer to the latest revision av ailable on radiocrafts website. power management the module can be set in sleep mode in order to red uce the power consumption. when the sleep pin is not enabled (rf_sleep_mode = 0x00) the module can be set in sleep mode by activating config and sending a z command . the module is woken up when config is deactivated (goes high). note: during sle ep the config pin does not have any internal pullup, so the config pin must be driven high in order to wake the module. any activity on the rxd pin will make the module wake up, but im mediately return to sleep as long as config is kept low. such activity on the rxd pin sh ould be avoided in order to reduce current consumption. when the sleep pin is enabled (rf_sleep_mode = 0x02 ) the module can be set in sleep mode by activating rts/sleep (asserting low). the m odule is woken up when rts/sleep is deactivated (goes high). note: during sleep the rts /sleep pin does not have any internal pull up, so the rts/sleep pin must be driven high in ord er to wake up the module. any activity on the rxd or config pins will not make the module wak e up. activity on module pin 16 and 17 can wake the module and must be avoided (do not con nect, as previously stated in this document). config must be high when awakening the m odule to avoid setting the module directly in configuration mode. all configuration settings and ram values are retai ned during sleep. the pullups on rts/sleep and config pin are disabled during sleep mode in or der to minimise the sleep current consumption. if the module is shut completely off, all configuration settings in nonvolatile memory is restored, but values in ram are overwritt en with default settings. idle sleep idle mode rts/sleep enter sleep mode using rts/sleep pin idle sleep idle mode config enter sleep mode using config and z comand uart comand z config www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 7 of 24 radiocrafts embedded wireless solutions timing information the figure and table below shows the timing informa tion for the module when changing between different operating states. the idle state is the normal state where the module search for preamble on the air and wait for a character to be received on the uart. rxd is the state when receiving characters from the host filling up the internal buffer. tx state is wh en the data is transmitted on the air. rx state is when data is received from the air after preamble d etection. txd is the state where the received data is sent to the host on the uart. config is the state entered by asserting the config pin and used during parameter configuration, while memory config is the substate entered by the m command where the configuration memory is being programmed. note the limitation on maximum number of write cycles using the m command, see electrical specif ications. idle tx t rxd-tx first character on uart rxd idle t tx-idle rxd t packet_timeout last character on uart rxd t tx idle txd t rx-txd preamble detected idle t txd-idle rx first character on uart txd t txd last character on uart txd t rxd-cts www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 8 of 24 radiocrafts embedded wireless solutions symbol value description / note t rxtxd 180 us time from last byte is received from the ai r until first character is sent on the uart t txd min 590 us t txd = # bytes received x 590 us/char (10 bits at 19.2 k bd + 70 us delay per character) t txdidle 900 us time from last character is sent on the uart until module is in idle mode (ready for rxd and rx) t rxdcts 20 us time from last character is received by the uart (including any timeout) until cts is activated t rxdtx 960 us time from last character is received by the uart (including any timeout) until the module sends the first byte on t he air. t txidle 960 us time from last character is sent on the air until module is in idle mode (ready for rxd and rx) t off idle 3.2 ms t reset idle 3.0 ms t sleep idle 1.28 ms t config prompt 590 us time from config pin is set low until prompt (>) t c#config 1.1 ms delay after channelbyte is sent until promp t (>). (for other commands like m, t there is no delay but immedi ate prompt) t memory config 30.52 ms in this period the internal flash is programmed. do not reset, turn the module off, or allow any power supply dips in this period as it may cause permanent error in the flash configuration me mory. after 0xff the host should wait for the > prompt before any further action is done to ensure correct re-configuration. t config idle 1.42 ms t tx min 20 ms t tx = # bytes to send x 1.67 ms/byte (at 4.8 kbit/s) + 7 bytes preamble, sync and length + 2 bytes address + 2 bytes crc t rssi 4 ms time from end of s command to start of rssi b yte received on uart off idle t off-idle sleep idle t sleep-idle reset idle t reset-idle config config t c-config idle t config-idle c x config memory config config t memory-config m 0xff idle t config-idle x idle t config-prompt config set low www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 9 of 24 radiocrafts embedded wireless solutions rf frequency, output power levels and data rates the following table shows the available rf channels and their corresponding frequencies, nominal output power levels and available data rate s. model rf channel output power data rate rc1140 - rc232 1: 433.100 mhz 2: 433.200 mhz 3: 433.300 mhz 4: 433.400 mhz 5: 433.500 mhz 6: 433.600 mhz 7: 433.700 mhz 8: 433.800 mhz 9: 433.900 mhz 10: 434.000 mhz 11: 434.100 mhz 12: 434.200 mhz 13: 434.300 mhz 14: 434.400 mhz 15: 434.500 mhz 16: 434.600 mhz 17: 434.700 mhz 1: 20 dbm 2: 10 dbm 3: 0 dbm 4: 5 dbm 5: 10 dbm 1: 1.2 kbit/s 2: 4.8 kbit/s 3: 19.0 kbit/s 4: 32.768 kbit/s 5: 76.8 kbit/s 6: 100 kbit/s 7: for future use rc1170 - rc232 1: 865.100 mhz 2: 865.300 mhz 3: 865.500 mhz 4: 865.700 mhz 5: 865.900 mhz 6: 866.100 mhz 7: 866.300 mhz 8: 866.500 mhz 9: 866.700 mhz 10: 866.900 mhz 11: 867.100 mhz 12: 867.300 mhz 13: 867.500 mhz 14: 867.700 mhz 15: 867.900 mhz 1: 20 dbm 2: 10 dbm 3: 0 dbm 4: 5 dbm 5: 10 dbm 1: 1.2 kbit/s 2: 4.8 kbit/s 3: 19.0 kbit/s 4: 32.768 kbit/s 5: 76.8 kbit/s 6: 100 kbit/s 7: for future use www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 10 of 24 radiocrafts embedded wireless solutions rc1180 - rc232 1: 868.050 mhz 2: 868.150 mhz 3: 868.250 mhz 4: 868.350 mhz 5: 868.450 mhz 6: 868.550 mhz 7: 868.650 mhz 8: 868.750 mhz 9: 868.850 mhz 10: 868.950 mhz 11: 869.050 mhz 12: 869.150 mhz 13: 869.525 mhz 14: 869.750 mhz 15: 869.850 mhz 16: 869.950 mhz 1: 20 dbm 2: 10 dbm 3: 0 dbm 4: 5 dbm 5: 9 dbm 1: 1.2 kbit/s 2: 4.8 kbit/s 3: 19.0 kbit/s 4: 32.768 kbit/s 5: 76.8 kbit/s 6: 100 kbit/s 7: for future use rc1190 - rc232 50 channels: 902+nx0.5 mhz for n = [1, 50] default: 1: 902.5 mhz 1: 20 dbm 2: 10 dbm 3: 0 dbm 4: not recommended* 5 : not recommended* 1: 1.2 kbit/s 2: 4.8 kbit/s 3: 19.0 kbit/s 4: 32.768 kbit/s 5: 76.8 kbit/s 6: 100 kbit/s 7: for future use * not recommended due to higher output power than t he fcc limit. rf channel and output power level can be set using the configuration commands c and p respectively. the data rate can only be changed in configuration memory by using the m command setting rf_data_rate. the default rf channel and output power level can be set in the configuration memory by using the m command s etting rf_channel and rf_power. the default values are used after power on and rese t. the default factory settings are shown in bold in the table above. for more details on changing the rf channel, output power or data rate, refer to the description of the configuration commands. the use of rf frequencies, maximum allowed rf power and dutycycles are limited by national regulations. the rc1180rc232 and rc1140rc232 is c omplying with the applicable directives within the european union when used within these li mitations. rc1190rc232 is pending approval under fcc for use in the us and canada. for more information see section regulatory compliance info rmation. www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 11 of 24 radiocrafts embedded wireless solutions rssi reading the module provides a digital received signal stren gth indicator (rssi) through the s command, or attached to received messages. the modu le returns an 8 bit character (one byte) indicating the current input signal strength (follo wed immediately by a second character which is the prompt (>) when in command mode). the signal strength can be used as an indication of fading margin, or as a carrier sense signal to avoi d collisions. the signal strength measure by the s command is the instantaneous value. the rssi value appended to a received message (rssi_mode = 1) is t he signal strength of that received packet. the rssi value increases with increased input signa l strength in 0.5 db steps. input signal strength is given by (typ.): p = rssi / 2 [dbm] the dynamic range of the rssi (p) goes from the sen sitivity level up to typical 30 dbm (rssi saturation level). temperature reading the module provides readings of a digital temperatu re monitoring sensor (temp) through the u command. the module returns an 8 bit character (one byte) indicating the current temperature in degrees celsius (c) followed immediately by a seco nd character which is the prompt (>). the temp value increases with increased temperature in 1 c steps and accuracy of +/ 2 c. temperature is given by: t = temp(dec) 128 [c] (example: temp=0x98 equ als +24 c) power supply voltage reading the module provides readings of an internal power s upply voltage monitoring sensor (vcc) through the v command. the module returns an 8 bi t character (one byte) indicating the current power supply voltage level followed immediately by a second character which is the prompt (>). the command can be useful for battery power monitor ing. the vcc value increases with increased power supply voltage in 30 mv steps. the power supply voltage is given by: v = vcc(dec)*0.030 [v] (example: vcc=0x68 equals 3.12 v) www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 12 of 24 radiocrafts embedded wireless solutions module configuration the configuration of the module can be changed inc ircuit from the host during operation, at the time of installation of the equipment, at the manuf acturing test, or even as a standalone module. the configuration is changed sending commands on th e uart interface after the module is set in configuration mode. the configuration mode is enter ed by asserting the config pin (set low). in command mode the module will respond by sending a > prompt on the txd pin. this indicates that the module is ready to receive comma nds. the config pin can then be de asserted. note that the config pin must be deasser ted before the exit command (x) is sent to the module in order to return to normal operation. after a command is executed, the module responds wi th the > prompt character again indicating it is ready for a new command. do not send a new co mmand before the > prompt is received. the time required to execute a command can vary dep ending on the command (see the timing information section). there is no > prompt after the x exit command. the parameters that are set by commands directly ta ke immediate effect after returning to normal operation (idle), but will not be stored in nonvol atile memory, and will be lost in case the supply power is turned off or if the module is reset. thes e parameters are for example the radio channel and output power. a list of commands is shown in the table below. parameter command argument in hex (decimal) note channel c C 0x43 0x010x0c (112) data is stored in volatile memory only. output power p C 0x50 0x010x05 (15) data is sto red in volatile memory only. signal strength (rssi) s C 0x53 returns one byte indicating the signal strength see page 10 for details destination address t C 0x54 0x00 C 0xff (0255) data is stored in volatile memory only. temperature monitoring u C 0x55 returns one byte indicating the temperature. see page 10 for details battery monitoring v C 0x56 returns one byte indicating the power supply voltage. see page 10 for details memory read one byte y C 0x59 0x00 C 0x7f (the argument is the address in the configuration memory.) return one byte value from the configuration memory. memory configuration m C 0x4d (address, data): see list of parameters below. 0xff exits memory configuration. used to enter memory configuration menu. parameters changed are stored in nonvolatile memory. memory reset @rc no arguments, but config must be low for this command. resets the configuration memory back to factory default values in the whole nonvolatile memory. exit command x C 0x58 (none) exit to normal opera tion mode. all changes of parameters take effect. sleep mode z C 0x5a (none) config pin must be www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 13 of 24 radiocrafts embedded wireless solutions asserted while in sleep mode. exit sleep mode by releasing config pin. test mode 0 0 C 0x30 (none) list all configuratio n memory parameters test mode 1 1 C 0x31 (none) tx carrier test mode 2 2 C 0x32 (none) tx modulated signal pn9 sequence test mode 3 3 C 0x33 (none) rx mode test mode 4 4 C 0x34 (none) radio off mode (rx and tx off) note: ascii characters are written as x, hexadecimal n umbers are written like 0x00, and decimal numbers are written like 10 throughout the text. a table of ascii characters and their respective hex and decimal values are found in the appendix. commands must be sent as ascii characters or their corresponding binary value. all arguments must be sent as binary values to the module (not as ascii representation for hex or decimal). any invalid command will be ignored and the > pro mpt will be resent. the config line must be deasserted after the first > prompt was received , but before the x command. to make permanent changes to default values and oth er parameters, the memory configuration command m is used. this command should be followe d by pairs of byte being the memory address and the new value to be stored at that addr ess. in order to exit the memory configuration mode command x must be sent. example: to select rf channel 3, send the follow sequence af ter asserting the config line and the > prompt is received: command hex response comment/note config asserted > deassert config after > p rompt c 0x43 > 3 0x03 > wait for > prompt [a new command could be issued here] x 0x58 (none) module returns to idle state it is important to enter test mode 3 before exiting the configuration mode (x) if test mode 1 or 2 has been used. this will ensure proper operation in normal mode. www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 14 of 24 radiocrafts embedded wireless solutions configuration memory the table below shows the complete list of configur able parameters stored in nonvolatile memory. these values can be changed using the m c ommand. all addresses and arguments must be sent as binary values to the module (not as ascii representation for hex or decimal). parameter description address hex argument (dec) factory setting hex (dec) comment radio configuration rf_channel default rf channel 0x00 rc1140: 117 rc1180: 116 rc1190: 150 0x01 (1) see table page 9 for details rf_power default rf output power 0x01 15 0x05 (5) see table page 9 for details rf_data_rate default rf data rate 0x02 17 0x03 (3) see table page 9 for details sleep_mode sleep mode 0x04 0: sleep pin disabled 1: reserved 2: sleep pin enabled 0x00 (0) when enabled, the module will enter sleep mode by asserting sleep pin low. do not use in combination with enabled uart flow control. rssi_mode append rssi 0x05 01 0x00 (0) 0: no rssi append no 1: rssi append radio packet configuration packet_length_h max packet length high byte. 0x0e 0x010x03 (03) 0x00 (0) packet length > 128 was introduced in fw rev 1.28. for older revisions always use packet_length_h=0. if packet_lenght_h=0 for fw rev 1.28 and newer, then the packet format is backward compatible with fw rev 1.27 and older. packet_length_l max packet length low byte. 0x0f 0x010x80 (1128) 0x80 (128) packet_timeout time before modem time out and transmitting the buffer 0x10 0x000xfe (0254) 0x00 (0): none 0x01 (1): 32 ms 0x02 (2): 48 ms 0x03 (3): 64 ms 0x7c (124): 2 s 0xf9 (249): 4 s 0x7c (124) none means packet timeout is disabled (not 0 s). timeout value is (packet_timoeout x 16 ms) + 0/16 ms min/max 0xfe (254) is max, giving 4.080 sec. default is 2 s = 0x7c (124) packet_end_ character 0x11 0x00: off 0x010xff: on 0x00 0: no end character 1255: use value as end character medium access, addressing and network management address_mode 0x14 0, 2, 8 0x02 (2) 0: no addressin g 2: 1 byte addressing 8: 4 byte addressing (fw rev 1.28 and newer) using addressing adds the sid and did bytes to the radio packet. crc_mode 0x15 0x02 (2) 0: none 2: crc16 unique_id1 (uid1) 0x19 0255 0x01 (1) address_mode=8 uid=uid4:uid3:uid2:uid1 sid=sid4:sid3:sid2:sid1 did=did4:did3:did2:did1 system_id1 (sid1) 0x1a 0255 0x01 (0) unique_id2 (uid2) 0x1b 0255 0x01 (1) system_id2 (sid2) 0x1c 0255 0x01 (0) unique_id3 (uid3) 0x1d 0255 0x01 (1) www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 15 of 24 radiocrafts embedded wireless solutions system_id3 (sid3) 0x1e 0255 0x01 (0) bid=bid:bid: bid:bid address_mode=2 uid=uid1 sid=sid1 did=did1 bid=bid unique_id4 (uid4) 0x1f 0255 0x01 (1) system_id4 (sid4) 0x20 0255 0x01 (0) destination_id1(d id1) 0x21 0255 0x01 (1) destination_id2(d id2) 0x22 0255 0x01 (1) destination_id3(d id3) 0x23 0255 0x01 (1) destination_id4(d id4) 0x24 0255 0x01 (1) broadcast_ address 0x28 0255 0xff (255) data and configuration interface, uart serial port uart_baud_rate baud rate 0x30 0x00: not used 0x01: 2400 0x02: 4800 0x03: 9600 0x04. 14400 0x05: 19200 0x06: 28800 0x07: 38400 0x08: 56700 0x09: 76800 0x0a: 115200 0x0b: 230400 0x05 (5) be careful ifchanging as host may loose contact with module! does not take effect until module is rebooted / reset. uart_number_of _bits 0x31 8: 8 bits 9: 8 bits +1 parity 0x08 (8) be careful if changing as host may loose contact with module! parity bit only an option when address 0x31=0x09 (9 bits) does not take effect until module is rebooted / reset. uart_parity 0x32 0: even parity 1: odd parity 0x00 (0) uart_stop_bits 0x33 1: 1 stop bit 2: 2 stop bits 0x01 (1) uart_flow_ctrl uart flow control 0x35 0: none 1:cts only 3:cts/rts 4:rxtx(rs485) 0x00 (0) part_number 0x3c 0x49 rcxxxx rc232 hw_rev_no 0x4b 0x4e x.yz x, y and z; any number 0d 9d fw_rev_no 0x50 0x53 x.yz x, y and z; any number 0d 9d note: address location not listed should not be changed from the default value. antenna connection the antenna should be connected to the rf pin. the rf pin is matched to 50 ohm. if the antenna connector is placed away from the module at the motherboard, the track between the rf pin and the connector should be a 50 ohm transmissi on line. on a two layer board made of fr4 the width of a mic rostrip transmission line should be 1.8 times the thickness of the board, assuming a dielectric c onstant of 4.8. the line should be run at the top of the board, and the bottom side should be a groun d plane. example: for a 1.6 mm thick fr4 board, the width of the trace on the top side should be 1.8 x 1.6 mm = 2.88 mm. www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 16 of 24 radiocrafts embedded wireless solutions the simplest antenna to use is the quarter wave whi p antenna. a quarter wave whip antenna above a ground plane yields 37 ohm impedance and a matching circuit for 50 ohm are usually not required. a pcb antenna can be made as a copper track where t he ground plane is removed on the back side. the rest of the pcb board should have a groun d plane as large as possible, preferably as large as the antenna itself, to make it act as a co unterweight to the antenna. if the track is shorter than a quarter of a wavelength, the antenna should be matched to 50 ohms. the lengths of a quarter wave antenna for different operational frequencies are given in the table below. frequency [mhz] length [cm] 433 16.4 865867 8.2 868 8.2 915 7.8 www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 17 of 24 radiocrafts embedded wireless solutions pcb layout recommendations the recommended layout pads for the module are show n in the figure below. all dimensions are in thousands of an inch (mil). the circle in upper left corner is an orientation mark only, and should not be a part of the copper pattern. a pcb with two or more layers and with a solid grou nd plane in one of the inner or bottom layer(s) is recommended. all gndpins of the module shall be connected to this ground plane with vias with shortest possible routing, one via p er gndpin. on the back side of the module there are several te st pads. these test pads shall not be connected, and the area underneath the module shoul d be covered with solder resist. if any routing or vias is required under the module, the r outing and vias must be covered with solder resist to prevent short circuiting of the test pads . it is recommended that vias are tented. reserved pins should be soldered to the pads but th e pads must be left floating. note that radiocrafts technical support team is ava ilable for schematic and layout review of your design. www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 18 of 24 radiocrafts embedded wireless solutions mechanical drawing mechanical dimensions the module size is 12.7 x 25.4 x 3.3 mm. carrier tape and reel specification carrier tape and reel is in accordance with eia spe cification 481. tape width component pitch hole pitch reel diameter units per reel 44 mm 16 mm 4 mm 13 max 1000 soldering profile recommendation jedec standard iec/jedec jstd020b (page 11 and 12 ), pbfree assembly is recommended. the standard requires that the heat dissipated in t he surroundings on the pcb is taken into account. the peak temperature should be adjusted so that it is within the window specified in the standard for the actual motherboard. aperture for paste stencil is normally arealreduce d by 2035%. nominal stencil thickness of 0.1 012 mm is recommended. consult your production fac ility for best experience aperture reduction. top view side view bottom view end view drawings are not to scale radiocrafts 25.4 mm 12.7 mm 8.5 mm 13.6 mm 0.9 mm 1.4 mm 2.1 mm 2.1 mm 0.38 mm 23.6 mm 10.9 mm 1.9 mm 3.2 mm rcxxxx yyyyww nn a.bb part nr: rcxxxx lot code: yyyyww (yyyy=prod. year, ww= prod. week) hardware revision: a.bb approval marking: nn = ce, fcc or others 3.3 mm www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 19 of 24 radiocrafts embedded wireless solutions absolute maximum ratings parameter min max unit caution ! esd sensitive device. precaution should be used when handling the device in order to prevent permanent damage. supply voltage, vcc 0.3 3.9 v voltage on any pin 0.3 vcc+0.3v max 3.9v v input rf level 10 dbm storage temperature 50 150 c operating temperature 40 85 c under no circumstances the absolute maximum ratings given above should be violated. stress exceeding one or more of the limiting values may ca use permanent damage to the device. electrical specifications t=25 c, vcc = 3.0v if nothing else stated. parameter min typ. max unit condition / note operating frequency rc1140 rc1170 rc1180 rc1190 433.05 865.0 868.0 902.0 434.79 868.0 870.0 928.0 mhz number of channels rc1140 rc1170 rc1180 rc1190 17 15 16 50 input/output impedance 50 ohm data rate 1.2 4.8 19.0 32.768 76.8 100 kbit/s frequency stability +/40 ppm including 10 years of aging. frequency stability aging 1 ppm/year starting aft er 10 years transmit power 20 9 dbm fsk deviation 5.2 127 khz depends on data rate channel filter bandwidth 58 540 khz depends on data rate spurious emission, tx < 1 ghz > 1 ghz 47 C 74 mhz 87.5 C 118 mhz 174 C 230 mhz 470 C 862 mhz 36 30 54 54 54 54 dbm sensitivity 1.2 kbit/s 4.8 kbit/s 19.0 kbit/s 32.768 kbit/s 76.8 kbit/s 100 kbit/s 110 106 104 101 99 97 dbm 1% packet error rate, 20 bytes packet length adjacent channel rejection 29 db alternate channel selectivity 53 db image channel rejection 28 db www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 20 of 24 radiocrafts embedded wireless solutions blocking / interferer rejection / desensitization +/ 1 mhz +/ 2 mhz +/ 5 mhz +/ 10 mhz 30 35 50 60 43 49 68 72 db wanted signal 3 db above sensitivity level, cw interferer. minimum numbers corresponds to class 2 receiver requirements in en300220. saturation 14 dbm spurious emission, rx 57 dbm supply voltage 2.0 3.9 v current consumption, rx/idle 24 ma apply over entire supply voltage range rc1140 tx current consumption, tx 20 dbm 10 dbm 0 dbm 5 dbm 9 dbm 18 20 22 25 35 ma apply over entire supply voltage range rc1170/1180/1190 tx current consumption, tx 20 dbm 10 dbm 0 dbm 5 dbm 9 dbm 16 17 22 30 37 ma current consumption, sleep 0.3 1.0 ua digital i/o input logic level, low input logic level, high output logic level, low (1a) output logic level, high(1a) 70 % 0 30 % vcc v of vcc of vcc reset pin input logic level, low input logic level, high 70 % 30 % v minimum 250 ns pulse width uart baud rate tolerance +/ 2 % uart receiver and transmitter configuration memory write cycles 1000 the guaranteed number of write cycles using the m command is limited regulatory compliance information the use of rf frequencies and maximum allowed rf po wer is limited by national regulations. the rc1140rc232 and rc1180rc232 has been designed to comply with the r&tte directive 1999/5/ec. according to r&tte directives, it is the responsibility of radiocrafts customers (i.e. rc11xxrc232 end user) to check that the host produ ct (i.e. final product) is compliant with r&tte essential requirements. the use of a ce marke d radio module can avoid recertification of the final product, provided that the end user re spects the recommendations given by radiocrafts. a declaration of conformity is availab le from radiocrafts on request. the rc1190rc232 has been tested towards fcc regula tions for license free operation under part 15. however, a final approval is required by f cc for the end product. the rc1170rc232 has been tested towards g.s.r.564( e) and g.s.r.168(e) for license free use in india. the gazettes are available from radio crafts on request. the relevant regulations are subject to change. rad iocrafts as do not take responsibility for the validity and accuracy of the understanding of the r egulations referred above. radiocrafts only guarantee that this product meets the specification s in this document. radiocrafts is exempt from any responsibilities related to regulatory complian ce. www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 21 of 24 radiocrafts embedded wireless solutions power supply noisy external circuitry may under certain scenario s affect the transmitted signal on rc11xxrc232 and precaution should be taken for eu r&tte conform ity. example of circuits that can generate noise on the rc11xxrc232 transmitted spectrum may be dc/ dc converters and some level converters like rs232 and rs485. to increase spectrum margin i t is important to add an emi filter bead on the vcc pin of the rc11xxrc232 module. alternatively t he rc11xxrc232 may be powered form a separate voltage regulator. this will ensure that p otential switching noise is filtered out from the p ower supply to the rc11xxrc232. a block diagram of a ty pical pc serial port interface is illustrated below . suggested part numbers: component manufacturer part number emi filter bead murata blm11a102s, ordering code blm18xx102xn1d programming interface for future firmware updates and possible custom var iants it is recommended to include a 2x5 pins programming connector to the module programming pin s. the connector should be a 2.54 mm pitch pinrow (same pitch in both directions), smd or thr oughhole version, with the connections shown below. reset connection to minimize effect of noise on the resetline, the reset pin on the module (pin 12) must be connected to external circuitry via an rcnetwork. it is recommended to connect reset to either a supe rvisory circuit or microcontroller i/opin. if the reset is driven by a pushpull output, an additional series resistor of 5k6 shall be inserted as shown in the f igure, to allow an external programmer used for firmware upgrade to assert reset low. in noisy surr oundings and where reset is not driven by a push pull output, it is recommended that the connection a below is pulled to vcc via one or more resistor s where the equivalent pullup resistor is close to 5 k6 2 to vcc 4 to pin 19, debug data 1nf 2k7 vcc reset connect to programming connector pin reset place directly on resetpin as close as possible on pin 5k6 connect to supervisory circuit or mcu i/opin gnd 1 rs232, rs485, rs422 or usb levelshif ter or microcontroller (mcu) rts cts config txd rxd to pin 20, 3 debug clock 7 to pin 12, reset emi filter bead, place close to vcc pin vcc gnd vcc to programming connector a www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 22 of 24 radiocrafts embedded wireless solutions appendix: ascii table hex dec chr ctrl hex dec chr 0 0 nul ^@ 40 64 @ 1 1 soh ^a 41 65 a 2 2 stx ^b 42 66 b 3 3 etx ^c 43 67 c 4 4 eot ^d 44 68 d 5 5 enq ^e 45 69 e 6 6 ack ^f 46 70 f 7 7 bel ^g 47 71 g 8 8 bs ^h 48 72 h 9 9 ht ^i 49 73 i 0a 10 lf ^j 4a 74 j 0b 11 vt ^k 4b 75 k 0c 12 ff ^l 4c 76 l 0d 13 cr ^m 4d 77 m 0e 14 so ^n 4e 78 n 0f 15 si ^o 4f 79 o 10 16 dle ^p 50 80 p 11 17 dc1 ^q 51 81 q 12 18 dc2 ^r 52 82 r 13 19 dc3 ^s 53 83 s 14 20 dc4 ^t 54 84 t 15 21 nak ^u 55 85 u 16 22 syn ^v 56 86 v 17 23 etb ^w 57 87 w 18 24 can ^x 58 88 x 19 25 em ^y 59 89 y 1a 26 sub ^z 5a 90 z 1b 27 esc 5b 91 [ 1c 28 fs 5c 92 \ 1d 29 gs 5d 93 ] 1e 30 rs 5e 94 ^ 1f 31 us 5f 95 _ 20 32 sp 60 96 ` 21 33 ! 61 97 a 22 34 " 62 98 b 23 35 # 63 99 c 24 36 $ 64 100 d 25 37 % 65 101 e 26 38 & 66 102 f 27 39 ' 67 103 g 28 40 ( 68 104 h 29 41 ) 69 105 i 2a 42 * 6a 106 j 2b 43 + 6b 107 k 2c 44 , 6c 108 l 2d 45 ? ?? ? 6d 109 m 2e 46 . 6e 110 n 2f 47 / 6f 111 o 30 48 0 70 112 p 31 49 1 71 113 q 32 50 2 72 114 r 33 51 3 73 115 s 34 52 4 74 116 t 35 53 5 75 117 u 36 54 6 76 118 v 37 55 7 77 119 w 38 56 8 78 120 x 39 57 9 79 121 y 3a 58 : 7a 122 z 3b 59 ; 7b 123 { 3c 60 < 7c 124 | 3d 61 = 7d 125 } 3e 62 > 7e 126 ~ 3f 63 ? 7f 127 del www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 23 of 24 radiocrafts embedded wireless solutions document revision history document rev ision changes 1.0 first release 1.1 pullup description during sleep and additional info regarding channel selection is added. 1.2 updated timing table, reset connection. 1.21 minor correction 1.30 mechanical drawing update, product status chan ge and minor corrections 1.40 new commands added (u, v, y and @rc). sensitiv ity corrected. i/o pin direction and stencil thickness included. rssi timi ng added. updated application circuit. 1.41 minor text correction 1.42 rts/sleep pin info and configuration added. v cc range clarified to be max 3.9 v. rssi dynamic range added and minor correctio ns. 1.43 max packet length increased to 1024 bytes. new address mode option for 4 byte addressing uart number of bits and parity option added introduced part number rc1170rc232 changes harmonize to rc232 firmware revision 1.28 product status and definitions current status data sheet identification product status definition advance information planned or under development this data sheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary engineering samples and first production this data sheet contains preliminary data, and supplementary data will be published at a later date. radiocrafts reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. x no identification noted full production this data sheet contains final specifications. radiocrafts reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. obsolete not in production this data sheet contain s specifications on a product that has been discontinued by radiocrafts. the data sheet is printed for reference information only. www.datasheet.co.kr datasheet pdf - http://www..net/
rc11xx-rc232 ? 2010 radiocrafts as rc11xxrc232 data sheet (rev. 1 .43) page 24 of 24 radiocrafts embedded wireless solutions disclaimer radiocrafts as believes the information contained h erein is correct and accurate at the time of this p rinting. however, radiocrafts as reserves the right to make changes t o this product without notice. radiocrafts as does not assume any responsibility for the use of the described product ; neither does it convey any license under its pate nt rights, or the rights of others. the latest updates are available at the radiocrafts website or by contacting radiocrafts di rectly. as far as possible, major changes of product specif ications and functionality, will be stated in produ ct specific errata notes published at the radiocrafts website. custome rs are encouraged to check regularly for the most r ecent updates on products and support tools. trademarks rc232? is a trademark of radiocrafts as. the rc232? embedded rf protocol is used in a range of product s from radiocrafts. the protocol handles host communicatio n, data buffering, error check, addressing and broa dcasting. it supports pointtopoint, pointtomultipoint and pe ertopeer network topologies. all other trademarks, registered trademarks and pro duct names are the sole property of their respectiv e owners. life support policy this radiocrafts product is not designed for use in life support appliances, devices, or other systems where malfunction can reasonably be expected to result in significant personal injury to the user, or as a critical comp onent in any life support device or system whose failure to perform can be re asonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. r adiocrafts as customers using or selling these prod ucts for use in such applications do so at their own risk and agree to f ully indemnify radiocrafts as for any damages resul ting from any improper use or sale. ? 2010, radiocrafts as. all rights reserved. contact information web site: www.radiocrafts.com address: radiocrafts as sandakerveien 64 no0484 oslo norway tel: +47 4000 5195 fax: +47 22 71 29 15 email: radiocrafts@radiocrafts.com sales@radiocrafts.com support@radiocrafts.com www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of RC1140-RC232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X