Part Number Hot Search : 
D221MF UR4KB40 HER30 AP4426GM CR201 0E0002 SMBJ40 PS8551L4
Product Description
Full Text Search
 

To Download PSL14-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features mechanical data ps l12 -n th ru ps l14 -n silicon epit axial planer type silicon epit axial planer type low vf chip schottky diodes o maximum ratings (at t a =25 c unless otherwise noted) u n i t s symbol i o i r i fsm c j r ja t stg min. typ. max. parameter conditions forward rectified current forward surge current reverse current -55 80 130 1.0 30 1.0 10 +150 m a m a a a 0 c / w p f 0 c symbols marking code operating temperature 0 (c ) -55 to + 125 8.3ms single half sine-wave superimposed on rated load (jedec method) 0 v r =v rrm t a =25 c 0 v r =v rrm t a =100 c junction to ambient f=1mhz and applied 4vdc reverse voltage see fig.2 *1 repetitive peak reverse peak reverse *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage 20 30 40 14 21 28 20 0.38 30 0.40 40 0.40 plastic package has underwriters laboratory flammability classification 94v-0 ufizing flame retardant epoxy molding compound. for surface mounted applications. exceeds environmental standards of ml-s-19500/228 low leakage current l2 l3 l4 case jedec sod-323 molded plastic t erminals solder plated, solderable per mil-std-750, method 2026 polarity indicated by cathode band mounting position any psl12-n psl13-n PSL14-N *1 v rrm (v) *2 v rms (v) *3 v r (v) *4 v f (v) thermal resistance diode junction capacitance storage temperature s o d - 3 2 3 dimensions in inches and (millimeters) 0.012(0. 3) typ . 0.016(0. 4) typ . 0.016(0. 4) typ . 0.106 (2.7 ) 0.091 (2.3 ) 0.057 (1.45 ) 0.041 (1.05 ) 0.047 (1.2 ) 0.031 (0.8 ) www.paceleader.tw
2 crownpo technology ps l12 -n th ru ps l14 -n silicon epit axial planer type silicon epit axial planer type www.paceleader.tw


▲Up To Search▲   

 
Price & Availability of PSL14-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X