Part Number Hot Search : 
PS1201 HMC29208 P87L42 AX168 KE300 EL0037 M4002 MA160A
Product Description
Full Text Search
 

To Download PSL14-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features mechanical data ps l12 -m th ru ps l14 -m silicon epit axial planer type silicon epit axial planer type low vf chip schottky diodes o maximum ratings (at t a =25 c unless otherwise noted) u n i t s symbol i o i r i fsm c j r ja t stg min. typ. max. parameter conditions -55 42 130 1.0 30 1.0 10 +150 m a m a a a 0 c / w p f 0 c symbols marking code operating temperature 0 (c ) -55 to + 125 *1 repetitive peak reverse peak reverse *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage 20 30 40 14 21 28 20 0.38 30 0.40 40 0.40 psl12-m psl13-m PSL14-M plastic package has underwriters laboratory flammability classification 94v-0 ufizing flame retardant epoxy molding compound. for surface mounted applications. exceeds environmental standards of ml-s-19500/228 low leakage current case jedec sod-123/mini sma molded plastic t erminals solder plated, solderable per mil-std-750, method 2026 polarity indicated by cathode band mounting position any weight 0.04gram l2 l3 l4 *1 v rrm (v) *2 v rms (v) *3 v r (v) *4 v f (v) see fig.2 8.3ms single half sine-wave superimposed on rated load (jedec method) 0 v r =v rrm t a =25 c 0 v r =v rrm t a =100 c junction to ambient f=1mhz and applied 4vdc reverse voltage forward rectified current forward surge current reverse current thermal resistance diode junction capacitance storage temperature s o d - 1 2 3 0.154(3.9 ) 0.13 8(3.5 ) 0.012(0.3) typ . 0.071(1.8 ) 0.055(1.4 ) 0.126(3.2 ) 0.110( 2.8 ) 0.06 7(1.7 ) 0.051(1.3 ) 0.035(0.9) typ . 0.035(0.9) typ . dimensions in inches and (millimeters) www.paceleader.tw
2 ps l12 -m th ru ps l14 -m silicon epit axial planer type silicon epit axial planer type rating and characteristics curves psl12-m thru PSL14-M www.paceleader.tw


▲Up To Search▲   

 
Price & Availability of PSL14-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X