Part Number Hot Search : 
IRFN250 18160 SM160 P6KA13A H2264 PCA9698 1N4001 TZA3014
Product Description
Full Text Search
 

To Download PS7241-2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the mark shows major revised points. the revised points can be easily s earched by copying an "" in the pdf file and specifying it in the "find what:" field. data sheet the information in this document is subject to change without notice. before using this document, please confirm that this is the latest version. not all products and/or types are available in every country. please check with an nec electronics sales representative for availability and additional information. solid state relay ocmos fet PS7241-2A 8-pin sop, 400v break down voltage normally open type 2-ch optical coupled mos fet document no. pn10304ej02v0ds (2nd edition) date published august 2006 ns cp(k) printed in japan ? nepoc series ? 1998, 2006 description the PS7241-2A is a solid state relay containing gaas leds on the light emitting side (input side) and normally open (n.o.) contact mos fets on the output side. it is suitable for analog signal control becaus e of their low offset and high linearity. features ? 2 channel type (1 a + 1 a output)  low led operating current (i f = 2 ma)  designed for ac/dc switching line changer  small and thin package (8-pin sop, height = 2.1 mm)  low offset voltage  ordering number of taping product : PS7241-2A-f3, f4: 1 500 pcs/reel  pb-free product  safety standards  ul approved: file no. e72422  bsi approved: no. 8241/8242  csa approved: no. ca 101391 applications  exchange equipment  measurement equipment  fa/oa equipment
data sheet pn10304ej02v0ds 2 PS7241-2A package dimensions (in millimeters) 1. led anode 2. led cathode 3. led anode 4. led cathode 5. mos fet 6. mos fet 7. mos fet 8. mos fet 8765 1234 top view 9.080.5 7.00.3 4.4 0.50.3 0.05 +0.08 ?0.05 0.40.3 2.05 +0.08 ?0.05 2.54 0.40 +0.10 ?0.05 0.25 m 0.15 +0.10 ?0.05 marking example no. 1 pin mark PS7241-2A nl601 country assembled type number assembly lot 6 01 year assembled (last 1 digit) l n rank code in-house code (l: pb-free) week assembled
data sheet pn10304ej02v0ds 3 PS7241-2A ordering information part number order number solder plating specification packing style safety standard approval application part number *1 PS7241-2A PS7241-2A-a pb-free magazine case 45 pcs standard products PS7241-2A PS7241-2A-f3 PS7241-2A-f3-a embossed t ape 1 500 pcs/reel (ul, bsi, csa PS7241-2A-f4 PS7241-2A-f4-a approved) *1 for the application of the safety st andard, following part number should be used. absolute maximum ratings (t a = 25c, unless otherwise specified) parameter symbol ratings unit diode forward current (dc) i f 50 ma/ch reverse voltage v r 5 v power dissipation p d 50 mw/ch peak forward current *1 i fp 1 a/ch mos fet break down voltage v l 400 v continuous load current i l 120 ma/ch pulse load current *2 (ac/dc connection) i lp 200 ma/ch power dissipation p d 180 mw/ch isolation voltage *3 bv 1 500 vr.m.s. total power dissipation p t 460 mw operating ambient temperature t a ? 40 to +85 c storage temperature t stg ? 40 to +100 c *1 pw = 100 s, duty cycle = 1% *2 pw = 100 ms, 1 shot *3 ac voltage for 1 minute at t a = 25 c, rh = 60% between input and output pins 1-4 shorted together , 5-8 shorted together.
data sheet pn10304ej02v0ds 4 PS7241-2A recommended operating conditions (t a = 25c) parameter symbol min. typ. max. unit led operating current i f 2 10 20 ma/ch led off voltage v f 0 0.5 v electrical characteristics (t a = 25c) parameter symbol conditions min. typ. max. unit diode forward voltage v f i f = 10 ma 1.2 1.4 v reverse current i r v r = 5 v 5 a mos fet off-state leakage current i loff v d = 400 v 0.03 1.0 a output capacitance c out v d = 0 v, f = 1.0 mhz 65 pf/ch coupled led on-state current i fon i l = 120 ma 2.0 ma on-state resistance r on1 i f = 10 ma, i l = 10 ma 21 30 ? r on2 i f = 10 ma, i l = 120 ma, t 10 ms 16 25 turn-on time *1, 2 t on i f = 10 ma, v o = 5 v, r l = 500 ? , 0.2 1.0 ms turn-off time *1, 2 t off pw 10 ms 0.02 0.2 isolation resistance r i-o v i-o = 1.0 kv dc 10 9 ? isolation capacitance c i-o v = 0 v, f = 1.0 mhz 0.4 pf/ch *1 test circuit for switching time v l r l i f r in pulse input input monitor monitor v o t on t off 10 % 90 % 0 v o = 5 v 50 % output input *2 the turn-on time and turn-off time are specified as input-pulse width 10 ms. be aware that when the dev ice operates with an input-pulse width less than 10 ms, the turn-on time and turn-off time will increase.
data sheet pn10304ej02v0ds 5 PS7241-2A typical characteristics (t a = 25c, unless otherwise specified) 100 85 75 50 25 0 ?25 20 60 80 100 40 0 maximum forward current i f (ma) ambient temperature t a (?c) maximum forward current vs. ambient temperature f = 1 mhz 20 40 60 80 100 120 200 0 150 100 50 output capacitance vs. output capacitance c out (pf) applied voltage v d (v) load current vs. load voltage load current i l (ma) load voltage v l (v) i f = 10 ma ?4.0 ?2.0 0 4.0 2.0 ?100 ?200 100 200 100 85 75 0 ?25 50 25 200 300 100 0 maximum load current i l (ma) ambient temperature t a (?c) maximum load current vs. ambient temperature off-state leakage current i loff (a) applied voltage v d (v) off-state leakage current vs. applied voltage applied voltage i f = 50 ma 30 ma 20 ma 10 ma 5 ma 1 ma 100 0 ?25 25 50 75 1.0 1.4 1.6 1.8 1.2 0.8 forward voltage v f (v) ambient temperature t a (?c) ambient temperature forward voltage vs. 500 100 0 200 300 400 10 ?7 10 ?6 10 ?5 10 ?8 10 ?9 25 ?c t a = 85 ?c remark the graphs indicate nominal characteristics.
data sheet pn10304ej02v0ds 6 PS7241-2A normalized to 1.0 at t a = 25 ?c, i f = 10 ma, i l = 10 ma 0.5 1.5 2.0 3.0 1.0 2.5 0.0 100 75 50 25 ?25 0 normalized on-state resistance vs. normalized on-state resistance r on ambient temperature t a (?c) n = 50 pcs, i f = 10 ma, i l = 10 ma 20 22 19 21 23 0 5 10 15 20 25 30 on-state resistance distribution number (pcs) on-state resistance r on ( ? ) 0.2 0.3 0 5 10 15 20 25 30 number (pcs) turn-on time t on (ms) turn-on time distribution n = 50 pcs, i f = 10 ma, v o = 5 v n = 50 pcs, i f = 10 ma, v o = 5 v 0.02 0.04 0 5 10 15 20 25 30 number (pcs) turn-off time t off (ms) turn-off time distribution ambient temperature v o = 5 v 30 25 20 15 10 5 0.2 0.6 0.8 1.2 0.4 1.0 0 turn-on time t on (ms) forward current i f (ma) turn-on time vs. forward current 30 25 20 15 10 5 0.05 0.15 0.20 0.30 0.10 0.25 0 v o = 5 v turn-off time t off (ms) forward current i f (ma) turn-off time vs. forward current remark the graphs indicate nominal characteristics.
data sheet pn10304ej02v0ds 7 PS7241-2A normalized to 1.0 at t a = 25 ?c, i f = 10 ma, v o = 5 v 100 0 ?25 25 50 75 2.5 3.0 0.0 2.0 1.5 1.0 0.5 normalized turn-on time t on ambient temperature t a (?c) normalized turn-on time vs. ambient temperature normalized to 1.0 at t a = 25 ?c, i f = 10 ma, v o = 5 v 100 0 ?25 25 50 75 2.5 3.0 0.0 2.0 1.5 1.0 0.5 normalized turn-off time t off ambient temperature t a (?c) normalized turn-off time vs. ambient temperature remark the graphs indicate nominal characteristics.
data sheet pn10304ej02v0ds 8 PS7241-2A taping specifications (in millimeters) PS7241-2A-f3 PS7241-2A-f4 tape direction outline and dimensions (reel) packing: 1 500 pcs/reel 3302.0 1001.0 2.00.5 13.00.2 r 1.0 21.00.8 2.00.5 15.9 to 19.4 outer edge of flange 21.51.0 17.51.0 outline and dimensions (tape) 1.550.1 12.00.1 2.00.05 4.00.1 1.55 1.750.1 16.00.3 7.60.1 2.8 max. +0.1 ?0 7.50.1 9.60.1 2.3 0.1 0.3
data sheet pn10304ej02v0ds 9 PS7241-2A recommended soldering conditions (1) infrared reflow soldering  peak reflow temperature 260 c or below (package surface temperature)  time of peak reflow temperature 10 seconds or less  time of temperature higher than 220 c 60 seconds or less  time to preheat temperature from 120 to 180 c 120 30 s  number of reflows three  flux rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) 220?c package surface temperature t (?c) time (s) (heating) to 10 s to 60 s 260?c max. recommended temperature profile of infrared reflow 12030 s (preheating) 180?c 120?c (2) wave soldering  temperature 260 c or below (molten solder temperature)  time 10 seconds or less  preheating conditions 120 c or below (package surface temperature)  number of times one  flux rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (3) soldering by soldering iron  peak temperature (l ead part temperature) 350 c or below  time (each pins) 3 seconds or less  flux rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (a) soldering of leads should be made at the poi nt 1.5 to 2.0 mm from the root of the lead. (b) please be sure that the temperatur e of the package woul d not be heated over 100 c. (4) cautions  fluxes avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
data sheet pn10304ej02v0ds 10 PS7241-2A usage cautions 1. protect against static electricity when handling. 2. avoid storage at a high te mperature and high humidity.
data sheet pn10304ej02v0ds 11 PS7241-2A the information in this document is current as of august, 2006. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec electronics data sheets or data books, etc., for the most up-to-date specifications of nec electronics products. not all products and/or types are available in every country. please check with an nec electronics sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec electronics. nec electronics assumes no responsibility for any errors that may appear in this document. nec electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec electronics products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec electronics or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. nec electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec electronics endeavors to enhance the quality, reliability and safety of nec electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. nec electronics products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to nec electronics products developed based on a customer- designated "quality assurance program" for a specific application. the recommended applications of an nec electronics product depend on its quality grade, as indicated below. customers must check the quality grade of each nec electronics product before using it in a particular application. the quality grade of nec electronics products is "standard" unless otherwise expressly specified in nec electronics data sheets or data books, etc. if customers wish to use nec electronics products in applications not intended by nec electronics, they must contact an nec electronics sales representative in advance to determine nec electronics' willingness to support a given application. (note) ? ? ? ? ? ? m8e 02. 11-1 (1) (2) "nec electronics" as used in this statement means nec electronics corporation and also includes its majority-owned subsidiaries. "nec electronics products" means any product developed or manufactured by or for nec electronics (as defined above). computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. "standard": "special": "specific":
0604 nec compound semiconductor devices hong kong limited e-mail: contact@ncsd-hk.necel.com hong kong head office tel: +852-3107-7303 fax: +852-3107-7309 taipei branch office tel: +886-2-8712-0478 fax: +886-2-2545-3859 korea branch office tel: +82-2-558-2120 fax: +82-2-558-5209 nec electronics (europe) gmbh http://www.eu.necel.com/ tel: +49-211-6503-0 fax: +49-211-6503-1327 california eastern laboratories, inc. http://www.cel.com/ tel: +1-408-988-3500 fax: +1-408-988-0279 compound semiconductor devices division nec electronics corporation url: http://www.ncsd.necel.com/ for further information, please contact PS7241-2A caution gaas products this product uses gallium arsenide (gaas). gaas vapor and powder are hazardous to human health if inhaled or ingested, so please observe the following points.  follow related laws and ordinanc es when disposing of the produc t. if there are no applicable laws and/or ordinances, dispose of the product as recommended below. 1. commission a disposal company able to (wit h a license to) collect, transport and dispose of materials that contain arsenic and other such industrial waste materials. 2. exclude the product from general industria l waste and household garbage, and ensure that the product is controlled (as industria l waste subject to special c ontrol) up until final disposal.  do not burn, destroy, cut, crush, or chemically di ssolve the product.  do not lick the product or in any way allow it to enter the mouth.


▲Up To Search▲   

 
Price & Availability of PS7241-2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X