Part Number Hot Search : 
TPV695A 07231438 BYQ30E SB817Y HD74HC RK600B VTL5C MCP602
Product Description
Full Text Search
 

To Download MENB1060A1503F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ___________________________________________________ ___________________________________________________ ________________________ 1 of 2 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com rohs specifications all specifications are typical at nominal input, fu ll load at 25 c unless otherwise stated . ac input 100-240vac, -/-10%, 47-63 hz, 1 ? mtbf >100,000 hours (calculated) input current 100vac: 1.5a max hold - up time 18 ms min. @ 115vac, 60 ms min. @ 240 vac inrush current 60 a peak, 264 v, cold start overload protection hiccup mode input fuse 2.0a, 250v internal primary current fuse is provide d short circuit protection hiccup mode efficiency meets eisa2007, cec efficiency level v, eu (ec) no 278/2009 phase ii topology switching ? fixed frequency flyback output voltage see chart safety standards en/iec/csa/ul60601-1 output power see chart emc see chart below ripple and noi se 1% pk-pk max., 20mhz bw dielectric withsta nd input-output: 5,656vdc, inp ut-gnd: 1,500 vac, output-gnd: 500vdc line / load voltage regulation line: +/- 1%, load: +/-5% operating temperature 0 to 40 c, no derating transient response 500 s max., 50% load step, typical storage temperature -30 to +85 c minimum load not required relative humidity 5% to 95%, non-condensing case material black 94v0 polycarbonate altitude 0 to 10,000 ft case dimensions see outline drawing output cable 5v ? 9v models: #18awg (ul2464), 1,200mm, 4 conduct or 12v ? 15v models: #18awg (ul246 4), 1,500mm, 4 conductor 18v ? 24v models: #18awg (ul246 4), 1,500mm, 2 conductor weight 400g output connector 5v model: molex 39-01-2060 or equiv. (ault #51) other models: 2.5mm barrel type (ault #3), center contact positive (+) emc specifications conducted emissions en55011 class b, fcc part 15, class b. radiated emissions en55011 class b, fcc part 15, class b. line frequency harmonics en61000-3-2, class a voltage fluctuations/flicker en61000-3-3 static discharge immunity en61000-4-2, 6kv contact discharge, 8kv air dischar ge radiated rf immunity en61000-4-3, 3v/m. eft/burst immunity en61000-4-4, 2kv/5khz. line surge immunity en61000-4-5, 1kv differential, 2kv common-mode conducted rf immunity en61000-4-6, 3vrms power frequency magnetic field immunity en61000-4-8, 3a/m voltage dip immunity en61000-4-11, criteria a menb1060 universal input 60 watt series medical switch-mode power supply 3 year warranty ? 100-240vac universal input ? meets eisa2007, cec efficiency level v, eu (ec) no 278/2009 phase ii ? certified to ul/en60601-1 ? desktop style ? 5v to 24v single output models, up to 60w ? modified and custom designs available ? regulated output with low ripple ? impact-resistant polycarbonate enclosure ? no load power consumption <0.5w
___________________________________________________ ___________________________________________________ ________________________ 2 of 2 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com model number volts (v) output current (max) max watts ripple (vp-p max) menb1060a0551f01 5 v 7.00 a 35.0 w 50mv menb1060a0903f01 9 v 6.00 a 54.0 w 90mv menb1060a1203f01 12 v 5.00 a 60.0 w 120mv MENB1060A1503F01 15 v 4.00 a 60.0 w 150mv menb1060a1803f01 18 v 3.40 a 61.2 w 180mv menb1060a2403f01 24 v 2.70 a 64.8 w 240mv model number key vv 03 menb 01 1 060 a f "01" = standard. "02" and higher indicates a m odif ied m odel. model output voltage: "05" = 5vdc, "12" = 12vdc, "24" = 24vdc, etc. input connector: "f" = iec320 c14 grounded, other options available, see next page. output connector: "03" = 2.5m m barrel type connector. other options available, contact factory. model "a" = original configuration product fam ily : "m" = medical, "e" = external, "nb" = model serie s designator output pow er: "060" = 60 watts # of outputs "1" = single output output connector output connector (5v model) iec320 c14 iec320 c18 iec320 c8 grounded ungrounded "shaver" (f) (q) (n) input receptacle options pins 1,4 = (+), pins 3,6 = (-) dimensions are in mm (cable length is 1200mm on 5v thru 12v models) data sheet ? 2010 sl power electronics corp. the i nformation and specifications contained herein are believed to be correct at the time of publication. rev. 12-22-2010 however, sl power accepts no responsibility for con sequences arising from reproduction errors or inacc uracies. specifications are subject to change with out notice. outline drawing medical switch mode power supply 3 year warranty menb1060 universal 60 watt series date code


▲Up To Search▲   

 
Price & Availability of MENB1060A1503F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X