Part Number Hot Search : 
MSB36A SR050 S8025N V600ME06 TIP32A EPF8115G RB1E13N 91900
Product Description
Full Text Search
 

To Download MC14174B11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 june, 2011 ? rev. 7 1 publication order number: mc14174b/d mc14174b hex type d flip-flop the mc14174b hex type d flip ? flop is constructed with mos p ? channel and n ? channel enhancement mode devices in a single monolithic structure. data on the d inputs which meets the setup time requirements is transferred to the q outputs on the positive edge of the clock pulse. all six flip ? flops share common clock and reset inputs. the reset is active low, and independent of the clock. features ? static operation ? all inputs and outputs buffered ? diode protection on all inputs ? supply voltage range = 3.0 vdc to 18 vdc ? capable of driving two low ? power ttl loads or one low ? power schottky ttl load over the rated temperature range ? functional equivalent to ttl 74174 ? these devices are pb ? free and are rohs compliant maximum ratings (voltages referenced to v ss ) parameter symbol value unit dc supply voltage range v dd ? 0.5 to +18.0 v input or output voltage range (dc or transient) v in , v out ? 0.5 to v dd + 0.5 v input or output current (dc or transient) per pin i in , i out 10 ma power dissipation, per package (note 1) p d 500 mw ambient temperature range t a ? 55 to +125 c storage temperature range ? 65 to +150 c lead temperature (8 ? second soldering) 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. temperature derating: plastic ?p and d/dw? packages: ? 7.0 mw/  c from 65  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance circuit. for proper operation, v in and v out should be constrained to the range v ss  (v in or v out )  v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. device package shipping ? ordering information http://onsemi.com mc14174bdr2g soic ? 16 (pb ? free) 2500/tape & reel mc14174bdg soic ? 16 (pb ? free) 48 units/rail mc14174bcpg pdip ? 16 (pb ? free) 500 units/rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. a = assembly location wl = wafer lot yy, y = year ww = work week g = pb ? free package marking diagrams pdip ? 16 p suffix case 648 soic ? 16 d suffix case 751b 1 16 14174bg awlyww 16 1 mc14174bcp awlyywwg 1 1
mc14174b http://onsemi.com 2 figure 1. pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 q4 d4 d5 v dd c q3 d3 d1 d0 q0 r v ss q2 d2 q1 q5 figure 2. block diagram 9 1 3 4 6 11 13 14 2 7 10 15 clock reset d0 d1 d2 d3 d4 d5 v dd = pin 16 v ss = pin 8 q2 q3 q4 5 q1 12 q0 q5 truth table (positive logic) inputs output clock data reset q 010 111 x1q xx0 0 x = don?t care no change figure 3. timing diagram figure 4. functional block diagram
mc14174b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? (voltages referenced to v ss ) ?????????? ?????????? ?????????? ?????????? characteristic ???? ???? ???? ???? ??? ??? ??? ??? ????? ????? ? 55  c ????????? ?????????  c ????? ?????  c ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ??? ??? ??? (note 2) ???? ???? ???? max ??? ??? ??? ??? ??? ??? ?????????? ?????????? ?????????? ?????????? ?????????? output voltage ?0? level v in = v dd or 0 ?1? level v in = 0 or v dd ???? ???? ???? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 0.05 0.05 0.05 ???? ???? ???? ? ? ? ??? ??? ??? 0 0 0 ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 0.05 0.05 0.05 ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ???? ???? ???? 4.95 9.95 14.95 ??? ??? ??? ???? ???? ???? ? ? ? ??? ??? ??? 4.95 9.95 14.95 ??? ??? ??? ? ? ? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 1.5 3.0 4.0 ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? 2.25 4.50 6.75 ???? ???? ???? ???? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 1.5 3.0 4.0 ??? ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ???? ???? ???? 3.5 7.0 11 ??? ??? ??? ???? ???? ???? ? ? ? ??? ??? ??? 3.5 7.0 11 ??? ??? ??? ? ? ? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ? ???? ???? ???? ???? ???? ? 2.4 ? 0.51 ? 1.3 ? 3.4 ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ? ? ? ? ??? ??? ??? ??? ??? ? 1.7 ? 0.36 ? 0.9 ? 2.4 ??? ??? ??? ??? ??? ? ? ? ? ??? ??? ??? ??? ??? madc ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ???? ???? ???? 0.51 1.3 3.4 ??? ??? ??? ???? ???? ???? ? ? ? ??? ??? ??? 0.36 0.9 2.4 ??? ??? ??? ? ? ? ??? ??? ??? madc ?????????? ?????????? ???? ???? ??? ??? ??? ??? ? ??? ??? 0.1 ???? ???? ? ??? ??? 0.00001 ???? ???? 0.1 ??? ??? ? ??? ??? 1.0 ??? ???  adc ?????????? ?????????? ???? ???? ??? ??? ? ??? ??? ??? ??? ???? ???? ??? ??? 5.0 ???? ???? ??? ??? ? ??? ??? ??? ??? pf ?????????? ?????????? ?????????? ???? ???? ???? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 5.0 10 20 ???? ???? ???? ? ? ? ??? ??? ??? 0.005 0.010 0.015 ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 150 300 600 ??? ??? ???  adc ?????????? ?????????? ?????????? ?????????? ???? ???? ???? ???? ??? ??? ??? ??? ????????????????? ????????????????? ????????????????? ?????????????????  a/khz) f + i dd i t = (2.3  a/khz) f + i dd i t = (3.7  a/khz) f + i dd ??? ??? ??? ???  adc 2. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance. 3. the formulas given are for the typical characteristics only at 25  c. 4. to calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + (c l ? 50) vfk where: i t is in  a (per package), c l in pf, v = (v dd ? v ss ) in volts, f in khz is input frequency, and k = 0.003.
mc14174b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? (note 5) (c l = 50 pf, t a = 25  c) ??????????????? ??????????????? ??????????????? characteristic ????? ????? ????? ???? ???? ???? ?????????? ?????????? ??? ??? ??? ???? ???? ???? ???? (note 6) ???? ???? max ??????????????? ??????????????? ??????????????? ??????????????? output rise and fall time t tlh , t thl = (1.35 ns/pf) c l + 32 ns t tlh , t thl = (0.6 ns/pf) c l + 20 ns t tlh , t thl = (0.4 ns/pf) c l + 20 ns ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 100 50 40 ???? ???? ???? ???? ??? ??? ??? ??? ??????????????? ??????????????? ??????????????? ??????????????? ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 210 85 65 ???? ???? ???? ???? ??? ??? ??? ??? ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? 250 100 75 ???? ???? ???? ??? ??? ??? ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? 7.0 12 15.5 ???? ???? ???? ??? ??? ??? ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? ???? ???? 15 5.0 4.0 ??? ??? ???  s ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns ??????????????? ??????????????? ??????????????? ??????????????? ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? ns 5. the formulas given are for the typical characteristics only at 25  c. 6. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance.
mc14174b http://onsemi.com 5 package dimensions soic ? 16 case 751b ? 05 issue k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ? b ? ? a ? m 0.25 (0.010) b s ? t ? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch soldering footprint 16 89 8x
mc14174b http://onsemi.com 6 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. ? a ? b f c s h g d j l m 16 pl seating 18 9 16 k plane ? t ? m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     pdip ? 16 case 648 ? 08 issue t on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc14174b/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC14174B11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X