Part Number Hot Search : 
10016 25P10 RGP30K HSS101 FAN5612 EAIRMAA3 MC74F195 00505
Product Description
Full Text Search
 

To Download MBRF15100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 110 - mbrf1535ct thru MBRF15100CT isolation 15.0 amps. schottky barrier rectifiers voltage range 35 to 100 volts current 15.0 amperes features plastic material used carries underwriters laboratory classifications 94v-0 metal silicon junction, majority carrier conduction low power loss, high efficiency high current capability, low forward voltage drop high surge capability for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications guardring for transient protection high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data cases: ito-220ab molded plastic body terminals: leads solderable per mil-std-750, method 2026 polarity: as marked mounting position: any mounting torque: 5 in. - lbs. max weight: 0.08 ounce, 2.24 grams ito-220ab dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbrf 1535ct mbrf 1545ct mbrf 1550ct mbrf 1560ct mbrf 1590ct mbrf 15100ct units maximum recurrent peak reverse voltage v rrm 35 45 50 60 90 100 v maximum rms voltage v rms 24 31 35 42 63 70 v maximum dc blocking voltage v dc 35 45 50 60 90 100 v maximum average forward rectified current at t c =105 o c i (av) 15 a peak repetitive forward current (rated v r , square wave, 20khz) at tc=105 o c i frm 15.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a peak repetitive reverse surge current (note 1) i rrm 1.0 0.5 a maximum instantaneous forward voltage at (note 2) i f =7.5a, tc=25 o c i f =7.5a, tc=125 o c i f =15a, tc=25 o c i f =15a, tc=125 o c v f - 0.57 0.84 0.72 0.75 0.65 - - 0.92 0.82 - - v maximum instantaneous reverse current @ tc=25 at rated dc blocking voltage (note 2) @ tc=125 i r 0.1 15.0 1.0 50.0 0.1 - ma ma voltage rate of change (rated v r ) dv/dt 10,000 v/us maximum thermal resistance per leg (note 3) r jc 3.5 /w operating junction temperature range t j -65 to +150 storage temperature range t stg -65 to +175 notes: 1. 2.0us pulse width, f=1.0 khz 2. pulse test: 300us pulse width, 1% duty cycle 3. thermal resistance from junction to case with heatsink size of 2? x 3? x 0.25? al-place .272(6.9) .248(6.3) .543(13.8) .512(13.2) .110(2.8) .098(2.5) .606(15.5) .583(14.8) .112(2.85) .100(2.55) .134(3.4)dia .113(3.0)dia   
            
 
            
  
 pin 1 pin 3 pin 2
-111- ratings and characteristic curves (mbrf1535ct thru MBRF15100CT) fig.1- forward current derating curve average for ward current . (a) 0 50 100 150 0 5 10 15 20 25 case temperature. ( c) o resistive or inductive load fig.2- maximum non-repetitive forward surge current per leg peak for ward surge current . (a) 1 10 100 50 150 200 0 100 250 300 number of cycles at 60hz tj=tj max. 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics per leg instantaneous for ward current . (a) 0.6 0.8 1.0 1.1 0.9 0.7 0.5 0.4 0.3 0.2 0.1 01.2 0.1 0.01 1 10 40 forward voltage. (v) pulse width=300 s 1% duty cycle tj=25 c 0 tj=125 c 0 fig.4- typical reverse characteristics per leg instantaneous reverse current . (ma) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 0.001 0.1 0.01 1 10 50 mbrf1535ct-mbrf1545ct mbrf1550ct-MBRF15100CT tj=125 c 0 tj=25 c 0 tj=75 c 0 fig.6- typical transient thermal per leg characteristics transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10.0 1 100 t, pulse duration. (sec) fig.5- typical junction capacitance per leg junction cap acitance.(pf) 0.1 1.0 10 100 40 100 1,000 4,000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 mbrf1535ct-mbrf1560ct mbrf1590ct-MBRF15100CT mbrf1535ct-mbrf1545ct mbrf1550ct-mbrf1560ct mbrf1590ct-MBRF15100CT


▲Up To Search▲   

 
Price & Availability of MBRF15100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X