Part Number Hot Search : 
M7S26FAJ 3341PC 0100M T28HC KE400A FD178B 35977 D1556
Product Description
Full Text Search
 

To Download MBR15150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) - 120 - to-220ab features  plastic material used carries underwriters laboratory classifications 94v-0  metal silicon junction, majority carrier conduction  low power loss, high efficiency  high current capability, low forward voltage drop  high surge capability  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  guardring for overvoltage protection  high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data  cases: jedec to-220ab molded plastic body  polarity: as marked  mounting position: any  mounting torque: 5 in. - lbs. max  weight: 2.24 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbr 1535ct mbr 1545ct mbr 1550ct mbr 1560ct mbr 1590ct mbr 15100ct mbr 15150ct units maximum recurrent peak reverse voltage v rrm 35 45 50 60 90 100 150 v maximum rms voltage v rms 24 31 35 42 63 70 105 v maximum dc blocking voltage v dc 35 45 50 60 90 100 150 v maximum average forward rectified current at tc=105 o c i (av) 15 a peak repetitive forward current (rated v r , square wave, 20khz) at tc=105 o c i frm 15 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a peak repetitive reverse surge current (note 1) i rrm 1.0 0.5 a maximum instantaneous forward voltage at: (note 2) i f =7.5a, t c =25 o c i f =7.5a, t c =125 o c i f =15a, t c =25 o c i f =15a, t c =125 o c v f 0.57 0.84 0.72 0.75 0.65 0.92 0.82 1.05 0.92 v maximum instantaneous reverse current @ tc =25 o c at rated dc blocking voltage @ tc=125 o c (note 2) i r 0.5 10 0.3 7.5 0.1 5.0 ma ma voltage rate of change (rated v r ) dv/dt 1,000 v/us typical junction capacitance cj 400 200 pf m aximum t ypical t hermal resistance (note 3) r ja r jc 10 1.5 o c/w operating junction temperature range t j -65 to +150 o c storage temperature range t stg -65 to +175 o c notes: 1. 2.0us pulse width, f=1.0 khz 2. pulse test: 300us pulse width, 1% duty cycle 3. mount on heatsink size of 2 ? x 3 ? x 0.25? al-plate. mbr1535ct-MBR15150CT 15.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (mbr1535ct thru MBR15150CT) fig.1- forward current derating curve average forward current. (a) 0 50 100 150 0 5 10 15 20 25 case temperature. ( c) o resistive or inductive load fig.2- maximum non-repetitive forward surge current per leg peak forward surge current. (a) 1 10 100 50 150 200 0 100 250 300 number of cycles at 60hz tj=tj max. 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics per leg instantaneous forward current. (a) 0.6 0.8 1.0 1.1 0.9 0.7 0.50.40.30.20.1 0 1.2 0.1 0.01 1 10 40 forward voltage. (v) pulse width=300 s 1% duty cycle tj=25 c 0 tj=125 c 0 fig.4- typical reverse characteristics per leg instantaneous reverse current. (ma) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 0.001 0.1 0.01 1 10 50 mbr1535ct-mbr1545ct mbr1550ct-MBR15150CT tj=125 c 0 tj=25 c 0 tj=75 c 0 fig.6- typical transient thermal per leg characteristics transient thermal impedance ( c/w) o 1 0.01 0.1 10 100 0.1 10.0 1 100 t, pulse duration. (sec) fig.5- typical junction capacitance per leg junction capacitance.(pf) 0.1 1.0 10 100 40 100 1,000 4,000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 mbr1535ct-mbr1560ct mbr1590ct-MBR15150CT mbr1535ct-mbr1545ct mbr1550ct-mbr1560ct mbr1590ct-mbr151 00ct 500 4.0 50 10 MBR15150CT mbr1590ct-15100ct mbr1535ct-MBR15150CT 15.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MBR15150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X