Part Number Hot Search : 
C74HC3 M10N60 106KA 1012S 18002 2MDXX BK2T6 SC582
Product Description
Full Text Search
 

To Download LM393F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008. 2. 20 1/3 semiconductor technical data LM393F bipolar linear integrated circuit revision no : 0 flp-8 0.20+0.1/-0.05 p t 1.27 millimeters 0.4 0.1 0.15+0.1/-0.05 4.85 0.2 b2 g h l d a b1 dim 6.02 0.3 1.63 0.2 0.65 0.2 3.94 0.2 + _ + _ + _ + _ + _ + _ g h b1 b2 1 4 5 8 a p d l t dual comparator features h be possible to operate at the wide range single or two supply voltage h low supply current : i cc =0.8ma(typ.) h low input bias current i ib =25na(typ.) h low input offset voltage : v io =1mv(typ.) h wide common mode input voltage : 0v dc to v cc -1.5v dc h output is compatible with ttl, dtl, mos and c-mos h output is open collector and wired-or possible h wide operating supply range (v cc =2v~36v or ? 1 ~ ? 18v) maximum ratings (ta=25 ? ? ) characteristic symbol rating unit supply voltage v cc ? 18, 36 v differential input voltage v i(diff) ? 18, 36 v input voltage v i -0.3 q 36 v power dissipation p d 240 mw operating temperature t opr -40 q 85 ? storage temperature t stg -65 q 150 ? 1 2 3 4 8 7 6 5 out a -in a -in b out b + - a b + - v cc +in a +in b v ee k 807 LM393F lot no. device name trade name pin connection (top view) marking
2008. 2. 20 2/3 LM393F revision no : 0 electrical characteristics (v cc =5v, v ee =gnd, ta=25 ? ? , unless otherwise specified) characteristic symbol test condition min. typ. max. unit input offset voltage v io v cm =0v to v cc -1.5v v o(p) =1.4v, r s =0 ? - 1 5 mv output saturation voltage v sat v i (-)>1v, v i (+)=0v, i sink =4ma - 160 400 mv input offset current i io - - 5 50 na input bias current i ib - - 25 250 na common mode input voltage v i(cm) v cc =30v 0 - v cc -1.5 v large signal voltage gain g v v cc =15v, r l " 15k ? 50 200 - v/mv supply current i cc r l = , v cc =30v - 0.8 2.5 ma r l = - 0.6 1.0 ma output sink current i sink v i (-)>1v, v i (+)=0v, v o (p)<1.5v 6 18 - ma output leakage current i leak v i (+)>1v, v i (-)=0v v o (p)=5v - 0.1 - na v o (p)=30v - - 1.0  a large signal response time t rsp v in =ttl logic wing v ref =1.4v, v rl =5v, r l =5.1k ? - 350 - ns response time t rsp v rl =5v, r l =5.1k ? - 1400 - ns equivalent circuit v cc out(v o ) gnd +in t2 t3 t10 t11 r1 d5 d6 r2 t12 t8 t7 t4 t9 t5 t6 -in t1 d1 d2 d4 d3
2008. 2. 20 3/3 LM393F revision no : 0 input current (na) supply voltage (v) supply voltage (v) supply current (ma) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 fig. 1 supply current vs supply voltage 40 30 20 10 0 fig. 2 input current vs supply voltage ta=25 c ta=70 c saturation voltage (v) 10 -2 10 -3 10 -2 10 -1 10 -1 10 1 10 1 1 1 10 2 output sink current (ma) fig. 3 output saturation voltage vs output sink current r l = 20 30 40 50 60 70 80 40 30 20 10 0 ta=25 c ta=70 c v cm =0v dc r cm =1g ? -100 time ( s) fig. 4 reponse time for various input overdrive negative transition -0.4 0 0.4 0.8 1.6 1.2 0 0 4 8 2 6 input voltage (v) output voltage (v) ta=25 c ta=25 c input overdrive 50mv 20mv 5.0mv 0 time ( s) fig. 5 reponse time for various input overdrive positive transition -0.4 0 0.4 0.8 1.6 1.2 100 0 4 8 2 6 input voltage (v) output voltage (v) ta=25 c input overdrive 50mv 20mv 5.0mv 5v dc 5.1k ? v out in v - + 5v dc 5.1k ? v out in v - +


▲Up To Search▲   

 
Price & Availability of LM393F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X