Part Number Hot Search : 
LTC1042C GBP3508 S4F42Z1 XPC750ED 01111 2SD347 74AC241 KBP201
Product Description
Full Text Search
 

To Download KTA1273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1996. 9. 14 1/2 semiconductor technical data KTA1273 epitaxial planar pnp transistor revision no : 1 high current application. features  complementary to ktc3205. maximum rating (ta=25 1 ) dim millimeters a b d e g h k l 1. emitter 2. collector 3. base p to-92l 7.20 max 5.20 max 2.50 max 0.60 max 1.27 1.70 max 0.55 max 14.00 0.50 0.35 min 0.75 0.10 4 f j m o q 25 1.25 1.50 0.10 max depth:0.2 123 b a c q k ff m m n n o h l j d c n g p hh e d h r s 12.50 0.50 r 1.00 s 1.15 max + _ + _ + _ electrical characteristics (ta=25 1 ) note : h fe classification 0:100  200, y:160  320 characteristic symbol rating unit collector-base voltage v cbo -30 v collector-emitter voltage v ceo -30 v emitter-base voltage v ebo -5 v collector current i c -2 a emitter current i e 2 a collector power dissipation p c 1 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-30v, i e =0 - - -100 na emitter cut-off current i ebo v eb =-5v, i c =0 - - -100 na collector-emitter breakdown voltage v (br)ceo i c =-10ma, i b =0 -30 - - v emitter-base breakdown voltage v (br)ebo i e =-1ma, i c =0 -5 - - v dc current gain h fe (note) v ce =-2v, i c =-500ma 100 - 320 collector-emitter saturation voltage v ce(sat) i c =-1.5a, i b =-0.03a - - -2.0 v base-emitter voltage v be v ce =-2v, i c =-500ma - - -1.0 v transition frequency f t v ce =-2v, i c =-500ma - 120 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 48 - pf
1996. 9. 14 2/2 KTA1273 revision no : 1 collector power dissipation 0 c 0 ambient temperature ta ( c) pc - ta dc current gain h fe -30 -10 -3 -1 collector current i (ma) c h - i v - i c collector current i (ma) -1 -3 -10 -30 -0.01 ce(sat) collector-emitter saturation collector-emitter voltage v (v) collector current i (ma) 0 0 c ce i - v c ce collector emitter voltage v (v) collector current i (a) -0.03 c -0.3 -0.5 ce -1 -3 area of safe operation base-emitter voltage v (v) collector current i (ma) 0 0 c be i - v cbe -2 -4 -6 -8 -10 -12 -14 -16 -200 -400 -600 -800 -1000 -1200 -1400 -1600 common emitter ta=25 c -10 -8 -6 -4 -3 -2 i =-1ma 0 b ce(sat) c voltage v (v) -100 -300 -1k -3k -0.03 -0.05 -0.1 -0.3 -0.5 -1 -3 -5 common emitter i /i =50 cb ta=100 c ta=25 c ta=-25 c p (w) 20 40 60 80 100 120 140 160 180 0.2 0.4 0.6 0.8 1.0 1.2 fe c -100 -300 -1k -3k 10 30 50 100 300 500 1k ta=100 c ta=-25 c ta=25 c -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.6 -1.8 -200 -400 -600 -800 -1000 -1200 -1400 -1600 common emitter v =-2v ce ta=100 c t a=25 c t a=-2 5 c -5 -10 -30 -50 -0.05 -0.1 -0.3 -0.5 -1 -3 -5 single nonrepetitive pulse ta=25 c curves must be derated linearly with increase in temperature * i max(pulsed) i max(continuous) c c * 1ms 10m s 100ms 1s dc ope rat ion t a= 25 c * * * * v =-2v ce v max. ceo


▲Up To Search▲   

 
Price & Availability of KTA1273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X