Part Number Hot Search : 
5N06D 1215S 43000 LTC1562I BP210 5251B VN1206 D75206G
Product Description
Full Text Search
 

To Download FR157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 348 - fr151 thru FR157 1.5 amps. fast recovery rectifiers voltage range 50 to 1000 volts current 1.5 amperes features low forward voltage drop high current capability high reliability high surge current capability mechanical data cases: molded plastic epoxy: ul 94v-0 rate flame retardant lead: axial leads, solderable per mil- std-202, method 208 guaranteed polarity: color band denotes cathode end high temperature soldering guaranteed: 260 /10 seconds/.375?,(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension weight: 0.40 gram do-15 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unle ss otherwise specified. single phase, half wave, 60 hz, re sistive or inductive load. for capacitive load, derate current by 20% type number symbol fr 151 fr 152 fr 153 fr 154 fr 155 fr 156 fr 157 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t a = 55 i (av) 1.5 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 50 a maximum instantaneous forward voltage @ 1.5a v f 1.2 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 5.0 100 ua ua maximum reverse recovery time ( note 1 ) trr 150 250 500 ns typical junction capacitance ( note 2 ) cj 20 pf typical thermal resistance ( note 3 ) r ja 60 o c/w operating temperature range t j -65 to +150 storage temperature range t stg -65 to +150 notes:1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied re verse voltage of 4..0 volts d.c. 3. mount on cu-pad size 10mm x 10mm on p.c.b.
- 349 - fig.5- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (fr151 thru FR157) fig.2- maximum non-repetitive peak forward surge current peak for ward surge current . (a) 210 4 6 40 100 20 10 0 50 60 40 30 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.3- typical forward characteristics instantaneous for ward current . (a) 1.6 1.8 0.4 0.6 0.8 1.0 1.2 1.4 .03 0.1 0.3 1.0 10 20 3.0 .01 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.4- typical junction capacitance junction cap acitance.(pf) 1 2 4 6 10 100 60 40 20 20 10 40 60 100 reverse voltage. (v) tj=25 c 0 fig.1- maximum forward current derating curve average for ward current amperes 25 0 50 75 100 125 150 175 1.0 0 .5 1.5 2.0 ambient temperature. ( c) o single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length


▲Up To Search▲   

 
Price & Availability of FR157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X