Part Number Hot Search : 
KSR231 MP1518DJ 256SA IL2533N 80C166 AB308 EUP2573 KF200
Product Description
Full Text Search
 

To Download FDS86141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  august 2011 ? 2007 fairchild semiconductor corporation FDS86141 ? rev. c4 www.fairchildsemi.com 1 FDS86141 ? n-channel powertrench ? mosfet FDS86141 n-channel powertrench ? mosfet 100 v, 7 a, 23 m ? features ? maximum r ds(on) = 23 m ? at v gs = 10 v, i d = 7 a ? maximum r ds(on) = 36 m ? at v gs = 6 v, i d = 5.5 a ? high-performance trench technology; extremely low r ds(on) ? 100% uil tested ? rohs compliant general description this n-channel mosfet is produced using fairchild semiconductor?s advanced powertrench ? process that has been especially tailored to minimi ze the on-state resistance and maintain superior switching performance. applications ? dc-dc conversion mosfet maximum ratings t a = 25 c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v ds drain to source voltage 100 v v gs gate to source voltage 20 v i d drain current -continuous 7 a -pulsed 30 e as single pulse avalanche energy (note 3) 121 mj p d power dissipation t a = 25 c (note 1a) 5.0 w power dissipation t a = 25 c (note 1b) 2.5 t j , t stg operating and storage junction temperature range -55 to +150 c r ? jc thermal resistance, junction to case (note 1) 2.5 c/w r ? ja thermal resistance, junction to ambient (note 1a) 50 device marking device package reel size tape width quantity FDS86141 FDS86141 so-8 13 ?? 12 mm 2500 units so-8 d d d d s s s g pin 1 g s s s d d d d 5 6 7 8 3 2 1 4
FDS86141 ? n-channel powertrench ? mosfet www.fairchildsemi.com 2 ? 2007 fairchild semiconductor corporation FDS86141 ? rev. c4 electrical characteristics t j = 25 c unless otherwise noted. off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics symbol parameter test conditions min. typ. max. units bv dss drain-to-source breakdown voltage i d = 250 ? a, v gs = 0 v 100 v ? bv dss ???? t j breakdown voltage temperature coefficient i d = 250 ? a, referenced to 25c 67 mv/c i dss zero gate voltage drain current v ds = 80 v, v gs = 0 v 1 ? a i gss gate-to-source leakage current v gs = 20 v, v ds = 0 v 100 na v gs(th) gate-to-source threshold voltage v gs = v ds , i d = 250 ? a23.14v ?? v gs(th) ???? t j gate-to-source threshold voltage temperature coefficient i d = 250 ? a, referenced to 25c -10 mv/c r ds(on) static drain to source on resistance v gs = 10 v, i d = 7 a 19 23 m ? v gs = 6 v, i d = 5.5 a 27 37 v gs = 10 v, i d = 7 a, t j = 125c 33 40 g fs forward transconductance v ds = 10 v, i d = 7 a 19 s c iss input capacitance v ds = 50 v, v gs = 0 v, f = 1 mhz 703 934 pf c oss output capacitance 186 247 pf c rss reverse transfer capacitance 8.6 13 pf r g gate resistance 0.5 ? t d(on) turn-on delay time v dd = 50 v, i d = 7 a, v gs = 10 v, r gen = 6 ? 8.3 17 ns t r rise time 3.2 10 ns t d(off) turn-off delay time 14.3 26 ns t f fall time 3.2 10 ns q g(tot) total gate charge v gs = 0 v to 10 v v dd = 50 v i d = 7 a 11.8 16.5 nc total gate charge v gs = 0 v to 5 v 6.7 9.4 nc q gs total gate charge 3.4 nc q gd gate to drain ?miller? charge 3.1 nc v sd source-to-drain diode forward voltage v gs = 0 v, i s = 7 a (note 2) 0.8 1.3 v v gs = 0 v, i s = 2 a (note 2) 0.8 1.2 t rr reverse recovery time i f = 7 a, di/dt = 100 a/ ? s 43 69 ns q rr reverse recovery charge 39 62 nc notes: 1. r ? ja is determined with the device mounted on a 1 in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r ? jc is guaranteed by design while r ? ca is determined by the user's board design. 2. pulse test: pulse width < 300 ? s, duty cycle < 2.0 %. 3. starting t j = 25 o c; n-ch: l = 3 mh, i as = 9 a, v dd = 100 v, v gs = 10 v. a) 50 c/w when mounted on a 1 in 2 pad of 2 oz copper. b) 125 c/w when mounted on a minimum pad.
FDS86141 ? n-channel powertrench ? mosfet www.fairchildsemi.com 3 ? 2007 fairchild semiconductor corporation FDS86141 ? rev. c4 typical characteristics t j = 25 c unless otherwise noted. f i g u r e 1 . o n - r e g i o n c h a r a c t e r i s t i c s f i g u r e 2 . n o r m a l i z e d o n - r e s i s t a n c e vs. drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n - r e s i s t a n c e vs. junction temperature figure 4. on-resistance vs. gate-to-source voltage figure 5. transfer characteristics figure 6. source-to-drain diode forward voltage vs. source current 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 20 25 30 v gs = 7 v v gs = 5.5 v v gs = 10 v pulse duration = 80 ? s duty cycle = 0.5% max v gs = 5 v v gs = 6 v i d , drain current (a) v ds , drain to source voltage (v) 0 5 10 15 20 25 30 0 1 2 3 4 v gs = 5 v pulse duration = 80 ?? s duty cycle = 0.5% max normalized drain to source on-resistance i d , drain current (a) v gs = 6 v v gs = 7 v v gs = 5.5 v v gs = 10 v -75 -50 -25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 i d = 7 a v gs = 10 v normalized drain to source on-resistance t j , junction temperature ( o c ) 45678910 0 20 40 60 80 t j = 125 o c i d = 7 a t j = 25 o c v gs , gate to source voltage (v) r ds(on) , drain to source on-resistance ( m ? ) pulse duration = 80 ? s duty cycle = 0.5% max 2468 0 5 10 15 20 25 30 t j = 150 o c v ds = 5 v pulse duration = 80 ? s duty cycle = 0.5% max t j = -55 o c t j = 25 o c i d , drain current (a) v gs , gate to source voltage (v) 0.2 0.4 0.6 0.8 1.0 1.2 0.01 0.1 1 10 30 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 0 v i s , reverse drain current (a) v sd , body diode forward voltage (v)
FDS86141 ? n-channel powertrench ? mosfet www.fairchildsemi.com 4 ? 2007 fairchild semiconductor corporation FDS86141 ? rev. c4 figure 7. gate charge characteristics figur e 8. capacitance vs. drain-to-source voltage figure 9. unclamped inductive switching capabili ty figure 10. maximum continuous drain current v s . a m b i e n t t e m p e r a t u r e figure 11. forward bias safe operating area fi gure 12. single-pulse maximum powe r dissipation typical characteristics t j = 25 c unless otherwise noted. 0 3 6 9 12 15 0 2 4 6 8 10 i d = 7 a v dd = 50 v v dd = 25 v v gs , gate to source voltage (v) q g , gate charge (nc) v dd = 75 v 0.1 1 10 100 5 10 100 1000 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss 0.01 0.1 1 10 50 1 10 20 t j = 100 o c t j = 25 o c t j = 125 o c t av , time in avalanche (ms) i as , avalanche current (a) 25 50 75 100 125 150 0 2 4 6 8 v gs = 6 v r ? ja = 50 o c/w v gs = 10 v i d , drain current (a) t a , ambient temperature ( o c ) 0.01 0.1 1 10 100 600 0.01 0.1 1 10 100 10 s 100us 10 ms dc 1 s 100 ms 1 ms i d , drain current (a) v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r ? ja = 125 o c/w t a = 25 o c 10 -3 10 -2 10 -1 110 100 1000 0.5 1 10 100 500 single pulse r ? ja = 125 o c/w t a = 25 o c p ( pk ) , peak transient power (w) t, pulse width (sec)
FDS86141 ? n-channel powertrench ? mosfet www.fairchildsemi.com 5 ? 2007 fairchild semiconductor corporation FDS86141 ? rev. c4 figure 13. junction-to-ambient transient thermal response curve typical characteristics t j = 25 c unless otherwise noted. 10 -4 10 -3 10 -2 10 -1 110 100 1000 0.0001 0.001 0.01 0.1 1 2 single pulse r ? ja = 125 o c/w duty cycle-descending order normalized thermal impedance, z ? ja t, rectangular pulse duration (sec) d = 0.5 0.2 0.1 0.05 0.02 0.01 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z ? ja x r ? ja + t a
FDS86141 ? n-channel powertrench ? mosfet www.fairchildsemi.com 6 ? 2007 fairchild semiconductor corporation FDS86141 ? rev. c4 physical dimensions figure 1. 8-lead, small-outline integrated circuit (soic), jedec ms -012, .150" narrow body package drawings are provided as a service to customers considering fairchil d components. drawings may change in any manner without notice. please note the revision and/or date on the draw ing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild? s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online pack aging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . 8 0 see detail a notes: unless otherwise specified a) this package conforms to jedec ms-012, variation aa, issue c, b) all dimensions are in millimeters. c) dimensions do not include mold flash or burrs. d) landpattern st andard: soic127p600x175-8m. e) drawing filename: m08arev13 land pattern recommendation seating plane c gage plane x 45 detail a scale: 2:1 pin one indicator 4 8 1 b 5 a 5.60 0.65 1.75 1.27 6.20 5.80 3.81 4.00 3.80 5.00 4.80 (0.33) 1.27 0.51 0.33 0.25 0.10 1.75 max 0.25 0.19 0.36 0.50 0.25 r0.10 r0.10 0.90 0.40 (1.04) option a - bevel edge option b - no bevel edge 0.25 cba 0.10 c
www.fairchildsemi.com FDS86141 ? n-channel powertrench ? mosfet ? 2007 fairchild semiconductor corporation FDS86141 ? rev. c4 7


▲Up To Search▲   

 
Price & Availability of FDS86141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X