Part Number Hot Search : 
APT50M85 CM2180 NTE7019 C4115 86VBA 74LVC 08852 QS6U24
Product Description
Full Text Search
 

To Download BAV70DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-363 plastic-encapsulate diode s switching diode features z fast switching speed z ultra-small surface mount package z for general purpose sw itching applications z high conductance making: kja maximum ratings @ta =25 parameter symbol limit unit peak repetitive peak reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 100 75 v forward continuous current i fm 300 ma average rectified output current i o 150 ma non-repetitive peak forward surge current @ t = 1.0s @ t = 1.0s i fsm 2 1 a power dissipation p d 200 mw thermal resistance junction to ambient r ja 625 /w operating junction temperature t j 150 storage temperature t stg -55~+ 150 electrical characteristics (ta=25 unless otherwise specified) parameter symbol test conditions min max unit reverse breakdown voltage v (br) i r = 2.5a 75 v reverse voltage leakage current i r v r =75v v r =20v 2.5 0.025 a forward voltage v f i f =1ma i f =10ma i f =50ma i f =150ma 715 855 1000 1250 mv junction capacitance c j v r =0, f=1mhz 2 pf reveres recovery time t rr i f =i r =10ma,i rr =0.1i r, r l =100 ? 4 n s sot-363 6 5 4 1 2 3 z BAV70DW 2012-1 willas electronic corp. z
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1 10 100 0 2 04 06 08 01 0 0 1 10 100 1000 10000 0 25 50 75 100 125 150 0 50 100 150 200 250 0481 21 62 0 0.6 0.7 0.8 0.9 1.0 1.1 forward current i f (ma) forward voltage v f (v) t a = 1 0 0 t a = 2 5 forward characteristics 300 typical characteristics reverse current i r (na) reverse voltage v r (v) t a =25 t a =100 reverse characteristics ambient temperature t a ( ) power dissipation p d (mw) power derating curve capacitance characteristics junction capacitance c j (pf) reverse voltage v r (v) t a =25 f=1mhz 2012-1 willas electronic corp. sot-363 plastic-encapsulate diode s BAV70DW
outline drawing dimensions in inches and (millimeters) sot-363 rev.d .056(1.40) .047(1.20) .096(2.45) .071(1.80) .004(0.10)min. .010(0.25) .003(0.08) .043(1.10) .032(0.80) .016(0.40) .004(0.10) .004(0.10)max. .087(2.20) .071(1.80) .054(1.35) .045(1.15) .021(0.55) .030(0.75) 2012-1 willas electronic corp. sot-363 plastic-encapsulate diode s BAV70DW


▲Up To Search▲   

 
Price & Availability of BAV70DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X