Part Number Hot Search : 
FR024 B2005 MBR201 L45GB 109E3 MRF15 Z844108P MRF6P
Product Description
Full Text Search
 

To Download BAV70DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast switching speed. for general purpose switching application. ultra-small surface mount package. high conductance. two ?bav70?circuits in one package. for general purpose switching application. type no. marking package code BAV70DW kja sot-363 maximum rating @ ta=25 unless otherwise specified symbol characteristic value unit v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc reverse voltage 75 v v r(rms) rms reverse voltage 53 v i fm forward continuous current 300 ma i fsm non-repetitive peak forward surge current @t=1.0 s @t=1.0s 2.0 1.0 a i o average rectified output current 150 ma p d power dissipation 200 mw r ja thermal resistance, junction to ambient 625 / w t j, t stg junction and storage temperature -65 to+150 BAV70DW surface mount fast switching diodes dimensions in inches and (millimeters) sot-363 features applications ordering information ? ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min max unit reverse breakdown voltage v (br)r i r =100 a 75 - v forward voltage v f i f =1.0ma i f =10ma i f =50ma i f =150ma - 0.715 0.855 1.0 1.25 v junction capacitance c j v r =0v,f=1.0mhz - 2.0 pf reverse recovery time t rr i f =i r =10ma,i rr =0.1*i r , r l =100? - 3.0 ns typical characteristics @ ta=25 unless otherwise specified BAV70DW surface mount fast switching diodes http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BAV70DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X