Part Number Hot Search : 
X5083PI 46C12 2SA185 YMD564 U30D60C 0S102 E006963 AD8183
Product Description
Full Text Search
 

To Download AR50J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 388 - ars50 / ar50 50.0 amps. high current plastic silicon rectifiers voltage range 50 to 1000 volts current 50.0 amperes features  plastic material used carries underwriters  laboratory classification 94v-o  low cost construction utilizing void-free molded plastic technique  low cost  diffused junction  low leakage  high surge capability  high temperature soldering guaranteed:  250c for 10 seconds mechanical data  case: molded plastic case  terminals: plated terminals, solderable per mil-  terminals: std-202, method 208  polarity: color ring denotes cathode end  weight: 0.07 ounce, 1.8 grams  mounting position: any ars ar dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ars 50a ars 50b ars 50d ars 50g ars 50j ars 50k ars 50m type number ar50a ar50b ar50d ar50g AR50J ar50k ar50m units maximum recurrent peak revere voltage 50 100 200 400 600 800 1000 v maximum rms voltage 35 70 140 280 420 560 700 v maximum dc blocking voltage 50 100 200 400 600 800 1000 v maximum average forward rectified current @tc = 135c 50 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) at t j =150c 500 a m aximum i nstantaneous f orward v oltage @ 50a 1.1 v maximum dc reverse current @ tc=25c at rated dc blocking voltage @ tc=100c 5.0 250 ua ua typical reverse recovery time (note 2) 3.0 us typical junction capacitance ( note 1 ) t j =25c 300 pf typical thermal resistance r  jc ( note 3 ) 1.0 c/w o perating and storage temperature range t j , t stg -50 to +175 c notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. notes: 2. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a notes: 3. thermal resistance from junction to case, singe side cooled.
- 389 - ratings and characteristic curves (ars50 thru ar50) fig.4- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.1 0.6 0.4 0.2 1 6 4 2 10 60 40 20 100 percent of rated peak reverse voltage. (%) tj=100 c 0 tj=25 c 0 fig.5- typical junction capacitance junction cap acitance.(pf) 1 5 2 10 20 50 100 50 100 500 1000 reverse voltage. (v) tj=25 c 0 fig.3- typical forward characteristics instantaneous for ward current . (a) 0.6 1.0 1.4 1.8 2.2 2.6 0.1 1.0 10 100 1000 forward voltage. (v) tj=25 c pulse width-300 s 2% duty cycle 0 fig.2- maximum non-repetitive peak forward surge current peak for ward surge current . (a) 1 2 5 10 20 100 50 500 50 100 1000 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.1- maximum forward current derating curve average for ward current . (a) 125 135 145 155 175 165 0 10 30 20 40 50 60 70 case temperature. ( c) o single phase half wave 60hz resistive or inductive load


▲Up To Search▲   

 
Price & Availability of AR50J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X