Part Number Hot Search : 
RQA0004L 25L1606 M62320GP HD74AC TDA750 A5950 SKB20440 LA35F
Product Description
Full Text Search
 

To Download AHTA-2002S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15 allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs 12/01/11 schematics allied da tec ode AHTA-2002S all specifications subject to change without notice. mechanical 10/100 base t dual port transformer AHTA-2002S cw/w: 50pf typ @ 100khz, 200mv polarity: 1-20, 4-17, 6-15, 9-12 in-phase ll: 0.5h max @ 100khz, 200mv dcr: 0.9 operating temp: 0oc to 70oc max electrical speci?cations @ 25c part number ocl(uh min) @ 100khz, 200mv turns ratio chip: cable (5%) insertion loss (db max) return loss (db min) with 8ma dc bias 0.3-100mhz 0.3-30mhz 40mhz AHTA-2002S 350 1ct:1ct(tx)/1ct:1ct(rx) -1.1 -18 -14.4 60-80mhz -12 50mhz -13.1 part number AHTA-2002S electrical speci?cations @ 25c cross talk (db min) hi-pot (vrms) 60s -35 1500 0.3-30mhz -40 80-100mhz -30 common mode rejection (db min) 60-100mhz -33 0.3-30mhz -42 60mhz isolation ? dimensions:inch( mm) unless otherwise specified, all tolerances are 0.010(0.25) 1. 000 (2 5.40) 0.39 5(1 0. 03) 0.26 0( 6.60) max 0.0 20 (0.50) 0.30 0( 7.62) 0.11 8( 3.00) 0. 900 (2 2. 86 )typ 0.10 0( 2.54)


▲Up To Search▲   

 
Price & Availability of AHTA-2002S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X