Part Number Hot Search : 
HV506PG BLF30 IRF3805 28C64 D30N03 LC230WX3 TC74VH BR300
Product Description
Full Text Search
 

To Download ADLD25PC-525 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pci/104-express data subject to chan ge without notice. adl embedded solutions gmbh , eiserfelder stra?e 316 d-57080 siegen, adl embedded solutions inc., 4411 morena blvd., suite 101 germany p. +49 (0) 271 250 810 0 f. +49 (0) 271 250 810 20 san diego, ca 92117-4345 p. +1 858 490-0597 f. +1 858 490-0599 e-mail: sales@adl-europe.com ; web: www.adl-europe.com e-mail: sales@adl-usa.com ; web: www.adl-usa.com embedded solutions adld25pc - intel? atom? d525 dual core, 1.80ghz item code part # description ADLD25PC-525 292500 intel atom dual core cpu d525, 1.80ghz memory ddr3-dram1024-s 997025 ddr3-1066 1gb standar d temperature ddr3-dram2048-s 997125 ddr3-1066 2gb standar d temperature ddr3-dram4096-s 997345 ddr3-1066 4gb standar d temperature ddr3-dram-1024-ex 997027 ddr3-1066 1gb ext ended temperature ddr3-dram-2048-ex 997127 ddr3-1066 2gb ext ended temperature ddr3-dram-4096-ex 997430 ddr3-1066 4gb ext ended temperature options and accessories adld25pc-mpcie 292530 mini-pcie option adl-et 290000 extended temp screen (-40o to +85o c) adld25pc-ck 292520 standard cable kit for adld25pc standoff-mss 293406 .6? (15.24mm), pc/104 m3, precision milled stand-offs standoff-1"m3 293436 1? (25.4mm), pc/104 m3, precision milled stand-offs thermal solutions adld25pc-sp0600 292513 0.600? heat spreader for adld25pc adld25pc-sp1000 292514 1.000? heat spreader for adld25pc adld25pc-fansink 292511 heatsink / fan combo for adld25pc adld25pc-passivelp 292512 passive lp for adld25pc for the above two thermal solutions, adl recommends stand-off part #?s 293406 or 293436 (qty. 4 each) the adld25pc features the intel atom d 525 processor which is designed for a two- chip platform as opposed to the traditi onal three-chip platforms requiring a cpu, gmch and ich. the atom d525 processor a ccomplishes this by locally integrating the graphics and memory controller functions of a traditional gmch. the processor interfaces to the ich9m-e, which is also used on the adlgs45pc and provides similar pci/104-express i/o bandwidth necessary to enable performance-based rugged, portable and thermally constrained applications. the d525 have an intel rated thermal design power (tdp) maximum of 10 to 13 watts; and an intel idle tdp of 4 to 4.8 watts. tdp refers to how much heat annotated in watts a thermal solution must be able to dissipate while keeping the processor below its maximum die temperature. the adld25pc is ideal for rugged and mo bile applications where power consump- tion is critical. these jobs include de eply embedded enclosures for industrial appli- cations, as well as rugged portable applicatio ns such as transceivers for tactical communication, gis mapping, night vision applications, railway and other applica- tions that often use ba ttery-type power sources. in addition to the wide range of rugged , extended temperature or harsh environment applications in which the adld25pc can e xcel, it also supports a healthy set of features. the adld25pc has a discrete 16-bi t digital i/o port as well as a separate lpt port. the adld25pc also has four co m ports. while tw o of the ports support rs232, the other two are configurable to rs 232 or 4-wire rs422/485. 2x sata with raid support, 8x usb2.0, and bottom-stacking pci express 4 x1 lanes are just a few of the available features. the adld25pc has an option for the pcie mini socket to be added for expandability, (i.e. wi-fi / bootable flash drive). adl embedded solutions offers highly effective active and passive thermal solutions designed for this product. contact your sales representative for more information . ordering information description features ? intel atom dual core processor d525, 1.80ghz ? up to 4gb ddr3-800 dram sodimm204 ? type 2 bottom-stacking pci/104 express ? 4 x1 lanes ? 2x sata 300 ports ? 1x 10/100/1000mbit ethernet lan port ? 4x com ports - 2x rs232 ports, 2x rs232/422/485 ports ? 8x usb2.0 ports ? onboard vga and lvds ports ? hardware monitor ? watchdog timer ? windows xp, windows ce ? 7.1 hd audio ? 16bit gpio port ? operating range -25 to +70o c (-40o to +85o c available - call sales for details ) ? 3.6? x 3.8? (90mm x 96mm) pci/104-express v1.0a form factor ? optional pcie mini socket
pci/104-express data subject to chan ge without notice. adl embedded solutions gmbh , eiserfelder stra?e 316 d-57080 siegen, adl embedded solutions inc., 4411 morena blvd., suite 101 germany p. +49 (0) 271 250 810 0 f. +49 (0) 271 250 810 20 san diego, ca 92117-4345 p. +1 858 490-0597 f. +1 858 490-0599 e-mail: sales@adl-europe.com ; web: www.adl-europe.com e-mail: sales@adl-usa.com ; web: www.adl-usa.com embedded solutions technical specifications - adld25pc feature function remarks options cpu cpu classes intel atom d525 d525 - dual core cpu option / performance (g/mhz) / l2 cache atom d525 / 1.8ghz / 1mb d425 option available. please discuss your requirements with your sales engineer. max. no. of cores 2 both processor options support hyperthreading soldered (or socket name) soldered fsb n/a fsb only applicable with separate gmch chipset north bridge (gmch) dx25 gmch functions incorporated into dx25 south bridge (ich) intel ich9m-e super io1 smsc sch3114 hardware monitoring super io memory type sodimm204-1,5v / ddr3 size max (mb) 4096mb 1024mb / 2048mb speed max ddr3 800mhz graphic controller cpu integrated video bios intel extreme bios memory max. 8mb uma / max. 256mb dvmt crt yes crt resolution 2048x1536 dvi/hdmi/displayport n/a lcd lvds 18/24/36/48 18 bit supported lcd resolution 1600x1200 bios manufacturer solomon award bios chip spi-flash power management apm/acpi apm/acpi speedstep/amt no powerstates s0/s1/s3/s4/s5 s0/s4/s5 audio controller and codec dx25 / realtek alc889 (hda) support for 2/6/8 channel (2.0/5.1/7.1) 2/6/8 channel analog in line/cd/aux/mic1/mic2/pcbeep line-in/mic1/mic2/pcbeep analog out line/monoout analog line-out digital in/out s/pdif in/out
pci/104-express data subject to chan ge without notice. adl embedded solutions gmbh , eiserfelder stra?e 316 d-57080 siegen, adl embedded solutions inc., 4411 morena blvd., suite 101 germany p. +49 (0) 271 250 810 0 f. +49 (0) 271 250 810 20 san diego, ca 92117-4345 p. +1 858 490-0597 f. +1 858 490-0599 e-mail: sales@adl-europe.com ; web: www.adl-europe.com e-mail: sales@adl-usa.com ; web: www.adl-usa.com embedded solutions technical specifications - adld25pc feature function remarks options lan lan1 controller intel ich9m-e / 567 phy lan1 10/100/1000 10/100/1000 mbit lan1 diskless boot option rpl/pxe/wol rpl/pxe/wol lan2 controller none buses pci pc/104-plus v2.0 pcie x1 / x4 / x16 pcie/104 v1.1 (pcie v2.0) specials/options mini-pcie v1.2 please call for compatibility 292530 ata/sata interfaces ata primary/secondary none sata channels 2 sata raid levels 0/1/5/10 0/1 1.5gbs/3.0gbs/6.0gbs 1.5gbs/3.0gbs onboard compact flash / solid state disk none usb interfaces boot hd/fdd/cdrom/fd/zip hd/fdd/cdrom/fd/zip usb-channels 8 protocols - usb 1.1/2.0/host/device 1.1/2.0/host serial interfaces com1&2: ttl/rs232/rs485/rs422 rs232 com3&4: ttl/rs232/rs485/rs422 rs232/422/485 bios selectable rs232 max speed rs232 - 250kbps / 422/485 - 10mbps parallel interfaces lpt uni/ecp/epp/fdc uni/ecp/epp/fdc specials/options 16-bit gpio discrete port interfaces ps/2 keyboard/mouse yes floppy interface fdc shared with lpt port watchdog yes power supply supply voltage 5v power normal (typical)* tbd ups/pb-batt none cooling passive / active operating temperature (ambient) -25 to 70 c adl thermal solution recommended extended temperature -40 to 85o c requires adl-et and approved thermal solution storage temp. -40 to 85 c dimensions 3.6? x 3.8? (90mm x 96mm)


▲Up To Search▲   

 
Price & Availability of ADLD25PC-525

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X