Part Number Hot Search : 
M1684 VOL87 ZX84C5 10146 HER155 A1384 1N415 LV640MU
Product Description
Full Text Search
 

To Download 74320-9033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/10/2010 please check www.molex.com for latest part information part number: 0743209033 status: active description: microcross? dvi-i digital/analog visual interface, pcb receptacle, panelmount, through hole, right angle, 0.76m (30") gold (au) plating, 2.34mm (.092") p.c. tail length, with beveled metal pins, 29 circuits, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family i/o connectors series 74320 application wire-to-board comments ddwg (digital display working group) standard component type receptacle product name microcross?dvi type n/a physical boot color n/a circuits (loaded) 29 circuits (maximum) 29 color - resin natural durability (mating cycles max) 100 flammability 94v-0 gender receptacle keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin number of rows 3 orientation right angle pc tail length (in) 0.092 in pc tail length (mm) 2.34 mm pcb locator yes pcb retention yes packaging type tray panel mount yes pitch - mating interface (in) 0.075 in pitch - mating interface (mm) 1.91 mm pitch - term. interface (in) 0.075 in pitch - term. interface (mm) 1.91 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.50 polarized to mating part yes polarized to pcb yes ports 1 surface mount compatible (smc) no temperature range - operating -20c to +85c termination interface: style through hole eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74320 series mates with 88744 , 74323
waterproof / dustproof no wire size awg n/a electrical current - maximum per contact 3a grounding to panel yes shield type full shield shielded yes voltage - maximum 40v ac (rms) material info reference - drawing numbers packaging specification pk-74320-010 sales drawing sd-74320-025 this document was generated on 05/10/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 74320-9033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X