|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
!"#$% ! " # # "$ % # & # # &$ ' # & " # # &"$ (# ) * +, + - " ) " " +, "+ % ) + . % / ) 0 # 1 % ,# 2 $ 3 2 4 5678 5' 67 & 0 3 .% 8 & # # &$ 38 . 5 ' # 99 "$ # 5 &$ 5 & 99 &"$ # 5 ) : 0 ;& # & . #1 . 5 ' 0 ;&< # & . #1 . ( & # # & 38 . 5 5 # " & # # "& 38 " . 5* 5 # 0 ! %5 =/ ;2 9 # & . #1 . 5* >+ ' ?@ . 5 5 " . 5*1 "% . 5- *5 ; 9 < . -( 1 # ""% . a# 5* !"#$ %&$'( 1 10 100 2SC4583 0.001 0.01 0.1 1 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 v ce = 5v 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c h fe - i c 6 collector current i c [a] dc current gain h fe 0 0.5 1 1.5 2 2.5 3 2SC4583 0.01 0.1 1 0 0.5 1 1.5 2 2.5 3 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 i c = 0.3a 0.75a 1.5a 3.0a 4.5a tc = 25 c saturation voltage i c = 0.3a 0.75a 1.5a 3.0a 4.5a 2 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v] 0.01 0.1 1 10 0 0.5 1 1.5 2 2.5 3 2SC4583 i b1 = 0.2i c i b2 = 0.4i c v bb2 = 4v v cc = 250v tc = 25 c t s t on t f switching time - i c collector current i c [a] switching time t sw [ m s] 0.01 0.1 1 10 0 50 100 150 200 250 300 2SC4583 i c = 1.5a i b1 = 0.3a i b2 = 0.6a v bb2 = 4v tc = 25 c t s t on t f switching time - v cc collector voltage v cc [v] switching time t sw [ m s] 0.01 0.1 1 10 0 50 100 150 2SC4583 i c = 1.5a i b1 = 0.3a i b2 = 0.6a v bb2 = 4v r l = 167 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ m s] transient thermal impedance 0.01 0.1 1 10 2SC4583 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w] forward bias soa 0.01 0.1 1 1 10 100 2SC4583 50 m s tc = 25 c single pulse 150 m s 1ms 10ms dc 6 800 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit 0 20 40 60 80 100 0 50 100 150 2SC4583 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c] 0 1 2 3 4 5 6 0 200 400 600 800 1000 1200 2SC4583 i b1 = 0.25i c i b2 = 0.45a v bb2 = 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a] |
Price & Availability of 2SC4583 |