Part Number Hot Search : 
PZM39NB CY7C02 LTC431 72006 HMC624 LTC431 D66GV650 GRM21BR
Product Description
Full Text Search
 

To Download 2SC4582 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  

 

 
   

  
 
 


 

!"#$%     !"# $! % &# '  
                             !      "  #  # "$ % #    &  #  # &$ ' # # &( # &" ) # % &   "  #  # &"$ *#    +        , -  , . "   +  " %  "   , -  ", /      +     ,   ) /  * 0 +   1 #      2     / -#
  3 $ 45 67  &   1     8 )/  9              &     #  # &$ 89   ) 4/
 ' #   ::   "$    # 
4   &$
4 &  ::   &"$    # 
4  +  ;  1 <& # & ) #2   ) *4
  1 <&= # & ) #2   ) 
     &      #  # & 8 9   ) *4
4 # "   &      #  # "& 8 9  " ) 4
4 # 1       !     
4%*  >0     <3  :  # & ) #2   ) 4  + / 
? @        ) *4
4         " ) 42  "/ ) .
/4   <    :  = ) /  2 # ""/ ) '#
4/
h fe - i c 1 10 100 2SC4582 0.001 0.01 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 v ce = 5v 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c 30 collector current i c [a] dc current gain h fe
0 0.5 1 1.5 2 2.5 3 2SC4582 0.01 0.1 1 10 0 0.5 1 1.5 2 2.5 3 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 i c = 1a 2a 4a 7.5a 15a 20a tc = 25 c saturation voltage i c = 1a 2a 4a 7.5a 15a 20a 12 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v]
0.01 0.1 1 0 5 10 15 2SC4582 i b1 = 0.2i c i b2 = 0.4i c v bb2 = 4v v cc = 150v tc = 25 c t s t on t f switching time - i c collector current i c [a] switching time t sw [ m s]
0.01 0.1 1 0 50 100 150 200 250 300 2SC4582 i c = 7.5a i b1 = 1.5a i b2 = 3.0a v bb2 = 4v tc = 25 c t s t on t f switching time - v cc collector voltage v cc [v] switching time t sw [ m s]
0.01 0.1 1 0 50 100 150 2SC4582 i c = 7.5a i b1 = 1.5a i b2 = 3.0a v bb2 = 4v r l = 20 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ m s]
transient thermal impedance 0.01 0.1 1 10 2SC4582 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]
forward bias soa 0.01 0.1 1 10 1 10 100 2SC4582 50 m s tc = 25 c single pulse 150 m s 1ms 10ms dc 15 30 450 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit
0 20 40 60 80 100 0 50 100 150 2SC4582 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c]
0 5 10 15 20 25 30 0 100 200 300 400 500 600 2SC4582 i b1 = 0.3i c i b2 = 4.5a v bb2 = 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a]


▲Up To Search▲   

 
Price & Availability of 2SC4582

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X