Part Number Hot Search : 
DD200GB BU606 B8050 0150CT TSG601 DTA114 T9G02212 LPB352
Product Description
Full Text Search
 

To Download 2SC4409 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC4409 2001-10-29 1 toshiba transistor silicon npn epitaxial type (pct process) 2SC4409 power amplifier applications power switching applications  low collector saturation voltage: v ce (sat) = 0.5v (max) (at i c = 1a)  high speed switching time: t stg = 500ns (typ.)  small flat package  p c = 1~2 w (mounted on ceramic substrate)  complementary to 2sa1681 maximum ratings (ta     25c) characteristics symbol rating unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 6 v collector current i c 2 a base current i b 0.2 a collector power dissipation p c 500 mw collector power dissipation p c (note) 1000 mw junction temperature t j 150  c storage temperature range t stg  55~150  c note: 2SC4409 mounted on ceramic substrate (250 mm 2  0.8 t) unit: mm jedec D jeita sc-62 toshiba 2-5k1a weight: 0.05 g (typ.)
2SC4409 2001-10-29 2 electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb  80 v, i e  0   0.1  a emitter cut-off current i ebo v eb  6 v, i c  0   0.1  a collector-emitter breakdown voltage v (br) ceo i c  10 ma, i b  0 50  v h fe (1) v ce  2 v, i c  100 ma 120  400 dc current gain h fe (2) v ce  2 v, i c  1.5 a 40   collector-emitter saturation voltage v ce (sat) i c  1 a, i b  0.05 a   0.5 v base-emitter saturation voltage v be (sat) i c  1 a, i b  0.05 a   1.2 v transition frequency f t v ce  2 v, i c  100 ma  100  mhz collector output capacitance c ob v cb  10 v, i e  0, f  1 mhz  14  pf turn-on time t on  0.1  storage time t stg  0.5  switching time fall time t f  0.1   s marking k a type name 30  output i b1 30 v input i b1 20  s i b1   i b2  0.05 a, duty cycle   1% i b2 i b2
2SC4409 2001-10-29 3 collector-emitter voltage v ce (v) i c ? v ce collector current i c (a) collector current i c (ma) v ce (sat) ? i c collector-emitter saturation voltage v ce (sat) (v) collector current i c (ma) h fe ? i c dc current gain h fe base-emitter voltage v be (v) i c ? v be collector current i c (a) collector-emitter voltage v ce (v) safe operating area collector current i c (a) 0 3 2 1 0 0.8 2.4 common emitter ta  25c 2.0 i b  2 ma 50 30 4 5 4 0.4 1.2 100 10 6 0 1.6 15 20 collector current i c (ma) v be (sat) ? i c base-emitter saturation voltage v be (sat) (v) 1 10 1000 300 3 common emitter i c /i b  20 30 100 0.2 0.5 ta   25c 25 100 3000 1 3 * : single nonrepetitive pulse ta  25c curves must be derated linearl y with increase in temperature. 0.1 10 1 0.3 0.001 1 10 5 3 dc operation (ta  25c) 0.1 3 100 0.005 0.003 0.3 0.5 i c max (pulsed) * i c max (continuous) 100 ms * 10 ms * 1 ms * v ceo max 30 0.01 0.03 0.05 1 0.1 10 1000 300 3 0.03 0.05 common emitter i c /i b  20 0.01 30 100 0.3 0.5 ta  100c 25  25 3000 1 3 0 0.8 0.4 0.2 0 0.8 2.0 common emitter v ce  2 v 1.6 0.6  25 25 ta  100c 0.4 1.2 1.2 1.0  25 25 1 30 3000 100 10 3 300 500 300 100 50 30 10 1000 ta  100c common emitter v ce  2 v
2SC4409 2001-10-29 4  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SC4409

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X