Part Number Hot Search : 
HD2506 E48B2 SEL6915A SMBJ36CA SMBJ36CA BC808F DELAY SMBJ36CA
Product Description
Full Text Search
 

To Download 2SB1427 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SB1427 transistors power transistor ( ? 20v, ? 2a) 2SB1427 ! ! ! ! features 1) low saturation voltage, typically v ce(sat) = ? 0.5v at i c /i b = ? 1a / ? 50ma. 2) excellent dc current gain characteristics. ! ! ! ! external dimensions (units : mm) (3) emitter (2) collector (1) base eiaj : sc-62 1.5 0.4 1.5 0.4 1.6 0.5 3.0 0.4 1.5 ( 3 ) 4.5 ( 1 ) ( 2 ) 0.5 4.0 2.5 1.0 rohm : mpt3 ! ! ! ! absolute maximum ratings (ta=25 c) parameter symbol v cbo v ceo v ebo i c p c limits ? 20 ? 20 ? 6 ? 2 0.5 2 unit v v v a(dc) ? 3 a(pulse) w c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature tj tstg 150 ? 55 ~ + 150 c storage temperature ? 1 single pulse, pw = 10ms ? 2 when mounted on a 40 40 0.7mm ceramic board. ? 1 ? 2 ! ! ! ! packaging specifications and h fe type 2SB1427 mpt3 e t100 bj 1000 package h fe code basic ordering unit (pieces) marking denotes h fe ? ? ! ! ! ! electrical characteristics (ta=25 c) parameter symbol min. typ. max. unit conditions bv cbo bv ceo bv ebo i cbo i ebo v ce(sat) h fe f t cob ? 20 ? 20 ? 6 ? ? 390 ? ? ? ? ? ? ? ? 90 30 ? ? ? ? 0.5 ? 0.5 820 ? ? v v v a a ? mhz pf i c = ? 50 a i c = ? 1ma i e = ? 50 a v cb = ? 16v v eb = ? 5v ??? 0.5 v i c /i b = ? 1a/ ? 500ma v ce /i c = ? 6v/ ? 0.5a v ce = ? 10v , i e = 10ma , f = 30mhz v cb = ? 10v , i e = 0a , f = 1mhz collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ratio transition frequency output capacitance measured using pulse current. ? ?


▲Up To Search▲   

 
Price & Availability of 2SB1427

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X