Part Number Hot Search : 
2N649 1946A MBT2907A DDTC124 UTX4115 TPA2273 166BG IR3220
Product Description
Full Text Search
 

To Download 2SB1186A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1186A d escription with to-220fa package low collector saturation votlage complement to type 2sd1763a high breakdown voltage applications for use in low frequency power amplifer applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -160 v v ceo collector -emitter voltage open base -160 v v ebo emitter-base voltage open collector -5 v i c collector current -1.5 a i cm collector current-peak -3.0 a t a =25 2.0 p c collector power dissipation t c =25 20 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1186A characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-1ma; i b =0 -160 v v (br)cbo collector-base breakdown voltage i c =-50a; i e =0 -160 v v (br)ebo emitter-base breakdown voltage i e =-50a; i c =0 -5 v v cesat collector-emitter saturation voltage i c =-1a ;i b =-0.1a -2.0 v v besat base-emitter saturation voltage i c =-1a ;i b =-0.1a -1.5 v i cbo collector cut-off current v cb =-120v; i e =0 -1.0 a i ebo emitter cut-off current v eb =-4v; i c =0 -1.0 a h fe dc current gain i c =-0.1a ; v ce =-5v 60 200 f t transition frequency i c =-0.1a; v ce =-5v 50 mhz c ob collector output capacitance i e =0;f=1mhz ; v cb =-10v 30 pf  h fe classifications d e 60-120 100-200
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1186A package outline fig.2 outline dimensions (unindicated tolerance: 0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1186A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X