Part Number Hot Search : 
P9630 NCP5392Q 22S1GD08 2SA111 11105 00121 M2150 FR305
Product Description
Full Text Search
 

To Download 1786580000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb terminals | top screw connection | top 4gs/7.62 | top 4gs/180-7.62 - 1 - general ordering data order no. 0298360000 part designation top4gs2/180 7.62 or version pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 2, 180, box ean 4008190171575 qty. 50 pc(s). system parameters product family system top4gs conductor connection system top connection fitted to pcb soldered connection outgoing direction of conductor 180 pitch 7.62 mm pitch in inch 0.3 inch no. of poles 2 fitted by customer no no. of rows 1 solder pin length 3.5 mm dia. of fitting hole 1.3 mm fitting hole tolerance + 0.1 mm no. of solder pins per pole 2 screwdriver blade 0.6 x 3.5 screwdriver blade standard din 5264 tightening torque, min. 0.5 nm tightening torque, max. 0.6 nm clamping screw m 3 stripping length 13 mm l1 in mm 7.62 mm l1 in inch 0.3 inch material data insulating material pa colour orange
product catalogue | pcb connection systems | pcb terminals | top screw connection | top 4gs/7.62 | top 4gs/180-7.62 - 2 - material data colour chart similar to ral 2000 insulating material group i flammability class ul 94 v-2 cti >= 600 contact base material e-cu contact surface tinned storage temperature, min. -25 c storage temperature, max. 55 c connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 6 mm2 awg, min. 26 awg, max. 10 solid, min. h05(07) v-u 0.5 mm2 solid, max. h05(07) v-u 6 mm2 flexible, min. h05(07) v-k 0.5 mm2 flexible, max. h05(07) v-k 4 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.5 mm2 with wire end ferrule, acc. to din 46 228/1, max. 4 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.5 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 4 mm2 gauge to en 60999 a x b; ? 2.8 mm x 2.4 mm; din iec rating data rated current, min. no. pins (tu=20c) 32 a rated current, min. no. pins(tu=40c) 32 a rated voltage for overvoltage class/pollution severity ii/2 1,000 v rated voltage for overvoltage class/pollution severity iii/2 630 v rated voltage for overvoltage class/pollution severity iii/3 500 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 26 awg conductor (field wiring), max. 10 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 26 awg conductor, max. 10
product catalogue | pcb connection systems | pcb terminals | top screw connection | top 4gs/7.62 | top 4gs/180-7.62 - 3 - ul 1059 rating data approvals approvals institutes downloads cad library (p-cad format - standard) top 4gs.lib classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 nk eclass 5.0 nk eclass 5.1 nk similar products order no. part designation version 0298460000 top4gs3/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 3, 180, box 0298560000 top4gs4/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 4, 180, box 1786540000 top4gs5/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 5, 180, box 1494560000 top4gs6/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 6, 180, box 1786550000 top4gs7/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 7, 180, box 1786560000 top4gs8/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 8, 180, box 1571700000 top4gs9/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 9, 180, box 1786570000 top4gs10/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 10, 180, box 1786580000 top4gs11/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 11, 180, box
product catalogue | pcb connection systems | pcb terminals | top screw connection | top 4gs/7.62 | top 4gs/180-7.62 - 4 - 1749170000 top4gs12/180 7.62 or pcb terminal, top connection, soldered connection, clamping range, max.: 6 mm2, pitch: 7.62 mm, no. of poles: 12, 180, box


▲Up To Search▲   

 
Price & Availability of 1786580000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X