Part Number Hot Search : 
25Q64 PC563 BC237B07 C3121 D4448 IDT7035L BSY62 04365
Product Description
Full Text Search
 

To Download ZVNL120A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n-channel enhancement mode vertical dmos fet issue 2 C march 94 features * 200 volt v ds *r ds(on) =10 w * low threshold applications * telephone handsets absolute maximum ratings. parameter symbol value unit drain-source voltage v ds 200 v continuous drain current at t amb =25c i d 180 ma pulsed drain current i dm 2a gate source voltage v gs 20 v power dissipation at t amb =25c p tot 700 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. max. unit conditions. drain-source breakdown voltage bv dss 200 v i d =1ma, v gs =0v gate-source threshold voltage v gs(th) 0.5 1.5 v id=1ma, v ds = v gs gate-body leakage i gss 100 na v gs = 20v, v ds =0v zero gate voltage drain current i dss 10 100 m a m a v ds =200 v, v gs =0 v ds =160 v, v gs =0v, t=125c (2) on-state drain current(1) i d(on) 500 ma v ds =25 v, v gs =5v static drain-source on-state resistance (1) r ds(on) 10 10 w w v gs =5v,i d =250ma v gs =3v, i d =125ma forward transconductance (1)(2) g fs 200 ms v ds =25v,i d =250ma input capacitance (2) c iss 85 pf common source output capacitance (2) c oss 20 pf v ds =25 v, v gs =0v, f=1mhz reverse transfer capacitance (2) c rss 7pf turn-on delay time (2)(3) t d(on) 8ns v dd ? 25v, i d =250ma rise time (2)(3) t r 8ns turn-off delay time (2)(3) t d(off) 20 ns fall time (2)(3) t f 12 ns (1) measured under pulsed conditions. width=300 m s. duty cycle 2% (2) sample test. (3) switching times measured with 50 w source impedance and <5ns rise time on a pulse generator e-line to92 compatible ZVNL120A 3-401 d g s typical characteristics output characteristics v ds - drain source voltage (volts) i d( o n ) dr a i n c u r r en t (amp s ) saturation characteristics i d( o n ) drain current (amps) v ds - drain source voltage (volts) 0 5 10 15 20 25 30 35 40 45 50 4v 3v v gs = 1.6 1.2 0.4 0 0.8 1.4 1.0 0.6 0.2 10v 4v 3v v gs = 0.6 0 0.2 0.4 0.8 02 46810 1.0 8v 5v 2v 2v 8v 6v v gs- gate source voltage (volts) 300 0 100 200 400 12345678910 500 v ds= 25v transconductance v gate-source voltage g fs -t ransconductance (ms) transconductance v drain current i d - drain current (amps ) g fs - t r an sc o n ducta n c e ( ms ) 0 0.2 0.4 0.6 0.8 1.0 0 100 200 400 300 500 1.2 1.4 1.6 1.8 2.0 v ds= 25v 10v 6v transfer characteristics i d( o n ) dr a i n c u r r e nt ( amps ) v gs- gate source voltage (volts) 012345678910 v ds= 40v 0.8 0 1.6 1.2 0.6 1.4 1.0 0.4 0.2 20v 10v v ds -drain source voltage (volts) capacitance v drain-source voltage c- capa c ita n c e ( p f ) c oss c iss c rss 0 10 20 30 40 50 60 40 20 80 100 ZVNL120A 3-402
n-channel enhancement mode vertical dmos fet issue 2 C march 94 features * 200 volt v ds *r ds(on) =10 w * low threshold applications * telephone handsets absolute maximum ratings. parameter symbol value unit drain-source voltage v ds 200 v continuous drain current at t amb =25c i d 180 ma pulsed drain current i dm 2a gate source voltage v gs 20 v power dissipation at t amb =25c p tot 700 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. max. unit conditions. drain-source breakdown voltage bv dss 200 v i d =1ma, v gs =0v gate-source threshold voltage v gs(th) 0.5 1.5 v id=1ma, v ds = v gs gate-body leakage i gss 100 na v gs = 20v, v ds =0v zero gate voltage drain current i dss 10 100 m a m a v ds =200 v, v gs =0 v ds =160 v, v gs =0v, t=125c (2) on-state drain current(1) i d(on) 500 ma v ds =25 v, v gs =5v static drain-source on-state resistance (1) r ds(on) 10 10 w w v gs =5v,i d =250ma v gs =3v, i d =125ma forward transconductance (1)(2) g fs 200 ms v ds =25v,i d =250ma input capacitance (2) c iss 85 pf common source output capacitance (2) c oss 20 pf v ds =25 v, v gs =0v, f=1mhz reverse transfer capacitance (2) c rss 7pf turn-on delay time (2)(3) t d(on) 8ns v dd ? 25v, i d =250ma rise time (2)(3) t r 8ns turn-off delay time (2)(3) t d(off) 20 ns fall time (2)(3) t f 12 ns (1) measured under pulsed conditions. width=300 m s. duty cycle 2% (2) sample test. (3) switching times measured with 50 w source impedance and <5ns rise time on a pulse generator e-line to92 compatible ZVNL120A 3-401 d g s typical characteristics output characteristics v ds - drain source voltage (volts) i d( o n ) dr a i n c u r r en t (amp s ) saturation characteristics i d( o n ) drain current (amps) v ds - drain source voltage (volts) 0 5 10 15 20 25 30 35 40 45 50 4v 3v v gs = 1.6 1.2 0.4 0 0.8 1.4 1.0 0.6 0.2 10v 4v 3v v gs = 0.6 0 0.2 0.4 0.8 02 46810 1.0 8v 5v 2v 2v 8v 6v v gs- gate source voltage (volts) 300 0 100 200 400 12345678910 500 v ds= 25v transconductance v gate-source voltage g fs -t ransconductance (ms) transconductance v drain current i d - drain current (amps ) g fs - t r an sc o n ducta n c e ( ms ) 0 0.2 0.4 0.6 0.8 1.0 0 100 200 400 300 500 1.2 1.4 1.6 1.8 2.0 v ds= 25v 10v 6v transfer characteristics i d( o n ) dr a i n c u r r e nt ( amps ) v gs- gate source voltage (volts) 012345678910 v ds= 40v 0.8 0 1.6 1.2 0.6 1.4 1.0 0.4 0.2 20v 10v v ds -drain source voltage (volts) capacitance v drain-source voltage c- capa c ita n c e ( p f ) c oss c iss c rss 0 10 20 30 40 50 60 40 20 80 100 ZVNL120A 3-402
typical characteristics normalised r ds(on) and v gs(th) vs temperature no r mal ise d r ds(on) and v g s(t h) -40 -20 0 20 40 60 80 120 100 140 160 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.6 0.8 drai n - s o u r c e r e s i s ta n c e r ds( o n ) gate t h res h o l d v o l tag e v gs ( th ) t j -junction temperature (c) 0.4 -80 -60 q-charge (nc) v g s -gate source voltage (v olts) gate charge v gate-source voltage 0 10 8 6 2 0 4 12 14 16 v ds = 50v i d= 700ma 100v 150v 0.4 0.8 1.2 1.6 2.0 2.4 i d= 125ma v gs= 3v i d= 1ma v gs= v ds on-resistance v drain current i d- drain current (ma) r ds(on) -drain source on resistance ( w ) 10 100 1000 3v 4v v gs =2v 100 10 10v 5v i d= 250ma v gs= 5v on-resistance vs gate-source voltage v gs -gate source voltage (volts) r ds(on) -drain source resistance ( w ) 11020 i d= 1a 0.5a 0.1a 1 10 100 1 ZVNL120A 3-403


▲Up To Search▲   

 
Price & Availability of ZVNL120A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X