Part Number Hot Search : 
FAN7310G SFH9202 MPX700GS 9926B 1221C CY7C131 3PMT28A STK4162
Product Description
Full Text Search
 

To Download V23079-G2016-B301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  108-98002 sept 06 rev. d ecoc: jm10 p2 v23079 relay
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations. 2 of 14 index dimensions coil operating range relay code coil data and ordering information contact data insulation 1 general data 1 packing 12 ul file no. 1111 ul ic/n ic ref. cert. no. 321
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations. 3 of 14 2 pole telecom relay, polaried, through ole type tt or surface ount technology st, relay types non-latching ith 1 coil latching ith 2 coils latching ith 1 coil rs compliant irectie 20029ec as per product date code 0427. features standard telecom relay (ringing and test access) slim line 1 x . mm, . x .2 inch switching current 2 changeover contacts (2 form c / dpdt) bifurcated contacts immersion cleanable high sensitivity results in low nominal power consumption 1 mw for non-latching and latching with 2 coils mw for latching with 1 coil for single coil version surge voltage resistance between contact and coil for single coil version 2. kv (2 / 1 s) meets the telcordia requirement gr-1 1. kv (1 / 1 s) meets fcc part typical applications communications equipment linecard application (ringing and test access) pbx voice over ip offce equipment measurement and control equipment utomotive equipment cn bus, keyless entry, speaker switch medical equipment consumer electronics set top boxes, hifi options 1 vrms between open contacts insulation category basic insulation according ic / n working voltage
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations. 4 of 14 dimensions dimensions in mm tht version mounting hole layout view onto the component side of the pcb (top view) terminal assignment relay top view non-latching type not energied condition latching type, reset condition latching, 2 coils reset condition contacts in reset position. both coils can be used either as set or reset coils. tht v23-x1xxx-b31 standard coil tht v23-x2xxx-b31 overmolded coil smt long terminals v23-x1xxx-b31 standard coil smt long terminals v23-x2xxx-b31 overmolded coil smt short terminals v23-x1xxx-b31 standard coil smt short terminals v23-x2xxx-b31 overmolded coil mm inch mm inch mm inch mm inch mm inch mm inch l w h 1. .1 .2 .1 . .1 . . .23 . .3 . 1. .1 .2 .1 . .1 . . .23 . .3 . 1. .1 .2 .1 1. .1 . . .23 . . . 1. .1 .2 .1 . .1 . . .23 . .3 . 1. .1 .2 .1 1. .1 . . .23 . . . 1. .1 .2 .1 . .1 . . .23 . .3 . t t1 t2 tw s 3.2 .2 n/ n/ . . . .1 .12 .1 n/ n/ .2 .2 .22 . 3.2 .2 n/ n/ . . . .12 .1 n/ n/ .2 .2 .1 .2 n/ .2 .1 . .1 . . n/ n/ .21 . .3 . .2 .2 n/ n/ .2 . .1 . . n/ n/ .21 . .3 . .2 .2 n/ n/ .2 . .1 . . n/ n/ .21 . .21 . .2 .2 n/ n/ .2 . .1 . . n/ n/ .21 . .21 . .2 .2 n/ smt version p2 smt s long terminals short terminals 0,9 0,1 ote: solder pad for pin 6 and 7 only for latching with 2 coils ote: solder pad for pin 6 and 7 only for latching with 2 coils solder pad layout view onto the component side of the pcb (top view) long terminals short terminals note hole for pin and only for latching with 2 coils. basic grid 2. mm
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations.  of 14 coil operating range u nom nominal coil voltage u max. upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized u op. min. ower limit of the operative range of the coil voltage (reliable operate voltage) for latching relays u set min. resp. u reset min. u rel. min. ower limit of the operative range of the coil voltage (reliable release voltage) 0 0. 2 0. 4 0. 6 0. 8 1 1. 2 1. 4 1. 6 1. 8 2 2. 2 2. 4 2. 6 2. 8 3 3. 2 3. 4 -4 0 - 30 -2 0 - 10 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 110 120 130 140 coil voltage [u/unom] u op. min. u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a 70 mw u nom. nominal coil voltage ambient temperature [c] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40 -30 -20 -10 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 110 120 130 140 ambient temperature [c] coil voltage [u/u nom ] 140 mw u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40 -30 -20 -10 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 110 120 130 140 ambient temperature [c] coil voltage [u/u nom ] 200 mw u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min.
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations.  of 14 st ersion ith long terminals non-latching, 1 coil e latching, 2 coils f latching, 1 coil st ersion ith short terminals non-latching, 1 coil latching, 2 coils latching, 1 coil coil type 1 standard coil b1, 1, f1, 1, h1 2 overmolded coil, 1, 2, c1, d1, d2, 2, g1, g2 (only monostable versions, i.e. relay type , d, g) both standard and overmolded coil possible coil number monostable, 1 coil latching, 1 coil latching, 2 coils 3 v nominal voltage 1 3 v nominal voltage 21 2. v nominal voltage 11 . v 111 . v 2 3 v 1 v 11 v 211 . v 2 v 12 v 21 v v 1 v 22 v 3 12 v 13 12 v 2 v 2 v 1 2 v 23 12 v 2 2 v v 2 3 0 7 9 dentication of the miniature elay p2 relay type tht version non-latching, 1 coil b latching, 2 coils c latching, 1 coil contact arrangement / material b31 2 changeover contacts silver nickel, gold-plated, against silver nickel, gold-plated b21 2 changeover contacts silver palladium, gold-plated, against silver palladium ordering example v23-d21-b31 miniature relay p2 smt version with long terminals (overmolded coil), non-latching, 1 coil, v nominal voltage, 2 changeover contacts, silver nickel contacts relay code
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations. 7 of 14 coil data (values at 23 c) ordering information nominal voltage u nom operate/set voltage range release/ reset voltage minimum coil power coil resistance relay code tyco part number minimum voltage u min maximum voltage u max vdc vdc vdc vdc mw ? tht standard non-latching coil 3 2.25 6.50 0.30 140 64 v23079-a1008-b301 2-1393788-2 4 3.00 8.70 0.40 140 114 v23079-a1016-b301 2-1393788-9 4.5 3.38 9.80 0.45 140 145 v23079-a1011-b301 2-1393788-4 5 3.75 10.90 0.50 140 178 v23079-a1001-b301 1393788-3 6 4.50 13.00 0.60 140 257 v23079-a1002-b301 1393788-8 9 6.75 19.60 0.90 140 578 v23079-a1006-b301 2-1393788-0 12 9.00 26.15 1.20 140 1029 v23079-a1003-b301 1-1393788-1 24 18.00 52.30 2.40 140 4114 v23079-a1005-b301 1-1393788-6 tht non-latching, overmolded coil 3 2.25 6.50 0.30 140 64 v23079-a2008-b301 6-1419120-6 4.5 3.38 9.80 0.45 140 145 v23079-a2011-b301 3-1393789-9 5 3.75 10.90 0.50 140 178 v23079-a2001-b301 3-1393789-5 6 4.50 13.00 0.60 140 257 v23079-a2002-b301 3-1393789-6 9 6.75 19.60 0.90 140 578 v23079-a2006-b301 3-1393789-8 12 9.00 26.15 1.20 140 1029 v23079-a2003-b301 3-1393789-7 tht latching 2 standard coils 3 2.25 6.50 2.25 140 64 v23079-b1208-b301 4-1393788-1 4.5 3.38 9.80 3.38 140 145 v23079-b1211-b301 4-1393788-2 5 3.75 10.90 3.75 140 178 v23079-b1201-b301 3-1393788-3 6 4.50 13.00 4.50 140 257 v23079-b1202-b301 3-1393788-5 9 6.75 19.60 6.75 140 578 v23079-b1206-b301 3-1393788-9 12 9.00 26.15 9.00 140 1029 v23079-b1203-b301 3-1393788-6 24 18.00 52.30 18.00 140 4114 v23079-b1205-b301 3-1393788-7 tht latching 2 overmolded coils 2 1.50 4.30 1.50 140 28 v23079-b2219-b301 1-1422002-2 2.4 1.80 5.20 1.80 140 41 v23079-b2218-b301 1-1422002-1 3 2.25 6.50 2.25 140 64 v23079-b2208-b301 1-1422002-0 5 3.75 10.90 3.75 140 178 v23079-b2201-b301 1422002-9 tht latching 1 standard coil 3 2.25 9.20 2.25 70 128 v23079-c1108-b301 5-1393788-3 4.5 3.38 13.85 3.38 70 289 v23079-c1111-b301 5-1393788-4 5 3.75 15.33 3.75 70 357 v23079-c1101-b301 4-1393788-5 6 4.50 18.50 4.50 70 514 v23079-c1102-b301 4-1393788-7 9 6.75 27.75 6.75 70 1157 v23079-c1106-b301 5-1393788-1 12 9.00 37.00 9.00 70 2057 v23079-c1103-b301 4-1393788-8 24 18.00 74.00 18.00 70 8228 v23079-c1105-b301 5-1393788-0 smt long pins, non-latching, standard coil 3 2.25 6.50 0.30 140 64 v23079-d1008-b301 6-1393788-1 4.5 3.38 9.80 0.45 140 145 v23079-d1008-b301 6-1393788-2 5 3.75 10.90 0.50 140 178 v23079-d1008-b301 5-1393788-5 6 4.50 13.00 0.60 140 257 v23079-d1008-b301 5-1393788-6 9 6.75 19.60 0.90 140 578 v23079-d1008-b301 5-1393788-9 12 9.00 26.15 1.20 140 1029 v23079-d1008-b301 5-1393788-7 24 18.00 52.30 2.40 140 4114 v23079-d1008-b301 5-1393788-8 smt long pins, non-latching, overmolded coil 3 2.25 6.50 0.30 140 64 v23079-d2008-b301 4-1393789-7 4.5 3.38 9.80 0.45 140 145 v23079-d2011-b301 4-1393789-8 5 3.75 10.90 0.50 140 178 v23079-d2001-b301 4-1393789-3 6 4.50 13.00 0.60 140 257 v23079-d2002-b301 4-1393789-4 9 6.75 19.60 0.90 140 578 v23079-d2006-b301 4-1393789-6 12 9.00 26.15 1.20 140 1029 v23079-d2003-b301 4-1393789-5 further coil versions are available on reuest.
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations.  of 14 coil data (values at 23 c) ordering information nominal voltage u nom operate/set voltage range release/ reset voltage minimum coil power coil resistance relay code tyco part number minimum voltage u min maximum voltage u max vdc vdc vdc vdc mw ? smt long pins, latching, 2 standard coils 2 1.50 4.33 1.50 140 28 v23079-e1219-b301 1-1422007-0 2.4 1.80 5.20 1.80 140 41 v23079-e1218-b301 1422007-5 3 2.25 6.50 2.25 140 64 v23079-e1208-b301 7-1393788-1 4.5 3.38 9.80 3.38 140 145 v23079-e1211-b301 7-1393788-2 5 3.75 10.90 3.75 140 178 v23079-e1201-b301 6-1393788-8 6 4.50 13.00 4.50 140 257 v23079-e1202-b301 1393789-5 9 6.75 19.60 6.75 140 578 v23079-e1206-b301 1393789-9 12 9.00 26.15 9.00 140 1029 v23079-e1203-b301 6-1393788-9 24 18.00 52.30 18.00 140 4114 v23079-e1205-b301 7-1393788-0 smt long pins, latching, 2 overmolded coil 2 1.50 4.33 1.50 140 28 v23079-e2219-b301 1422007-6 2.4 1.80 5.20 1.80 140 41 v23079-e2218-b301 1422007-9 3 2.25 6.50 2.25 140 64 v23079-e2208-b301 1422007-8 5 3.75 10.90 3.75 140 178 v23079-e2201-b301 1422007-7 smt long pins, latching, 1 standard coil 3 2.25 9.20 2.25 70 128 v23079-f1108-b301 7-1393788-5 4.5 3.38 13.85 3.38 70 289 v23079-f1111-b301 1-1393788-4 5 3.75 15.33 3.75 70 357 v23079-f1101-b301 7-1393788-3 6 4.50 18.50 4.50 70 514 v23079-f1102-b301 1-1393789-0 9 6.75 27.75 6.75 70 1157 v23079-f1106-b301 1-1393789-2 12 9.00 37.00 9.00 70 2057 v23079-f1103-b301 7-1393788-9 24 18.00 74.00 18.00 70 8228 v23079-f1105-b301 1-1393789-1 smt short pins, non-latching, standard coil 3 2.25 6.50 0.30 140 64 v23079-g1008-b301 8-1393788-0 4.5 3.38 9.80 0.45 140 145 v23079-g1011-b301 1-1393789-7 5 3.75 10.90 0.50 140 178 v23079-g1001-b301 7-1393788-6 6 4.50 13.00 0.60 140 257 v23079-g1002-b301 1-1393789-5 9 6.75 19.60 0.90 140 578 v23079-g1006-b301 1-1393789-6 12 9.00 26.15 1.20 140 1029 v23079-g1003-b301 7-1393788-7 24 18.00 52.30 2.40 140 4114 v23079-g1005-b301 7-1393788-8 smt short pins, non-latching, overmolded coil 3 2.25 6.50 0.30 140 64 v23079-g208-b301 5-1393789-4 4.5 3.00 8.70 0.40 140 114 V23079-G2016-B301 1393790-5 5 3.38 9.80 0.45 140 145 v23079-g2011-b301 5-1393789-5 6 3.75 10.90 0.50 140 178 v23079-g2001-b301 4-1393789-9 9 4.50 13.00 0.60 140 257 v23079-g2002-b301 5-1393789-0 12 6.75 19.60 0.90 140 578 v23079-g2006-b301 5-1393789-3 24 9.00 26.15 1.20 140 1029 v23079-g2003-b301 5-1393789-1 smt long pins, latching, 2 standard coils 3 2.25 6.50 2.25 140 64 v23079-h1208-b301 2-1393789-4 4.5 3.38 9.80 3.38 140 145 v23079-h1211-b301 8-1393788-4 5 3.75 10.90 3.75 140 178 v23079-h1201-b301 2-1393789-0 6 4.50 13.00 4.50 140 257 v23079-h1202-b301 2-1393789-1 9 6.75 19.60 6.75 140 578 v23079-h1206-b301 2-1393789-3 12 9.00 26.15 9.00 140 1029 v23079-h1203-b301 8-1393788-3 24 18.00 52.30 18.00 140 4114 v23079-h1205-b301 2-1393789-2 smt long pins, latching, 1 standard coils 3 2.25 9.20 2.25 70 128 v23079-j1108-b301 2-1393789-9 4.5 3.38 13.85 3.38 70 289 v23079-j1111-b301 3-1393789-0 5 3.75 15.33 3.75 70 357 v23079-j1101-b301 2-1393789-5 6 4.50 18.50 4.50 70 514 v23079-j1102-b301 2-1393789-6 12 9.00 37.00 9.00 70 2057 v23079-j1103-b301 2-1393788-7 24 18.00 74.00 18.00 70 8228 v23079-j1105-b301 2-1393789-8 smt short pins, non-latching, 1 overmolded coil high dielectric 3 2.25 6.10 0.30 200 45 v23079-g2008-x079 1422006-5 5 3.75 10.10 0.50 200 125 v23079-g2001-x071 1422006-1 6 4.50 12.10 0.60 200 180 v23079-g2002-x072 1422006-2 9 6.75 18.20 0.90 200 405 v23079-g2006-x073 1422006-3 12 9.00 24.20 1.20 200 720 v23079-g2003-x074 1422006-4 further coil versions are available on reuest.
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations. 9 of 14 contact data number of contacts and type 2 changeover contacts contact assembly bifurcated contacts contact material silver nickel, gold-covered limiting continuous current at max. ambient temperature 2 maximum switching current maximum swichting voltage 22 vdc 2 vac maximum switching capacity w, 2. v thermoelectric potential 1 v minimum switching voltage 1 v initial contact resistance / measuring condition 1 m / 2 mv m ? electrical endurance at 12 v / 10 ma at 6 v / 100 ma at 60 v / 500 ma at 30 v / 1000 ma at 30 v / 2000 ma typ. 5 x 10 7 operations typ. 1 x 10 7 operations typ. 5 x 10 5 operations typ. 1 x 10 6 operations typ. 2 x 10 5 operations mechanical endurance typ. 10 8 operations u contact ratings 220 vdc / 0.24 a - 60 w 125 vdc / 0.24 a - 30 w 250 vac / 0.25 a - 62.5 va 125 vac / 0.5 a - 62.5 va 30 vdc / 2 a - 60 w max. dc load breaking capacity dc voltage [vdc] dc current [a] resistive load
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations. 10 of 14 insulation standard version high dielectric version insulation resistance at vdc 1 ? ? high frequency data capacitance between coil and contacts between adacent contact sets between open contacts max. 2 pf max. 1. pf max. 1 pf rf characteristics isolation at 1 mh / mh insertion loss at 1 mh / mh v.s.w.r. at 1 mh / mh - 3. db / - 2. db - .2 db / - .2 db 1. / 1. general data operate time at u nom typ. / max. 3 ms / ms reset time (latching) at u nom , typ. / max. 3 ms / ms release time without diode in parallel (non-latching), typ. / max. 2 ms / ms release time with diode in parallel (non-latching), typ. / max. ms / ms bounce time at closing contact, typ. / max. 1 ms / 3 ms maximum switching rate without load operations/s mbient temperature - c ... c thermal resistance 12 /w maximum permissible coil temperature 12 c vibration resistance (function) 3 g 1 to 1 h shock resistance, half sinus, 11 ms g (function) 1 g (damage) degree of protection / nvironmental protection immersion cleanable, ip / rt iii needle fame test application time 2 s, no burning 1s mounting position any processing information ultrasonic cleaning is not recommended weight (mass) max. 2. g terminal surface sncu . moisture sensitive level (dc -std-2b) - smd types msl 3 resistance to soldering heat 2 c / 1 s ll data refers to 23 c unless otherwise specifed.
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations. 11 of 14 soldering conditions according ec 00-2- and pceec -st-020 nfrared soldering temperaturetime profle ead and ousing pea temperature 240 c 180 c 130 c 100 c 20 - 40 sec full line: typical dotted line: process limits forced cooling time (s) temperature c time (s) nfrared soldering: temperature/time prole (ead and housing pea temperature) temperature c time (s) recommended soldering conditions recommended refow soldering profle resistance to soldering heat - refow profle temperature c vapor phase soldering: temperature/time prole (ead and housing pea temperature)
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations. 12 of 14 packing dimensions in mm tube for tht version relays per tube 2 relays per box tape and reel for smt version with long terminals relays per reel 2 relays per box reel dimension tape and reel for smt version with short terminals relays per reel 2 relays per box
axicom telecom-, signal and rf relays p2 v23079 relay 10-9002 re. all specifcations subject to change. consult tyco electronics for latest specifcations. 13 of 14 im relays th generation slim line low profle polaried 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 coil. nominal voltage range from 1. ... 2 v, coil power consumption of ... 2 mw, latching relays with 1 coil 1 mw. the im relay is availa - ble as through hole and surface mount type (-legs and gull wings) and capable to switch loads up to w/2, v. it is currently the only 2 rated g relay on the market. dielectric strength fulflls the telcordia requirements according gr 1 (2, kv 2 / 1 s) and fcc part (1, kv 1 / 1 s). the im relay is tested according ccc/ic and certifed in accordance with ic/n and ul . dimensions approx. 1 x mm board space and . mm height. p2 relays 3rd generation polaried 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 or 2 coils. nominal voltage range from 3 ... 2 v, coil power consumption 1 mw, lat - ching relays with 1 coil mw. the p2 relay is available as through hole or surface mount type and capable to switch currents up to . dielectric strength fulflls the telcordia requirements according gr 1 (2, kv 2 / 1 s) and fcc part (1, kv 1 / 1 s). the p2 relay is tested according ccc/ic and certifed in accordance with ic/n and ul . dimensions approx. 1 x , mm board space and 1 mm height. fx2 relays 3rd generation polaried 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 coil. nominal voltage range from 3 ... v, coil power consumption of ... 2 mw for the high sensitive version, 1... 3 mw for the standard version, latching relays with 1 coil 1 mw. the fx2 relay is available as through hole type and capable to switch loads up to w/2, v. dielectric strength fulflls the telcordia requirements according gr 1 (2, kv 2 / 1 s) and fcc part (1, kv 1 / 1 s). the fx2 relay is tested according ccc/ic and certifed in accordance with ic/n and ul . dimensions approx. 1 x , mm board space and 1, mm height. ft2 / fu2 relays 3rd generation non polaried, non latching 2 c/o telecom relay with bifurcated contacts. nominal voltage range from 3 ... v, coil power consumption 2 ... 3 mw. most sensitive v relay. vailable as through hole and surface mount type. dielectric strength fulflls the telcordia requirements according gr 1 (2, kv 2 / 1 s) and fcc part (1, kv 1 / 1 s). the ft2/fu2 relay is tested according ccc/ic and certifed in accordance with ic/n and ul . dimensions approx. 1 x , mm board space and 1 mm height. fp2 relays 3rd generation polaried 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 or 2 coils. nominal voltage range from 3 ... v, coil power consumption of ... 2 mw for the high sensitive version, 1... 3 mw for the standard version, latching relays with 1 coil 1 mw.. the fp2 relay is available as through hole type and capable to switch loads up to w/2, v. dielectric strength fulflls fcc part (1, kv 1 / 1 s). the fp2 is tested according ccc/ic approved. dimensions approx. 1 x mm board space and mm height. mt2 2nd generation non polaried, non latching 2 c/o telecom and si - gnal relay with bifurcated contacts. nominal voltage range from 3 ... v, coil power consumption 1/2/3/ and mw. dielectric strength fulflls the requirements according fcc part (1, kv 1 / 1 s). dimensions approx. 2 x 1 mm board space and 11 mm height. d2n relays 2nd generation non polaried 2 c/o relay for telecom and various other applications. nominal voltage range from 3 ... v, coil pow - er consumption from 1 .... mw. the d2n relay is capable to switch currents up to 3 . dielectric strength fulflls the requirements according fcc part (1, kv 1 / 1 s). dimensions approx. 2 x1 mm board space and 11 mm height. p1 relays xtremely sensitive, polaried 1 c/o relay with bifurcated contacts for a wide range of applications, available as non latching or latching relay with 1 or 2 coils. nominal voltage range from 3 ... 2 v, coil power consumption mw, latching relays with 1 coil 3 mw. the p1 relay is available as through hole or surface mount type and capable to switch currents up to 1 . dielectric strength fulflls the requirements according fcc part (1, kv 1 / 1 s). dimensions approx. 13 x , mm board space and mm height for tht or mm height for smt version. w11 relays low cost, non polaried 1 c/o relay for various applications. nominal voltage range from 3 ... 2 v, coil power consumption mw, sen - sitive versions 2 mw. the w11 relay is capable to switch currents up to 3 . dielectric strength 1 vrms. dimensions approx. 1, x 1, mm board space and 11, mm height. reed relays high sensitive, non polaried relay for telecom and various other applications, available with 1 n/o, 2 n/o or 1c/o contacts. nominal voltage range from ... 2 v, coil power consumption ...2 mw for 1 n/o and 12 ... 2 mw for 2 n/o or 1 c/o versions. reedrelays are available in dip or sil housing and capable to switch currents up to , . integrated diode and/or electrostatic shield optional. dielectric strength 1 vdc. dimensions approx. 1,3 x mm board space and ... , mm height for dip or 1, x mm board space and , mm height for sil version. cradle relays xtremely reliable and mature relay family of 1st generation for various signal switching applications. vailable as non polaried, polaried / latching and relay with c coil. the beneft is the possibility of combining various contact sets from 1 up to poles, single and bi - furcated contacts, different contact materials with a coil voltage range from 1, vdc to 22 vac. cradle relays are available as dust protected and hermetically sealed versions, with plug in or solder terminals and are capable to switch currents up to . forcibly guided (linked) contact sets optional. dielectric strength vrms. dimensions from approx. 1 x 2 to 1x3 mm board space and 3 mm height. other relays we offer a variety of different relay families for maintenance and replacement purposes. these relays are up to years old now, such as card relay sn (v233 / v2331 series), small general purpose relay (v23 series), small polaried relay (v233 ... v23 and v2313 ... v231 series). ccessories like sockets, hold down springs, etc. optional. hf3 relay high performance low cost rf relay with excellent rf characteristics. vailable with an impedance of and ohm. suitable for frequen - cies up to 3 gh. ctually smallest rf relay available combining small sie, excellent rf performance and smd solderability. vailable as non latching or latching relay with 1 or 2 coils and a nominal coil voltage range from 3 ... 2 v, coil power consumption 1 mw, latching relays with 1 coil mw. dimensions 1. x .3 x 1 mm.
tyco electronics logistics ag werk axicom au seestrasse 295 ch-8804 au-w?denswil / switzerland phone +41 44 782 91 11 fax +41 44 782 90 00 e-mail: axicom@tycoelectronics.com tyco electronics paulsternstrasse 26 d-13629 berlin / germany phone +49 30 386 38573 fax +49 30 386 38575 e-mail: axicom@tycoelectronics.com tyco electronics ec trutnov s.r.o. komenskho 821 cz-541 01 trutnov / czech republic e-mail: axicom@tycoelectronics.com tyco electronics corporation pob 3608, harrisburg, pa 17105, usa phone +1 800-522-6752


▲Up To Search▲   

 
Price & Availability of V23079-G2016-B301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X