Part Number Hot Search : 
91100 MPC83 1N5255B LL55C10 E43CA MCH6001 C5001 18VDC
Product Description
Full Text Search
 

To Download UT23014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal microelectronics co.,ltd. 3,27th rd.,taichung industrial park, tel:886 - 4 - 23590 096 fax:886 - 4 - 23590129 taichung,taiwan,r.o.c http://www.umec - web.com e - mail:business@umec.com.tw data sheet specifications rev. 1/1 um model no.: UT23014 dual t1/e1 transformers for infineon #falc ic applications b0 05/26 electrical specifications a t 25 0 c : 1. turns ratio : 1ct:2.4ct 2% @ 15.75khz 1vrms.pin(1 - 2 - 3):(16 - 15 - 14) 1ct:1ct2% @15.75khz 1vrms.pin(6-7-8):(11 -10-9) 2. pri. inductance : 1.5mh typ. @ 100khz 20mvrms. 3. interwinding capacitance : 35pf max. @ 100khz 1vrms. 4. pri. leakage inductance : 0.5uh max. @ 100khz 1vrms. 5. pri. d cr : 0.8 w max. 6. hi - pot : 1500vrms/2sec. leakage cu rrent 0.5ma max. pri. t o sec. 7. crosstalk : - 65db typ. @ 0.5~5mhz 8. pri. pins : 1 - 3 , 6 - 8 9. operating temperature : - 40 0 c to +85 0 c dimensions & schematics: coplanarity:0.1mm tolerance: 0.25mm note : 1 . packaging informati on : a.) non - rohs : tape and reel according to item no.? so16 ? of data sheet 01 - 0 0 b.) rohs compliant: tape and reel according to item no.? so16a ? of data sheet 01 - 00 2. f or rohs compliant products : a.) t he umec ordering code: tg - ut 23014 b.) dat e code suffix to ?g? for green product(xxxxg). c.) solder : sn/ag/cu . 3 . specifications are subject to change without prior notice. e10 - 007 - c 16 15 14 11 10 9 1 2 3 7 8 6 line side chip side line side chip side ( tx ) ( rx) suggested pad layout rohs compliant: 1.27 8.89 7.37 0.46 12.9max 8.64 0.46 1.27 8.89 5.2max 1.0 9.20 ref. 1.8 10.16 6 8 umec UT23014 xxxx non-rohs: suggested pad layout date code pb green product www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of UT23014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X