Part Number Hot Search : 
PM7341 2042A ADP5042 SM5Z6V0 1N4254 C3030 MIC52 HN1A02F
Product Description
Full Text Search
 

To Download ULC0402FC05C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05152.r11 10/12 page 1 05152 ulc0402fc3.3c - ulc0402fc36c 200w low capacitance un b u m pe d flip c h ip t vs arra y de s cription the ulc0402fcxxc series flip chips employ advanced silicon p/n juncton technology for unmatched board-level transient voltage protecton against electrostatc discharge (esd) and electrical fast transients (eft). developed specifcally for high-density circuit protecton, this series meets the iec 61000-4-2 and 61000-4-4 requirements. these devices are ideally suited for handheld devices, pcmcia and smart cards. this low capacitance series provides esd protecton greater than 25 kilovolts with a peak pulse power dissipaton of 200 wats per line for an 8/20s waveform. in additon, the ulc0402fcxxc series features superior clamping performance, low leakage current characteristcs and a response tme of less than a nanosecond. their low inductance virtually eliminates overshoot voltage due to package inductance. f eature s ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? esd protecton > 25 kilovolts ? available in voltages ranging from 3.3v to 36v ? 200 wats peak pulse power per line (tp = 8/20s) ? bidirectonal and monolithic structure ? low clamping voltage ? low capacitance ? protecton for 1 line ? rohs compliant ? reach compliant mec h anical c h aracteri s tic s ? standard eia chip size: 0402 ? approximate weight: 0.73 milligrams ? lead-free platng ? flammability ratng ul 94v-0 ? 8mm plastc tape per eia standard 481 application s ? smart phones ? portable electronics ? smart cards pin configuration
only one name means protektion? www.protekdevices.com 05152.r11 10/12 page 2 05152 ulc0402fc3.3c - ulc0402fc36c t y pical d e v ice c h aracteri s tic s m axi m u m rating s @ 25c unless otherwise specifed para m eter symb ol v alue unit s peak pulse power (tp = 8/20s) - see figure 1 p pp 200 wats operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c electrical c h aracteri s tic s per line @ 25c unless otherwise specifed part nu mb er (note 1) rate d s tan d -off v oltage v w m v olt s m ini m u m b reak d own v oltage @ 1 m a v ( b r) v olt s m axi m u m cla m ping v oltage (fig. 2) @ i p = 1a v c v olt s m axi m u m cla m ping v oltage (fig. 2) @ 8/20 s v c @ i pp m axi m u m leakage current (note 2) @ v w m i d a t y pical capacitance @0 v , 1 mh z c p f ulc0402fc3.3c 3.3 4.0 7.0 12.5v @ 16a 75* 70 ULC0402FC05C 5.9 6.0 11.0 13.0v @ 15a 10** 35 ulc0402fc08c 8.0 8.5 13.2 18.0v @ 11a 1 32 ulc0402fc12c 12.0 13.3 19.8 26.9v @ 7.4a 1 30 ulc0402fc15c 15.0 16.7 25.4 34.5v @ 5.8a 1 25 ulc0402fc24c 24.0 26.7 37.2 50.6v @ 4a 1 20 ulc0402fc36c 36.0 40.0 70.0 80.0v @ 2.5a 1 18 note s 1. all devices are bidirectonal. electrical characteristcs apply in both directons. 2. *maximum leakage current < 5a @ 2.8v. **maximum leakage current < 500na @ 3.3v.
only one name means protektion? www.protekdevices.com 05152.r11 10/12 page 3 05152 ulc0402fc3.3c - ulc0402fc36c t y pical d e v ice c h aracteri s tic s figure 1 peak pul s e power vs pul s e ti m e t d - pulse d uraton - s 200w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000 peak pulse power 8/20s average power figure 3 power d erating cur v e t a - ambient temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) figure 2 pul s e wa v e for m t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05152.r11 10/12 page 4 05152 ulc0402fc3.3c - ulc0402fc36c t y pical d e v ice c h aracteri s tic s figure 4 o v er sh oot & cla m ping v oltage for ulc0402 fc 05 c e sd test pulse - 25 kilovolt, 1/30ns (waveshape) 5 v olts per division -5 5 15 25 35 figure 5 t y pical cla m ping v oltage vs peak pul s e current ulc0402 fc 05 c i pp - peak pulse current - amps 0 5 10 15 20 0 4 8 12 v c - clamping v oltage - v olts
only one name means protektion? www.protekdevices.com 05152.r11 10/12 page 5 05152 ulc0402fc3.3c - ulc0402fc36c s ol d er reflow infor m ation printe d circuit b oar d reco mm en d ation s para m eter v alue pad size on pcb 0.275mm pad shape round pad defniton non-solder mask defned pads solder mask opening 0.325mm round solder stencil thickness 0.150mm solder stencil aperture opening (laser cut, 5% tapered walls) 0.330mm round solder paste type no clean pad protectve finish osp (entek cu plus 106a) tolerance - edge to corner ball 50m solder ball side coplanarity (only applies to bumped devices) 20m maximum dwell time above liquidous (183c) 60 seconds soldering maximum temperature 270c t p 30-60 seconds ramp-up 15 seconds (m inimize) s older-time 15-20 seconds ramp-d own ramp-d own solder melt (m aximum temp) m aximum s older refow (35-53c above m aximum solder m elt temp) ramp-up preheat (s tay b elow flux actvaton temp) temperature - c reco mm en d e d non -s ol d er m a s k d efine d pa d illu s tration non-solder mask d efned pad 0.275mm d ia. solder mask opening 0.325mm d ia. solder s tencil opening 0.330mm d ia. r e q uire m ent s temperature: t p for lead-free (sn/ag/cu): 260-270c preheat tme and temperature depends on solder paste and fux actva - ton temperature, component size, weight, surface area and platng.
only one name means protektion? www.protekdevices.com 05152.r11 10/12 page 6 05152 ulc0402fc3.3c - ulc0402fc36c u0402 package infor m ation c b a d h f e g die contacts solder p ad die solder print diameter 0.010 - 0.012 t op a b c d e f metalized die contacts end i side i outline d i m en s ion s d i m m illi m eter s inc h e s m in m ax m in m ax a 0.61 0.024 b 0.86 0.034 c 0.98 1.02 0.038 0.040 d 0.10 0.004 e 0.35 0.014 f 0.458 0.508 0.018 0.020 i 0.406 0.016 n ote s 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). 3. maximum chip size: 1.02mm (0.040) by 0.51mm (0.020). la y out d i m en s ion s d i m m illi m eter s inc h e s no m inal no m inal a 0.23 0.009 b 0.48 0.019 c 0.69 0.027 d 0.46 0.018 e 0.99 0.039 f 0.20 0.008 g 0.20 0.008 h 0.66 0.026 i 0.13 0.005 n ote s 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002).
only one name means protektion? www.protekdevices.com 05152.r11 10/12 page 7 05152 ulc0402fc3.3c - ulc0402fc36c tape an d reel infor m ation 10 pitches cumulatve tolerance on tape 0.2 w f b0 e p2 p0 d p a0 k0 t user directon of feed top cover tape s pecification s r eel dia . t ape w i d t h a0 b 0 k0 d e f w p0 p2 p t max 178(7) 8 0.70 0.05 1.15 0.10 0.56 0.05 1.55 0.05 1.75 0.10 3.50 0.05 8.00 0.20 4.00 0.05 2.00 0.05 2.00 0.05 0.25 n ote s 1. dimensions in millimeters. 2. top view of tape. metal contacts are face down in tape package. 3. orientaton: preferred stencil - 0.1mm (0.004). 4. surface mount product is taped and reeled in accordance with eia 481. 5. 8mm plastc tape: 7 reels - 5,000 (pocket under hole skipped) pieces per reel. 6. marking on reel - part number, date code and lot number. tape & reel orientation single die - 0402 package outline, pad layout and tape specifcatons per document number 06020.r6 8/12. or d ering infor m ation b a s e part nu mb er ( xx = v oltage ) lea d free s uffix tape s uffix q t y /reel reel s ize tu b e q t y ulc0402fcxxc -lf -t75-1 5,000 7 n/a this device is only available in a lead-free confguraton.
only one name means protektion? www.protekdevices.com 05152.r11 10/12 page 8 05152 ulc0402fc3.3c - ulc0402fc36c co m pan y infor m ation copyright ? protek devices 2000 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. patent information: this device is patented under u.s. patent no. des. d456,367s. co m pany profile in business more than 20 years, protek devices? is a privately-held company located in tempe, arizona, that ofers a product line of tran - sient voltage suppressors (tvs); avalanche breakdown diodes; steering diode tvs arrays and other surge suppressor component products. these tvs devices protect electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulses (nemp), inductve switching and emi / rfi. protek devices also ofers high performance interface and linear products that include analog switches; multplexers; led drivers; audio control ics; rf and related high frequency products. the analog devices work in a host of con - sumer; industrial; automotve and other applicatons. contact u s corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa b y telephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 b y fax general: 602-431-2288 b y e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com protek d evices (asia pacifc) pte. ltd. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 web www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of ULC0402FC05C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X