Part Number Hot Search : 
217040 SOT15 110A2 AB115 M8544 M8544 MSK645B 1509D
Product Description
Full Text Search
 

To Download SR1S14BM474XG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ceramic transient voltage suppressors leaded transient voltage/rfi suppressors (shcvs) series/type: date: august 2011 ? epcos ag 2011. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited.
epcos type designation system for leaded transient voltage / rfi suppressors sr 1 s 14 b m 474 x g sr  leaded, shcv series eia case sizes of used chips: 6  12 x 06 / 3.2 x 1.6 mm 1  18 x 12 / 4.5 x 3.2 mm 2  22 x 20 / 5.7 x 5.0 mm varistor voltage tolerance: k  10% s  special tolerance maximum rms operating voltage (v rms ): 14  14 v special varistor voltage tolerance: b  special tolerance capacitance tolerance: m  20% capacitance value: 474  47  10 4 pf  0.47 f capacitor ceramic: x  x7r taping mode: g  taped version   bulk leaded transient voltage/rfi suppressors (shcvs) shcv series page 2 of 29 please read cautions and warnings and important notes at the end of this document.
features rfi noise suppression and transient overvoltage protection integrated in a single component reliable protection against automotive transients such as load dump and jump start (for sr1 and sr2 types) high capacitance (up to 4.7 f) low clamping voltage rohs-compatible suitable for lead-free soldering pspice simulation models available applications rfi noise suppression and transient overvoltage protection on dc lines of small motors, windscreen wipers, window lifters, mirrors, central locking, memory seat, sunroof design combination of multilayer rf filter capacitor and multilayer varistor coating: flame-retardant to ul 94 v0, epoxy resin terminals: tinned iron wire, rohs-compatible v/i characteristics and derating curves v/i and derating curves are attached to the data sheet. the curves are sorted by v rms and then by case size, which is included in the type designation. general technical data maximum rms operating voltage v rms,max 14 ... 35 v maximum dc operating voltage v dc,max 16 ... 45 v maximum surge current (8/20 s) i surge,max 100 ... 1200 a maximum load dump energy (10 pulses) w ld 1.5 ... 12 j maximum jump start voltage (5 min) v jump 24.5 ... 26 v maximum clamping voltage (8/20 s) v clamp,max 38 ... 90 v nominal capacitance (1 khz, 0.5 v) c nom 220 ... 4700 nf insulation resistance r ins 3 10 m w response time t resp < 25 ns operating temperature t op  55/+125 c storage temperature lct/uct  55/+150 c leaded transient voltage/rfi suppressors (shcvs) shcv series page 3 of 29 please read cautions and warnings and important notes at the end of this document.
temperature derating climatic category:  55/+125 c leaded transient voltage/rfi suppressors (shcvs) shcv series page 4 of 29 please read cautions and warnings and important notes at the end of this document.
electrical specifications and ordering codes maximum ratings (t op,max = 125 c) type ordering code v rms,max v v dc,max v i surge,max (8/20 s) a w max (2 ms) mj w ld (10 pulses) j p diss,max mw sr1s14bm105x b72587g3140s200 14 16 800 2400 6 15 sr1s14bm155x b72587h3140s200 14 16 800 2400 6 15 sr1s14bm474x b72587e3140s200 14 16 800 2400 6 15 sr2s14bm155x b72547h3140s200 14 16 1200 5800 12 30 sr2s14bm474x b72547e3140s200 14 16 1200 5800 12 30 sr2s14bm475x b72547l3140s200 14 16 1200 5800 12 30 sr6k14m224x b72527c3140k000 14 18 200 500 1.5 8 sr1k20m105x b72587g3200k000 20 26 800 3000 6 15 sr1k20m155x b72587h3200k000 20 26 800 3000 6 15 sr1k20m225x b72587j3200k000 20 26 800 3000 6 15 sr1k20m474x b72587e3200k000 20 26 800 3000 6 15 sr2k20m105x b72547g3200k000 20 26 1200 7800 12 30 sr2k20m474x b72547e3200k000 20 26 1200 7800 12 30 sr6k20m105x b72527g3200k000 20 26 200 700 1.5 8 sr6k35m105x b72527g3350k000 35 45 100 400 1.5 8 sr6k35m474x b72527e3350k000 35 45 100 400 1.5 8 characteristics (t a = 25 c) type v v (1 ma) v d v v % v jump (5 min) v v clamp,max v i clamp (8/20 s) a c nom (1 khz, 0.5 v) nf d c nom % sr1s14bm105x 22 +23/  0 24.5 40 5 1000 20 sr1s14bm155x 22 +23/  0 24.5 40 5 1500 20 sr1s14bm474x 22 +23/  0 24.5 40 5 470 20 sr2s14bm155x 22 +23/  0 24.5 40 10 1500 20 sr2s14bm474x 22 +23/  0 24.5 40 10 470 20 sr2s14bm475x 22 +23/  0 24.5 40 10 4700 20 sr6k14m224x 22 10 - 38 1 220 20 sr1k20m105x 33 10 26 58 5 1000 20 sr1k20m155x 33 10 26 58 5 1500 20 sr1k20m225x 33 10 26 58 5 2200 20 sr1k20m474x 33 10 26 58 5 470 20 sr2k20m105x 33 10 26 58 10 1000 20 sr2k20m474x 33 10 26 58 10 470 20 sr6k20m105x 33 10 - 54 1 1000 20 sr6k35m105x 56 10 - 90 1 1000 20 sr6k35m474x 56 10 - 90 1 470 20 leaded transient voltage/rfi suppressors (shcvs) shcv series page 5 of 29 please read cautions and warnings and important notes at the end of this document.
dimensional drawing dimensions in mm type shcv w max h max s max sr1 ... 474x 7.3 7.8 3.7 sr1 ... 105x 7.3 7.8 3.7 sr1 ... 155x 7.3 7.8 3.7 sr1 ... 225x 7.3 7.8 4.1 sr2 ... 474x 7.8 9.0 3.6 sr2 ... 105x 7.8 9.0 4.1 sr2 ... 155x 7.8 9.0 4.1 sr2 ... 475x 7.8 9.0 4.1 sr6 ... 6.0 7.5 4.5 delivery mode designation taping mode ordering code, last two digits - bulk b725********* 00 g taped on reel b725********* 51 ga taped in ammo pack b725********* 54 m14 lead length 14 mm b725********* 33 standard delivery mode for shcv types is bulk. taped versions on reel, ammo pack and special lead length available upon request. for further information on taping please contact epcos. packing units for: type pieces sr6 2000 sr1 / sr2 1000 leaded transient voltage/rfi suppressors (shcvs) shcv series page 6 of 29 please read cautions and warnings and important notes at the end of this document.
typical characteristics capacitance change d c/c 25 versus temperature t note: the capacitance and the dissipation factor shall meet the specified values 1000 hours after the last heat treatment above the curie temperature. leaded transient voltage/rfi suppressors (shcvs) shcv series page 7 of 29 please read cautions and warnings and important notes at the end of this document.
v/i characteristics sr1s14b* sr2s14b* leaded transient voltage/rfi suppressors (shcvs) shcv series page 8 of 29 please read cautions and warnings and important notes at the end of this document.
v/i characteristics sr6k14* sr1k20* leaded transient voltage/rfi suppressors (shcvs) shcv series page 9 of 29 please read cautions and warnings and important notes at the end of this document.
v/i characteristics sr2k20* sr6k20* leaded transient voltage/rfi suppressors (shcvs) shcv series page 10 of 29 please read cautions and warnings and important notes at the end of this document.
v/i characteristics sr6k35* leaded transient voltage/rfi suppressors (shcvs) shcv series page 11 of 29 please read cautions and warnings and important notes at the end of this document.
derating curves maximum surge current i surge,max = f (t r , pulse train) for explanation of the derating curves refer to "general technical information", chapter 2.7.2 shcv-sr1 ... shcv-sr2 ... leaded transient voltage/rfi suppressors (shcvs) shcv series page 12 of 29 please read cautions and warnings and important notes at the end of this document.
derating curves maximum surge current i surge,max = f (t r , pulse train) for explanation of the derating curves refer to "general technical information", chapter 2.7.2 sr6k14 , sr6k20 sr6k35 ... leaded transient voltage/rfi suppressors (shcvs) shcv series page 13 of 29 please read cautions and warnings and important notes at the end of this document.
soldering directions 1 terminations 1.1 nickel barrier termination the nickel barrier layer of the silver/nickel/tin termination prevents leaching of the silver base met- allization layer. this allows great flexibility in the selection of soldering parameters. the tin pre- vents the nickel layer from oxidizing and thus ensures better wetting by the solder. the nickel bar- rier termination is suitable for all commonly-used soldering methods. multilayer ctvs: structure of nickel barrier termination 1.2 silver-palladium termination silver-palladium terminations are used for the large case sizes 1812 and 2220 and for chips in- tended for conductive adhesion. this metallization improves the resistance of large chips to ther- mal shock. in case of conductive adhesion, the silver-palladium metallization reduces susceptibility to corro- sion. silver-palladium termination can be used for smaller case sizes (only chip) for hybrid appli- cations as well. the silver-palladium termination is not approved for lead-free soldering. multilayer varistor: structure of silver-palladium termination leaded transient voltage/rfi suppressors (shcvs) shcv series page 14 of 29 please read cautions and warnings and important notes at the end of this document.
1.3 silver-platinum termination silver-platinum terminations are mainly used for the large case sizes 1812 and 2220. the silver- platinum termination is approved for reflow soldering, snpb soldering and lead-free soldering with a silver containing solder paste. in case of snpb soldering, a solder paste sn62pb36ag2 is rec- ommended. for lead-free reflow soldering, a solder paste sac, e.g. sn95.5ag3.8cu0.7, is rec- ommended. multilayer varistor: structure of silver-platinum termination 2 recommended soldering temperature profiles 2.1 reflow soldering temperature profile recommended temperature characteristic for reflow soldering following jedec j-std-020d leaded transient voltage/rfi suppressors (shcvs) shcv series page 15 of 29 please read cautions and warnings and important notes at the end of this document.
profile feature sn-pb eutectic assembly pb-free assembly preheat and soak - temperature min t smin 100 c 150 c - temperature max t smax 150 c 200 c - time t smin to t smax 60 ... 120 s 60 ... 180 s average ramp-up rate t smax to t p 3 c/ s max. 3 c/ s max. liquidous temperature t l 183 c 217 c time at liquidous t l 60 ... 150 s 60 ... 150 s peak package body temperature t p 1) 220 c ... 235 c 2) 245 c ... 260 c 2) time (t p ) 3) within 5 c of specified classification temperature (t c ) 20 s 3) 30 s 3) average ramp-down rate t p to t smax 6 c/ s max. 6 c/ s max. time 25 c to peak temperature maximum 6 min maximum 8 min 1) tolerance for peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. 2) depending on package thickness. for details please refer to jedec j-std-020d. 3) tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. note: all temperatures refer to topside of the package, measured on the package body surface. number of reflow cycles: 3 2.2 wave soldering temperature profile temperature characteristics at component terminal with dual-wave soldering leaded transient voltage/rfi suppressors (shcvs) shcv series page 16 of 29 please read cautions and warnings and important notes at the end of this document.
2.3 lead-free soldering processes epcos multilayer ctvs with agnisn termination are designed for the requirements of lead-free soldering processes only. soldering temperature profiles to jedec j-std-020d, iec 60068-2-58 and zvei recommenda- tions. 3 recommended soldering methods - type-specific releases by epcos 3.1 overview reflow soldering wave soldering type case size snpb lead-free snpb lead-free ct... / cd... 0201/ 0402 approved approved no no ct... / cd... 0603 ... 2220 approved approved approved approved cn... 0603 ... 2220 approved no approved no cn...k2 1812, 2220 approved approved no no arrays 0405 ... 1012 approved approved no no esd/emi filters 0405, 0508 approved approved no no cu 3225, 4032 approved approved approved approved shcv - no no approved approved 3.2 nickel barrier and agpt terminated multilayer ctvs all epcos mlvs with nickel barrier and agpt termination are suitable and fully qualiyfied for lead- free soldering. the nickel barrier layer is 100% matte tin-plated. 3.3 silver-palladium terminated mlvs agpd-terminated mlvs are mainly designed for conductive adhesion technology on hybrid materi- al. additionally mlvs with agpd termination are suitable for reflow and wave soldering with snpb solder. note: lead-free soldering is not approved for mlvs with agpd termination. 3.4 silver-platinum terminated mlvs the silver-platinum termination is approved for reflow soldering, snpb soldering and lead-free with a silver containing solder paste. in case of snpb soldering, a solder paste sn62pb36ag2 is recommended. for lead-free reflow soldering, a solder paste sac, e.g. sn95.5ag3.8cu0.7, is recommended. leaded transient voltage/rfi suppressors (shcvs) shcv series page 17 of 29 please read cautions and warnings and important notes at the end of this document.
3.5 tinned copper alloy all epcos cu types with tinned termination are approved for lead-free and snpb soldering. 3.6 tinned iron wire all epcos shcv types with tinned termination are approved for lead-free and snpb soldering. 4 solder joint profiles / solder quantity 4.1 nickel barrier termination if the meniscus height is too low, that means the solder quantity is too low, the solder joint may break, i.e. the component becomes detached from the joint. this problem is sometimes interpret- ed as leaching of the external terminations. if the solder meniscus is too high, i.e. the solder quantity is too large, the vise effect may occur. as the solder cools down, the solder contracts in the direction of the component. if there is too much solder on the component, it has no leeway to evade the stress and may break, as in a vise. the figures below show good and poor solder joints for dual-wave and infrared soldering. 4.1.1 solder joint profiles for nickel barrier termination - dual-wave soldering good and poor solder joints caused by amount of solder in dual-wave soldering. 4.1.2 solder joint profiles for nickel barrier termination / silver-palladium / silver-platinum termination - reflow soldering leaded transient voltage/rfi suppressors (shcvs) shcv series page 18 of 29 please read cautions and warnings and important notes at the end of this document.
good and poor solder joints caused by amount of solder in reflow soldering. 5 conductive adhesion attaching surface-mounted devices (smds) with electrically conductive adhesives is a commer- cially attractive method of component connection to supplement or even replace conventional sol- dering methods. electrically conductive adhesives consist of a non-conductive plastic (epoxy resin, polyimide or silicon) in which electrically conductive metal particles (gold, silver, palladium, nickel, etc) are em- bedded. electrical conduction is effected by contact between the metal particles. adhesion is particularly suitable for meeting the demands of hybrid technology. the adhesives can be deposited ready for production requirements by screen printing, stamping or by dis- pensers. as shown in the following table, conductive adhesion involves two work operations fewer than soldering. reflow soldering wave soldering conductive adhesion screen-print solder paste apply glue dot screen-print conductive adhesive mount smd mount smd mount smd predry solder paste cure glue cure adhesive reflow soldering wave soldering inspect wash wash inspect inspect leaded transient voltage/rfi suppressors (shcvs) shcv series page 19 of 29 please read cautions and warnings and important notes at the end of this document.
a further advantage of adhesion is that the components are subjected to virtually no temperature shock at all. the curing temperatures of the adhesives are between 120 c and 180 c, typical curing times are between 30 minutes and one hour. the bending strength of glued chips is, in comparison with that of soldered chips, higher by a fac- tor of at least 2, as is to be expected due to the elasticity of the glued joints. the lower conductivity of conductive adhesive may lead to higher contact resistance and thus re- sult in electrical data different to those of soldered components. users must pay special attention to this in rf applications. 6 solderability tests test standard test conditions sn-pb soldering test conditions pb-free soldering criteria/ test results wettability iec 60068-2-58 immersion in 60/40 snpb solder using non-activated flux at 215 3 c for 3 0.3 s immersion in sn96.5ag3.0cu0.5 solder using non- or low activated flux at 245 5 c for 3 0.3 s covering of 95% of end termination, checked by visual inspection leaching resistance iec 60068-2-58 immersion in 60/40 snpb solder using mildly activated flux without preheating at 260 5 c for 10 1 s immersion in sn96.5ag3.0cu0.5 solder using non- or low activated flux without preheating at 255 5 c for 10 1 s no leaching of contacts thermal shock (solder shock) dip soldering at 300 c/5 s dip soldering at 300 c/5 s no deterioration of electrical parameters. capacitance change: 15% tests of resistance to soldering heat for smds iec 60068-2-58 immersion in 60/40 snpb for 10 s at 260 c immersion in sn96.5ag3.0cu0.5 for 10 s at 260 c change of varistor voltage: 5% tests of resistance to soldering heat for radial leaded components (shcv) iec 60068-2-20 immersion of leads in 60/40 snpb for 10 s at 260 c immersion of leads in sn96.5ag3.0cu0.5 for 10 s at 260 c change of varistor voltage: 5% change of capacitance x7r:  5/+10% leaded transient voltage/rfi suppressors (shcvs) shcv series page 20 of 29 please read cautions and warnings and important notes at the end of this document.
note: leaching of the termination effective area at the termination might be lost if the soldering temperature and/or immersion time are not kept within the recommended conditions. leaching of the outer electrode should not ex- ceed 25% of the chip end area (full length of the edge a-b-c-d) and 25% of the length a-b, shown below as mounted on substrate. as a single chip as mounted on substrate 7 notes for proper soldering 7.1 preheating and cooling according to jedec j-std-020d. please refer to chapter 2. 7.2 repair / rework manual soldering with a soldering iron must be avoided, hot-air methods are recommended for rework purposes. 7.3 cleaning all environmentally compatible agents are suitable for cleaning. select the appropriate cleaning solution according to the type of flux used. the temperature difference between the components and cleaning liquid must not be greater than 100 c. ultrasonic cleaning should be carried out with the utmost caution. too high ultrasonic power can impair the adhesive strength of the metal- lized surfaces. 7.4 solder paste printing (reflow soldering) an excessive application of solder paste results in too high a solder fillet, thus making the chip more susceptible to mechanical and thermal stress. too little solder paste reduces the adhesive strength on the outer electrodes and thus weakens the bonding to the pcb. the solder should be applied smoothly to the end surface. leaded transient voltage/rfi suppressors (shcvs) shcv series page 21 of 29 please read cautions and warnings and important notes at the end of this document.
7.5 adhesive application thin or insufficient adhesive causes chips to loosen or become disconnected during curing. low viscosity of the adhesive causes chips to slip after mounting. it is advised to consult the manufacturer of the adhesive on proper usage and amounts of adhesive to use. 7.6 selection of flux used flux should have less than or equal to 0.1 wt % of halogenated content, since flux residue after soldering could lead to corrosion of the termination and/or increased leakage current on the surface of the component. strong acidic flux must not be used. the amount of flux applied should be carefully controlled, since an excess may generate flux gas, which in turn is detrimental to sol- derability. 7.7 storage of ctvss solderability is guaranteed for one year from date of delivery for multilayer varistors, ceradiodes and esd/emi filters (half a year for chips with agpd and agpt terminations) and two years for shcv and cu components, provided that components are stored in their original packages. storage temperature:  25 c to +45 c relative humidity: 75% annual average, 95% on 30 days a year the solderability of the external electrodes may deteriorate if smds and leaded components are stored where they are exposed to high humidity, dust or harmful gas (hydrogen chloride, sulfurous acid gas or hydrogen sulfide). do not store smds and leaded components where they are exposed to heat or direct sunlight. otherwise the packing material may be deformed or smds/ leaded components may stick togeth- er, causing problems during mounting. after opening the factory seals, such as polyvinyl-sealed packages, it is recommended to use the smds or leaded components as soon as possible. 7.8 placement of components on circuit board especially in the case of dual-wave soldering, it is of advantage to place the components on the board before soldering in that way that their two terminals do not enter the solder bath at different times. ideally, both terminals should be wetted simultaneously. 7.9 soldering cautions an excessively long soldering time or high soldering temperature results in leaching of the outer electrodes, causing poor adhesion and a change of electrical properties of the varistor due to the loss of contact between electrodes and termination. wave soldering must not be applied for mlvs designated for reflow soldering only. keep the recommended down-cooling rate. leaded transient voltage/rfi suppressors (shcvs) shcv series page 22 of 29 please read cautions and warnings and important notes at the end of this document.
7.10 standards cecc 00802 iec 60068-2-58 iec 60068-2-20 jedec j-std-020d leaded transient voltage/rfi suppressors (shcvs) shcv series page 23 of 29 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol term c line,typ typical capacitance per line c max maximum capacitance c min minimum capacitance c nom nominal capacitance d c nom tolerance of nominal capacitance c typ typical capacitance f cut-off,min minimum cut-off frequency i current i clamp clamping current i leak leakage current i leak,typ typical leakage current i pp peak pulse current i surge,max maximum surge current (also termed peak current) lct lower category temperature l typ typical inductance p diss,max maximum power dissipation p pp peak pulse power r ins insulation resistance r min minimum resistance r s resistance per line t a ambient temperature t op operating temperature t stg storage temperature t r duration of equivalent rectangular wave t resp response time uct upper category temperature v voltage v br,min minimum breakdown voltage v clamp,max maximum clamping voltage v dc,max maximum dc operating voltage (also termed working voltage) v esd,air air discharge esd capability v esd,contact contact discharge esd capability v jump maximum jump start voltage leaded transient voltage/rfi suppressors (shcvs) shcv series page 24 of 29 please read cautions and warnings and important notes at the end of this document.
v rms,max maximum ac operating voltage, root-mean-square value v v varistor voltage (also termed breakdown voltage) v v,min minimum varistor voltage v v,max maximum varistor voltage d v v tolerance of varistor voltage w ld maximum load dump w max maximum energy absorption (also termed transient energy) a typ typical insertion loss lead spacing  *  maximum possible application conditions all dimensions are given in mm. the commas used in numerical values denote decimal points. leaded transient voltage/rfi suppressors (shcvs) shcv series page 25 of 29 please read cautions and warnings and important notes at the end of this document.
cautions and warnings general some parts of this publication contain statements about the suitability of our ceramic transient voltage suppressor (ctvs) components (multilayer varistors (mlvs), ceradiodes, esd/emi filters, smd disk varistors (cu types), leaded transient voltage/ rfi suppressors (shcv types)) for certain areas of application, including recommendations about incorporation/design-in of these products into customer applications. the statements are based on our knowledge of typical requirements often made of our ctvs devices in the particular areas. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our ctvs components for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always incumbent on the customer to check and decide whether the ctvs devices with the properties described in the product specification are suitable for use in a particular customer application. do not use epcos ctvs components for purposes not identified in our specifications, application notes and data books. ensure the suitability of a ctvs in particular by testing it for reliability during design-in. always evaluate a ctvs component under worst-case conditions. pay special attention to the reliability of ctvs devices intended for use in safety-critical applications (e.g. medical equipment, automotive, spacecraft, nuclear power plant). design notes always connect a ctvs in parallel with the electronic circuit to be protected. consider maximum rated power dissipation if a ctvs has insufficient time to cool down between a number of pulses occurring within a specified isolated time period. ensure that electrical characteristics do not degrade. consider derating at higher operating temperatures. choose the highest voltage class compatible with derating at higher temperatures. surge currents beyond specified values will puncture a ctvs. in extreme cases a ctvs will burst. if steep surge current edges are to be expected, make sure your design is as low-inductance as possible. in some cases the malfunctioning of passive electronic components or failure before the end of their service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in applications requiring a very high level of operational safety and especially when the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention, life-saving systems, or automotive battery line applications such as clamp 30), ensure by suitable design of the application or other measures (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of such a malfunction or failure. only use ctvs components from the automotive series in safety-relevant applications. leaded transient voltage/rfi suppressors (shcvs) shcv series page 26 of 29 please read cautions and warnings and important notes at the end of this document.
specified values only apply to ctvs components that have not been subject to prior electrical, mechanical or thermal damage. the use of ctvs devices in line-to-ground applications is therefore not advisable, and it is only allowed together with safety countermeasures like thermal fuses. storage only store ctvs in their original packaging. do not open the package before storage. storage conditions in original packaging: temperature  25 to +45 c, relative humidity 75% annual average, maximum 95%, dew precipitation is inadmissible. do not store ctvs devices where they are exposed to heat or direct sunlight. otherwise the packaging material may be deformed or ctvs may stick together, causing problems during mounting. avoid contamination of the ctvs surface during storage, handling and processing. avoid storing ctvs devices in harmful environments where they are exposed to corrosive gases for example (so x , cl). use ctvs as soon as possible after opening factory seals such as polyvinyl-sealed packages. solder ctvs components after shipment from epcos within the time specified:  ctvs with ni barrier termination, 12 months  ctvs with agpd and agpt termination, 6 months  shcv and cu series, 24 months handling do not drop ctvs components and allow them to be chipped. do not touch ctvs with your bare hands - gloves are recommended. avoid contamination of the ctvs surface during handling. mounting when ctvs devices are encapsulated with sealing material or overmolded with plastic material, electrical characteristics might be degraded and the life time reduced. make sure an electrode is not scratched before, during or after the mounting process. make sure contacts and housings used for assembly with ctvs components are clean before mounting. the surface temperature of an operating ctvs can be higher. ensure that adjacent components are placed at a sufficient distance from a ctvs to allow proper cooling. avoid contamination of the ctvs surface during processing. multilayer varistors (mlvs) with agpd termination are not approved for lead-free soldering. soldering complete removal of flux is recommended to avoid surface contamination that can result in an instable and/or high leakage current. use resin-type or non-activated flux. bear in mind that insufficient preheating may cause ceramic cracks. rapid cooling by dipping in solvent is not recommended, otherwise a component may crack. leaded transient voltage/rfi suppressors (shcvs) shcv series page 27 of 29 please read cautions and warnings and important notes at the end of this document.
conductive adhesive gluing only multilayer varistors (mlvs) with an agpd termination are approved for conductive adhesive gluing. operation use ctvs only within the specified operating temperature range. use ctvs only within specified voltage and current ranges. environmental conditions must not harm a ctvs. only use them in normal atmospheric conditions. reducing the atmosphere (e.g. hydrogen or nitrogen atmosphere) is prohibited. prevent a ctvs from contacting liquids and solvents. make sure that no water enters a ctvs (e.g. through plug terminals). avoid dewing and condensation. epcos ctvs components are mainly designed for encased applications. under all circumstances avoid exposure to:  direct sunlight  rain or condensation  steam, saline spray  corrosive gases  atmosphere with reduced oxygen content epcos ctvs devices are not suitable for switching applications or voltage stabilization where static power dissipation is required. multilayer varistors (mlvs) are designed for esd protection and transient suppression. ceradiodes are designed for esd protection only, esd/emi filters are designed for esd and emi protection only. this listing does not claim to be complete, but merely reflects the experience of epcos ag. leaded transient voltage/rfi suppressors (shcvs) shcv series page 28 of 29 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, digisimic, dssp, formfit, miniblue, minicell, mkk, mkd, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trade- marks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 29 of 29


▲Up To Search▲   

 
Price & Availability of SR1S14BM474XG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X