Part Number Hot Search : 
A5801093 2SB1184 BA6354 B7221 20N80 APT60D DEVICE ZMM10
Product Description
Full Text Search
 

To Download SK5822 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sk5820 thru SK5822 page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 3a surface mount schottky barrier rectifiers sk5820 thru SK5822 features z for surface mounted applications z low profile package z built-in strain relief z easy pick and place z plastic material used carries underwriters laboratory classification 94 v-0 z extremely low vf z majority carrier conduction z high temperature soldering: 250 c /10 seconds at terminals mechanical data z case: thin smc, dimensions in inches and (millimeters) z terminals: solder plated z polarity: indicated by cathode band z weight: 0.195 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol sk5820 sk5821 SK5822 units maximum recurrent peak reverse voltage v rrm 20 30 40 v maximum rms voltage v rms 14 21 28 v maximum dc blocking voltage v dc 20 30 40 v maximum average forward rectified current see fig.1 i o 3.0 a maximum overload surge 8.3ms single half sine-wave i fsm 80 a storage temperature range t stg -55 to + 150 operating temperature range t op -55 to + 125 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol sk5820 sk5821 SK5822 units maximum forward voltage at 3.0a ac and 25 v f 0.475 0.500 0.525 v maximum reverse current at 25 i r 0.5 ma .244(6.2) .228(5.8) .276(7.0) .260(6.6) .04(1.0) typ .189(4.8) .173(4.4) cathode .087(2.2) .071(1.8) .012(0.3) typ .320(8.12) ref .06(1.52) min .158(4.02) min soldering pad .185(4.69) max
sk5820 thru SK5822 page: 2 ratings and characteristic curve sk5820 thru SK5822 fig. 3 - typical reverse characteristics 100 10 1.0 .10 .01 .001 instantaneous reverse current, milliamperes 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage, (%) t j =125 t j =75 t j =25 fig. 2 - typical instantaneous forward characteristics 20 10 1.0 0.1 instantaneous forward current amperes .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1 instantaneous forward voltage, volts t j =25 pulse width=300us 1% duty cycle fig. 1 - forward current derating curve 3.0 2.25 1.5 0.75 0 average forward current amperes 0 25 50 75 100 125 150 175 single phase half wave 60h z resistive or inductive load lead temperature, p.c.b mounted on 0.30.3?(8.08.0mm) copper pad areas


▲Up To Search▲   

 
Price & Availability of SK5822

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X