Part Number Hot Search : 
D1595 VCO55BE VCO55BE MB9124 SZ5547 N6104 10124 H1P141X
Product Description
Full Text Search
 

To Download SDM40E20LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30298 rev. 3 - 2 1 of 3 SDM40E20LS www.diodes.com  diodes incorporated SDM40E20LS dual surface mount schottky barrier diode features single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 v rms reverse voltage v r(rms) 14 v forward continuous current (note 1) i fm 0.4 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 2a power dissipation (note 1) p d 225 mw typical thermal resistance junction to ambient (note 1) r  ja 444  c/w power dissipation (note 2) p d 300 mw typical thermal resistance junction to ambient (note 2) r  ja 333  c/w operating and storage temperature range t j, t stg -55 to +125  c a e j l top view m b c h g d k  very low forward voltage drop  guard ring construction for transient protection  high conductance  case: sot-23, plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  polarity: see diagram  leads: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 5, on page 3  marking: date code and type code  type code: ksw weight: 0.004 grams (approx.)  ordering information: see page 3 mechanical data electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min typ max unit test conditions reverse breakdown voltage (note 3) v (br)r 20  v i r = 0.5ma forward voltage drop v f     0.310 0.430 v i f = 0.1a i f = 0.5a leakage current (note 3) i r     100 250  a v r = 10v v r = 20v total capacitance c t  170  pf f = 1mhz, v r = 0vdc t c u d o r p w e n notes: 1. device mounted on fr-5 1.0 x 0.75 x 0.062 inch pcb pad layout as shown on diodes inc. suggested pad layout ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. device mounted on alumina pcb, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as shown on diodes inc. sugges ted pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. short duration test pulse used to minimize self-heating effect. sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm
ds30298 rev. 3 - 2 2 of 3 SDM40E20LS www.diodes.com t c u d o r p w e n 0 0.10 0.20 050100150 i , average f o rward current (a) f(av) t , terminal temperature ( c) t fig. 1 forward current derating curve, per element 0.30 0.40 25 75 125 0.1 1 10 0.01 0.001 0 1.0 0.6 0.8 0.4 0.2 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (v) f fig. 2 typical forward characteristics, per element t = 100oc a t = 75oc a t = 25oc a t=0oc a t = 125oc a t = -65oc a 0.001 0.1 0.01 100 1000 10,000 0 v , reverse voltage (v) r fig. 3 typical reverse characteristics, per element 10 20 10 1 t = -65oc a t = 25oc a t = 75oc a t = 100oc a t = 125oc a t = 0oc a 0 70 50 60 40 30 20 10 0 10 15 5 20 c,t o tal capacitance (pf) t v , reverse voltage (v) r fig. 4 typ. total capacitance vs reverse voltage, per element f = 1mhz
ds30298 rev. 3 - 2 3 of 3 SDM40E20LS www.diodes.com t c u d o r p w e n ordering information device packaging shipping SDM40E20LS-7 sot-23 3000/tape & reel notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free terminal plating part number, please add "-f" suffix to part number above. example: SDM40E20LS-7-f. marking information ksw ym ksw = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september (note 4) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd date code key year 2001 2002 2003 2004 2005 2006 2007 2008 2009 code mnpr st u vw


▲Up To Search▲   

 
Price & Availability of SDM40E20LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X