Part Number Hot Search : 
2SC3596C 2SK115 153K1 MRF20030 C220V BAS38608 080ASBEW PTS012A0
Product Description
Full Text Search
 

To Download R5000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chongqing pingyang electronics co.,ltd. r4000f thru R5000F high voltage fast trcovery rectifier voltage 4000-5000v current 0.2a features fast switching low leakage high current capability high surge capability high reliability mechanical data case : molded plastic epoxy : ul94v-0 rate flame retardant lead : mil-std- 202e, method 208 guaranteed polarity : color band denotes cathode end mounting position : any weight : 0.35 grams maximum ratings and electronical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz,resistive or inductive load. for capacitive load, derate current by 20%. symbol r4000f R5000F units maximum recurrent peak reverse voltage v rrm 4000 5000 v maximum rms voltage v rms 2800 3500 v maximum dc blocking voltage v dc 4000 5000 v maximum average forward rectified current at t a =50 c i o 0.2 a peak forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec method) i fsm 30 a maximum forward voltage drop per element at 0.2a dc v f 6.5 v maximum dc reverse current at rated dc blocking voltage t a =25 c 5.0 maximum full load reverse current average, full cycle .375 (9.5mm) lead length at t l =75 c i r 100 a maximum reverse recovery time (note) t rr 500 ns notes: test conditions: i f =0.5a, i r =1.0a, i rr =0.25a do-15 1.0(25.4) min. .034(0.9) .028(0.7) dia. .300(7.6) .230(5.8) 1.0(25.4) min. .140(3.6) .104(2.6) dia. dimensions in inches and (millimeters) pdf ?? "pdffactory pro" e www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of R5000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X