Part Number Hot Search : 
PCI9080 GMP4202 RF1660 PSB35T08 MCJ10A PD70F SK204 DS1822
Product Description
Full Text Search
 

To Download NA-822 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25 * all specifcations and photos are subject to change without notice. axiomtek.com overview soho series smb series accessories ? 2013 axiomtek co., ltd. all rights reserved. NA-822 1u rackmount network appliance platform with lga775 intel ? core?2 quad/ core?2 duo processor and 10 lans lga775 socket intel ? core?2 quad/core?2 duo/celeron ? processor supports ten 10/100/1000mbps ethernet ports (intel 82574l) ddr2 dimm memory up to 4gb un-buffer ecc supports two 2.5" sata hdd or one 3.5" sata hdd for data or proxy supports bios redirected to com port supports cavium cn16xx series accelerator onboard suitable for vpn, frewall and other network security applications ordering information packing list dimensions specifcations features rear view front view system cpu lga775 socket for intel ? core?2 quad/ core?2 duo desktop processor family or celeron processor 440 or celeron ? e1500 chipset intel ? 3210 + intel ? ich9r memory 2 x ddr2 533/667 dimm max. up to 4 gb (unbuffered ecc/non-ecc) bios award 16 mbit pnp flash bios with function of bios redirected to com port hdd interface interface 2 x 2.5" sata hdd (default) or 1 x 3.5" sata hdd (optional) network interface 10 x 10/100/1000mbps ethernet (intel ? 82574l) ssd 1 x compactflash?/dom option for usb type i/o interface 1 x console (rj type), 2 x usb connector, 10 x rj-45 connector watchdog timer 255 stepping for porting usb 2 x usb 2.0 port on front side, rest are internal pin headers expansion slot 1 x 32bit/33mhz minipci/1 x pcie x8 slot other features support 2 groups lan bypass for lan1 and lan2, lan3 and lan4 power supply 270w atx power os compatibility linux red hat 2.4 and 2.6, freebsd mechanical/ environmental form factor 1u rackmount led power, hdd, link/act with transfer rate (rj-45) operating temp. 0 ~ +45c (32f ~ 113f) storage temp. -20c ~ +70c (-4f ~ +158f) humidity 10% ~ 95% rh, non-condensing chassis material steel dimensions 44 mm (1.73") (h) x 427.8 mm (16.84") (w) x 392 mm (15.43") (d) weight (net/gross) 8.2 kg (17.64 lb)/9.8 kg (21.61 lb) certifcation fcc class a/ce class a standard NA-822-ragi w/cavium 1u high performance network appliance with lga775 socket for intel ? core?2 quad/core?2 duo processor and 10 10/100/1000mbps, cavium cn1605 NA-822-ragi w/o cavium 1u high performance network appliance with lga775 socket for intel ? core?2 quad/core?2 duo processor and 10 10/100/1000mbps optional ax92101 vga minipci module ck9a103 cable kit (p/n: 8816e821000e) * specifcations and certifcations are based on options and may vary. ** recommend ordering optional cable kit with frst order. 2 x sata cable 1 x power cord 1 x utility cd (user's manual and driver) 1 x db9f to rj-45 1.8m console cable (rc) introduction the NA-822 built around an intel 3210 plus ich9r chipset supporting intel ? core?2 quad, core?2 duo, intel ? celeron ? e1500 and celeron ? 440 processors with lga775 socket and a 1333 mhz fsb. the NA-822 supports two unbuffered ecc ddr2 dimm slots with memory up to 4gb and ten 10/100/1000mbps lan ports with up to 2-group lan bypass. the onboard cavium cn1605 vpn security co-processor supports multi-security protocol commands and is able to offload the cpu to increase overall system performance. for storing event log data, the NA-822 has powerful storage interfaces including one 2.5" sata hdd or one 3.5" sata hdd, and a compactflash card. to prevent problems from sudden shutdown, the communication appliance supports lan bypass function through wdt and gpio pin defnitions.


▲Up To Search▲   

 
Price & Availability of NA-822

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X