Part Number Hot Search : 
0509S RFHA1025 APT34N80 SZ505B 1N5407 CLAMP BUZ16 QTAN0016
Product Description
Full Text Search
 

To Download NA-360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 28 NA-360 1u rackmount network appliance platform with intel ? crystal forest (gladden platform) and up to 16 lans intel ? crystal forest (gladden platform) processor intel ? xeon ? and intel ? core? processors (gladden) two dimm sockets support up to 8 gb none-buffer ecc/ non-ecc memory (ddr3 1333, single channel) supports 8 10/100/1000mbps ethernet ports (intel ? i210at, default) 2 groups lan bypass function through latch relay (default) supports intel ? quickassist supports lan module expansion (supports copper and sfp fber; please refer to na-550 lan module selection) supports bios redirected to com port supports bios quick boot smart fan for better thermal and acoustic performance suitable for vpn, network bandwidth controller, frewall applications ordering information packing list dimensions specifcations features rear view front view system cpu intel ? celeron ? 725c 1.3 ghz/ pentium ? b915c 1.5 ghz support intel ? xeon e3-1105c/1125c (optional) chipset intel ? dh8900cc/ dh8903cc pch memory 4 x ddr3 1333 dimm socket max. up to 8 gb ecc/non-ecc memory (single channel) bios ami 64mbits pnp flash bios with function of bios redirected to com port hdd interface 1 x 2.5 sata hdd or 1 x 3.5 sata hdd network interface 8 x 10/100/1000mbps ethernet intel ? i210at (default), intel ? 82574l (optional). expandable up to 16 lan ports via 1 x lan module (ax93306/ax93312) ssd 1 x cfast? i/o interface 1 x rs-232 (rj-type connector), 2 x usb connector, 8 x rj-45 connector watchdog timer up to 8 stepping for porting usb 2 x usb 2.0 port on front side, rest are internal pin headers expansion slot 1 x pcie x8 1 x pci express mini card slot other features lan bypass function through latch relay (up to 4 groups, default is 2 groups) power supply 270w atx power supply os compatibility linux redhat kernel 2.6 mechanical/ environmental form factor 1u rackmount led power, hdd, link/act with transfer rate, lan bypass, gpio programmable (optional) operating temp. 0 ~ +45c (32f ~ 113f) storage temp. -20c ~ +70c (-4f ~ +158f) humidity 10% ~ 90% rh, non-condensing chassis material steel dimensions 44 mm (1.73") (h) x 427.8 mm (16.84") (w) x 430 mm (16.93") (d) weight (net/gross) 8.2 kg (18.08 lb)/9.8 kg (21.61 lb) certifcation fcc class a /ce class a standard NA-360-r8gi 1u network appliance with intel ? gladden? processor and 8 10/100/1000mbps optional ck9a104 cable kit (p/n: 8816e320010e) 59416112100e cable db9 (m) - rj-45, l: 1.5m straight cable * specifcations and certifcations are based on options and may vary. ** recommend ordering optional cable kit with frst order. 1 x sata cable 1 x utility cd (user's manual and driver) 1 x power cord introduction the NA-360 is a 1u rackmountable network security hardware platform for vpn, frewall and other network security applications. it supports intel ? crystal forest (gladden platform) with intel ? cave creek chipset and four ddr3 dual channel 1333 memory ddr3 1333 memory up to 8 gb. the NA-360 has powerful storage interfaces featuring one 2.5" sata hdd and one cfast?. to solve shutdown issue, the NA-360 supports lan bypass function through software program. besides, the model also supports the quickassist technology ipsec engine, virtualization and dpdk (data plane development kit). it provides high performance in ipsec/patten match/compression, and layer 3 routing performance in networking packets. new


▲Up To Search▲   

 
Price & Availability of NA-360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X